Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S-1111B28MC-NYNTFG Datasheet(PDF) 20 Page - Seiko Instruments Inc

No. de pieza S-1111B28MC-NYNTFG
Descripción Electrónicos  HIGH RIPPLE-REJECTION LOW DROPOUT
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SII [Seiko Instruments Inc]
Página de inicio  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1111B28MC-NYNTFG Datasheet(HTML) 20 Page - Seiko Instruments Inc

Back Button S-1111B28MC-NYNTFG Datasheet HTML 16Page - Seiko Instruments Inc S-1111B28MC-NYNTFG Datasheet HTML 17Page - Seiko Instruments Inc S-1111B28MC-NYNTFG Datasheet HTML 18Page - Seiko Instruments Inc S-1111B28MC-NYNTFG Datasheet HTML 19Page - Seiko Instruments Inc S-1111B28MC-NYNTFG Datasheet HTML 20Page - Seiko Instruments Inc S-1111B28MC-NYNTFG Datasheet HTML 21Page - Seiko Instruments Inc S-1111B28MC-NYNTFG Datasheet HTML 22Page - Seiko Instruments Inc S-1111B28MC-NYNTFG Datasheet HTML 23Page - Seiko Instruments Inc S-1111B28MC-NYNTFG Datasheet HTML 24Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1111/1121 Series
Rev.4.1_00
Seiko Instruments Inc.
20
(7) Ripple rejection
S-1111B15 (Ta
= 25 °C)
S-1111B30 (Ta
= 25 °C)
VIN
= 2.5 V, COUT = 2.2 μF
VIN
= 4.0 V, COUT = 2.2 μF
Frequency [Hz]
Frequency [Hz]
S-1111B50 (Ta
= 25 °C)
VIN
= 6.0 V, COUT = 2.2 μF
Frequency [Hz]
100
80
60
40
20
0
10
100
1 k
10 k
100 k
1 M
IOUT = 1 mA
30 mA
50 mA
100
80
60
40
20
0
10
100
1 k
10 k
100 k
1 M
IOUT = 1 mA
30 mA
50 mA
100
80
60
40
20
0
10
100
1 k
10 k
100 k
1 M
IOUT = 1 mA
30 mA
50 mA


Número de pieza similar - S-1111B28MC-NYNTFG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
S-1111A ETC2-S-1111A Datasheet
191Kb / 7P
   ROTARY CODED SWITCHES
S-1111A ETC2-S-1111A Datasheet
320Kb / 7P
   ROTARY CODED SWITCHES
S-1111AW ETC2-S-1111AW Datasheet
320Kb / 7P
   ROTARY CODED SWITCHES
More results

Descripción similar - S-1111B28MC-NYNTFG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seiko Instruments Inc
S1172 SII-S1172 Datasheet
554Kb / 35P
   HIGH RIPPLE-REJECTION LOW DROPOUT
S1155 SII-S1155 Datasheet
486Kb / 28P
   HIGH RIPPLE-REJECTION LOW DROPOUT
S1135 SII-S1135 Datasheet
924Kb / 48P
   HIGH RIPPLE-REJECTION LOW DROPOUT
S1701 SII-S1701 Datasheet
935Kb / 71P
   HIGH RIPPLE-REJECTION LOW DROPOUT
S1165 SII-S1165 Datasheet
397Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT
S13A1 SII-S13A1 Datasheet
1Mb / 75P
   HIGH RIPPLE-REJECTION LOW DROPOUT
S1112 SII-S1112 Datasheet
664Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT
S1170 SII-S1170 Datasheet
685Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT
S1132 SII-S1132 Datasheet
573Kb / 35P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT
SL2980 SII-SL2980 Datasheet
367Kb / 23P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com