Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
S-1112B23MC-L6ITFG Datasheet(PDF) 7 Page - Seiko Instruments Inc |
|
S-1112B23MC-L6ITFG Datasheet(HTML) 7 Page - Seiko Instruments Inc |
7 / 30 page HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR Rev.5.1_00 S-1112/1122 Series Seiko Instruments Inc. 7 Pin Configuration Table 3 (S-1112 Series) Pin No. Symbol Description 1 NC *1 No connection 2 VSS GND pin 3 ON/OFF Shutdown pin 4 VIN Input voltage pin SNT-6A(H) Top view 1 2 3 4 6 5 5 VSS GND pin 6 VOUT Output voltage pin Figure 2 *1. The NC pin is electrically open. The NC pin can be connected to VIN or VSS. Table 4 (S-1112 Series) Pin No. Symbol Description 1 VIN Input voltage pin 2 VSS GND pin 3 ON/OFF Shutdown pin 4 NC *1 No connection 5 VOUT Output voltage pin *1. The NC pin is electrically open. The NC pin can be connected to VIN or VSS. Table 5 5 4 1 3 2 SOT-23-5 Top view (S-1122 Series) Pin No. Symbol Description Figure 3 1 VOUT Output voltage pin 2 VSS GND pin 3 VIN Input voltage pin 4 ON/OFF Shutdown pin 5 NC *1 No connection *1. The NC pin is electrically open. The NC pin can be connected to VIN or VSS. |
Número de pieza similar - S-1112B23MC-L6ITFG |
|
Descripción similar - S-1112B23MC-L6ITFG |