Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
S-1121B55MC-N3OTFG Datasheet(PDF) 7 Page - Seiko Instruments Inc |
|
S-1121B55MC-N3OTFG Datasheet(HTML) 7 Page - Seiko Instruments Inc |
7 / 25 page HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR Rev.4.1_00 S-1111/1121 Series Seiko Instruments Inc. 7 Pin Configuration Table 3 (S-1111 Series) Pin No. Symbol Description 1 VIN Input voltage pin 2 VSS GND pin 3 ON/OFF Shutdown pin 4 NC *1 No connection 5 VOUT Output voltage pin *1. The NC pin is electrically open. The NC pin can be connected to VIN or VSS. Table 4 (S-1121 Series) Pin No. Symbol Description 5 4 1 3 2 SOT-23-5 Top view 1 VOUT Output voltage pin 2 VSS GND pin Figure 2 3 VIN Input voltage pin 4 ON/OFF Shutdown pin 5 NC *1 No connection *1. The NC pin is electrically open. The NC pin can be connected to VIN or VSS. |
Número de pieza similar - S-1121B55MC-N3OTFG |
|
Descripción similar - S-1121B55MC-N3OTFG |