Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S-1167B50-M5T1G Datasheet(PDF) 15 Page - Seiko Instruments Inc

No. de pieza S-1167B50-M5T1G
Descripción Electrónicos  ULTRA LOW CURRENT CONSUMPTION, HIGH RIPPLE REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SII [Seiko Instruments Inc]
Página de inicio  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1167B50-M5T1G Datasheet(HTML) 15 Page - Seiko Instruments Inc

Back Button S-1167B50-M5T1G Datasheet HTML 11Page - Seiko Instruments Inc S-1167B50-M5T1G Datasheet HTML 12Page - Seiko Instruments Inc S-1167B50-M5T1G Datasheet HTML 13Page - Seiko Instruments Inc S-1167B50-M5T1G Datasheet HTML 14Page - Seiko Instruments Inc S-1167B50-M5T1G Datasheet HTML 15Page - Seiko Instruments Inc S-1167B50-M5T1G Datasheet HTML 16Page - Seiko Instruments Inc S-1167B50-M5T1G Datasheet HTML 17Page - Seiko Instruments Inc S-1167B50-M5T1G Datasheet HTML 18Page - Seiko Instruments Inc S-1167B50-M5T1G Datasheet HTML 19Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
ULTRA LOW CURRENT CONSUMPTION, HIGH RIPPLE REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.2.3_00
S-1167 Series
Seiko Instruments Inc.
15
Precautions
• Wiring patterns for the VIN pin, VOUT pin and GND pin should be designed so that the impedance is low. When
mounting an output capacitor between the VOUT pin and VSS pin (CL) and a capacitor for stabilizing the input between
VIN pin and VSS pin (CIN), the distance from the capacitors to these pins should be as short as possible.
• Note that the output voltage may increase when a series regulator is used at low load current (10
µA or less).
• Note that the output voltage may increase due to driver leakage when a series regulator is used at high temperatures.
• Generally a series regulator may cause oscillation, depending on the selection of external parts. The following
conditions are recommended for this IC. However, be sure to perform sufficient evaluation under the actual usage
conditions for selection, including evaluation of temperature characteristics.
Input capacitor (CIN) : 1.0
µF or more
Output capacitor (CL) : 1.0
µF or more
Equivalent series resistance (RESR) : 1.0
Ω or less
• The voltage regulator may oscillate when the impedance of the power supply is high and the input capacitor is small or
an input capacitor is not connected.
• It is important to sufficiently evaluate the output voltage fluctuation due to the power supply fluctuation and load
fluctuation characteristics in the actual equipment.
• If the power supply suddenly increases sharply, a momentary overshoot may be output. It is therefore important to
sufficiently evaluate the output voltage at power application in the actual equipment.
• The application conditions for the input voltage, output voltage, and load current should not exceed the package power
dissipation.
• Do not apply an electrostatic discharge to this IC that exceeds the performance ratings of the built-in electrostatic
protection circuit.
• In determining the output current, attention should be paid to the output current value specified in Table 6 in the “
Electrical Characteristics
” and footnote *5 of the table.
• SII claims no responsibility for any disputes arising out of or in connection with any infringement by products including
this IC of patents owned by a third party.


Número de pieza similar - S-1167B50-M5T1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ABLIC Inc.
S-1167B50-M5T1X ABLIC-S-1167B50-M5T1X Datasheet
546Kb / 31P
   ULTRA LOW CURRENT CONSUMPTION, HIGH RIPPLE REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.2_02
More results

Descripción similar - S-1167B50-M5T1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ABLIC Inc.
S-1167 ABLIC-S-1167 Datasheet
546Kb / 31P
   ULTRA LOW CURRENT CONSUMPTION, HIGH RIPPLE REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.2_02
logo
Seiko Instruments Inc
S1312 SII-S1312 Datasheet
2Mb / 47P
   LOW CURRENT CONSUMPTION HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S1312XXXH SII-S1312XXXH Datasheet
2Mb / 38P
   OPERATION LOW CURRENT CONSUMPTION HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1112 SII-S-1112 Datasheet
388Kb / 29P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-L2980 ABLIC-S-L2980 Datasheet
447Kb / 23P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.5.1_02
S-1112 ABLIC-S-1112 Datasheet
494Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.6.1_02
logo
Seiko Instruments Inc
S-L2980 SII-S-L2980_1 Datasheet
327Kb / 23P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1112 SII-S-1112_1 Datasheet
412Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-T111 ABLIC-S-T111 Datasheet
363Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-1170 SII-S-1170 Datasheet
392Kb / 29P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com