Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
S-1132B36-U5T1G Datasheet(PDF) 6 Page - Seiko Instruments Inc |
|
S-1132B36-U5T1G Datasheet(HTML) 6 Page - Seiko Instruments Inc |
6 / 35 page HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR S-1132 Series Rev.3.2_00 6 Seiko Instruments Inc. Absolute Maximum Ratings Table 5 (Ta = 25°C unless otherwise specified) Item Symbol Absolute Maximum Rating Unit Input voltage VIN VSS − 0.3 to VSS + 7 V VON/OFF VSS − 0.3 to VIN + 0.3 V Output voltage VOUT VSS − 0.3 to VIN + 0.3 V 300 (When not mounted on board) mW SOT-23-5 600 *1 mW 500 (When not mounted on board) mW SOT-89-5 1000 *1 mW Power dissipation SNT-6A(H) PD 500 *1 mW Operating ambient temperature Topr −40 to + 85 °C Storage temperature Tstg −40 to + 125 °C *1. When mounted on board [Mounted Board] (1) Board size: 114.3 mm x 76.2 mm x t1.6 mm (2) Board name: JEDEC STANDARD51-7 Caution The absolute maximum ratings are rated values exceeding which the product could suffer physical damage. These values must therefore not be exceeded under any conditions. 0 50 100 150 1200 800 0 Ambient Temperature (Ta) [ °C] SOT-89-5 400 1000 600 200 SNT-6A(H) SOT-23-5 Figure 5 Power Dissipation of Package (When Mounted on Board) |
Número de pieza similar - S-1132B36-U5T1G |
|
Descripción similar - S-1132B36-U5T1G |