Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S-1132B38-U5T1G Datasheet(PDF) 10 Page - Seiko Instruments Inc

No. de pieza S-1132B38-U5T1G
Descripción Electrónicos  HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SII [Seiko Instruments Inc]
Página de inicio  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1132B38-U5T1G Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S-1132B38-U5T1G Datasheet HTML 6Page - Seiko Instruments Inc S-1132B38-U5T1G Datasheet HTML 7Page - Seiko Instruments Inc S-1132B38-U5T1G Datasheet HTML 8Page - Seiko Instruments Inc S-1132B38-U5T1G Datasheet HTML 9Page - Seiko Instruments Inc S-1132B38-U5T1G Datasheet HTML 10Page - Seiko Instruments Inc S-1132B38-U5T1G Datasheet HTML 11Page - Seiko Instruments Inc S-1132B38-U5T1G Datasheet HTML 12Page - Seiko Instruments Inc S-1132B38-U5T1G Datasheet HTML 13Page - Seiko Instruments Inc S-1132B38-U5T1G Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1132 Series
Rev.3.2_00
10
Seiko Instruments Inc.
Standard Circuit
VSS
VOUT
ON/OFF
VIN
CIN
*1
CL
*2
INPUT
OUTPUT
GND
Single GND
*1. CIN is a capacitor for stabilizing the input.
*2. A ceramic capacitor of 0.1
µF or more can be used for CL.
Figure 11
Caution
The above connection diagram and constant will not guarantee successful operation. Perform
thorough evaluation using the actual application to set the constant.
Application Conditions
Input capacitor (CIN):
0.1
µF or more
Output capacitor (CL):
0.1
µF or more
ESR of output capacitor:
2.0
Ω or less
Caution
A general series regulator may oscillate, depending on the external components selected. Check
that no oscillation occurs with the application using the above capacitor.
Selection of Input and Output Capacitors (CIN, CL)
The S-1132 Series requires an output capacitor between the VOUT and VSS pins for phase compensation. Operation is
stabilized by a ceramic capacitor with an output capacitance of 0.1
µF or more in the entire temperature range. However,
when using an OS capacitor, tantalum capacitor, or aluminum electrolytic capacitor, a ceramic capacitor with a capacitance
of 0.1
µF or more and an ESR of 2.0 Ω or less is required.
The value of the output overshoot or undershoot transient response varies depending on the value of the output capacitor.
The required capacitance of the input capacitor differs depending on the application.
The recommended value for an application is 0.1
µF or more for CIN and 0.1 µF or more for CL; however, when selecting the
output capacitor, perform sufficient evaluation, including evaluation of temperature characteristics, on the actual device.


Número de pieza similar - S-1132B38-U5T1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ABLIC Inc.
S-1132B38-U5T1X ABLIC-S-1132B38-U5T1X Datasheet
591Kb / 35P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.4.2_02
More results

Descripción similar - S-1132B38-U5T1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seiko Instruments Inc
S-1135 SII-S-1135 Datasheet
2Mb / 48P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1131 SII-S-1131 Datasheet
451Kb / 29P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1133 SII-S-1133 Datasheet
645Kb / 37P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE-OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1133 ABLIC-S-1133 Datasheet
727Kb / 38P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE-OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-1132B33-U5T1G SII-S-1132B33-U5T1G Datasheet
549Kb / 35P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1132 ABLIC-S-1132 Datasheet
591Kb / 35P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.4.2_02
S-1131 ABLIC-S-1131 Datasheet
463Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.4.1_02
logo
Seiko Instruments Inc
S-1172 SII-S-1172 Datasheet
654Kb / 34P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
Unisonic Technologies
L1136 UTC-L1136_12 Datasheet
290Kb / 9P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
L1136 UTC-L1136 Datasheet
229Kb / 9P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com