Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S-1172B41-E6T1G Datasheet(PDF) 12 Page - Seiko Instruments Inc

No. de pieza S-1172B41-E6T1G
Descripción Electrónicos  HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SII [Seiko Instruments Inc]
Página de inicio  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1172B41-E6T1G Datasheet(HTML) 12 Page - Seiko Instruments Inc

Back Button S-1172B41-E6T1G Datasheet HTML 8Page - Seiko Instruments Inc S-1172B41-E6T1G Datasheet HTML 9Page - Seiko Instruments Inc S-1172B41-E6T1G Datasheet HTML 10Page - Seiko Instruments Inc S-1172B41-E6T1G Datasheet HTML 11Page - Seiko Instruments Inc S-1172B41-E6T1G Datasheet HTML 12Page - Seiko Instruments Inc S-1172B41-E6T1G Datasheet HTML 13Page - Seiko Instruments Inc S-1172B41-E6T1G Datasheet HTML 14Page - Seiko Instruments Inc S-1172B41-E6T1G Datasheet HTML 15Page - Seiko Instruments Inc S-1172B41-E6T1G Datasheet HTML 16Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1172 Series
Rev.1.1_00
Seiko Instruments Inc.
12
Explanation of Terms
1. Low dropout voltage regulator
This IC’s voltage regulator has the low dropout voltage due to its built-in transistor with low on-resistance.
2. Output voltage (VOUT)
The accuracy of the output voltage is ensured at
±1.0% or ±15 mV
*2 under the specified conditions of fixed input
voltage
*1, fixed output current, and fixed temperature.
*1.
Differs depending on the product.
*2.
When VOUT < 1.5 V :
±15 mV, When 1.5 V ≤ VOUT : ±1.0%
Caution
If the above conditions change, the output voltage value may vary and exceed the accuracy
range of the output voltage. See “
Electrical Characteristics” and “
Characteristics (Typical
Data)” for details.
3. Line regulation
OUT
IN
OUT1
V
V
V
Indicates the dependency of the output voltage against the input voltage. That is, the value shows how much the
output voltage changes due to a change in the input voltage after fixing output current constant.
4. Load regulation (
∆VOUT2)
Indicates the dependency of the output voltage against the output current. That is, the value shows how much the
output voltage changes due to a change in the output current after fixing output current constant.
5. Dropout voltage (Vdrop)
Indicates the difference between the output voltage and the input voltage VIN1, which is the input voltage (VIN) when;
decreasing input voltage VIN gradually until the output voltage has dropped to the value of 98% of output voltage
VOUT3, which is at VIN = VOUT(S)
+ 1.0 V or 5.5 V.
Vdrop = VIN1
− (VOUT3 × 0.98)


Número de pieza similar - S-1172B41-E6T1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ABLIC Inc.
S-1172B41-E6T1X ABLIC-S-1172B41-E6T1X Datasheet
601Kb / 35P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.2.2_03
More results

Descripción similar - S-1172B41-E6T1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
L1136 UTC-L1136_12 Datasheet
290Kb / 9P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
L1136 UTC-L1136 Datasheet
229Kb / 9P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1155 ABLIC-S-1155 Datasheet
515Kb / 28P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.2.1_03
logo
Seiko Instruments Inc
S-1155 SII-S-1155 Datasheet
773Kb / 28P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
Unisonic Technologies
L1136 UTC-L1136_11 Datasheet
214Kb / 9P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
Seiko Instruments Inc
S-13A1 SII-S-13A1 Datasheet
3Mb / 74P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1172 ABLIC-S-1172 Datasheet
601Kb / 35P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.2.2_03
logo
Seiko Instruments Inc
S-1132 SII-S-1132 Datasheet
531Kb / 35P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1135 SII-S-1135 Datasheet
2Mb / 48P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1170 SII-S-1170 Datasheet
392Kb / 29P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com