Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S-1132B30-I6T2G Datasheet(PDF) 21 Page - Seiko Instruments Inc

No. de pieza S-1132B30-I6T2G
Descripción Electrónicos  HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SII [Seiko Instruments Inc]
Página de inicio  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1132B30-I6T2G Datasheet(HTML) 21 Page - Seiko Instruments Inc

Back Button S-1132B30-I6T2G Datasheet HTML 17Page - Seiko Instruments Inc S-1132B30-I6T2G Datasheet HTML 18Page - Seiko Instruments Inc S-1132B30-I6T2G Datasheet HTML 19Page - Seiko Instruments Inc S-1132B30-I6T2G Datasheet HTML 20Page - Seiko Instruments Inc S-1132B30-I6T2G Datasheet HTML 21Page - Seiko Instruments Inc S-1132B30-I6T2G Datasheet HTML 22Page - Seiko Instruments Inc S-1132B30-I6T2G Datasheet HTML 23Page - Seiko Instruments Inc S-1132B30-I6T2G Datasheet HTML 24Page - Seiko Instruments Inc S-1132B30-I6T2G Datasheet HTML 25Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.3.2_00
S-1132 Series
Seiko Instruments Inc.
21
(3) ON / OFF Pin Transient Response Characteristics (Ta = 25°C)
S-1132B15
VIN = 2.5 V, COUT = 0.1
µF, CIN = 0.1 µF, IOUT = 80 mA
S-1132B30
VIN = 4.0 V, COUT = 0.1
µF, CIN = 0.1 µF, IOUT = 80 mA
-0.4
0.2
5
4
3
2
1
0
-1
t [ms]
-0.2 0
0.4 0.6 0.8 1.0 1.2 1.4 1.6
6
4
2
0
-6
-4
-2
VON/OFF
VOUT
-0.4
0.2
10
8
6
4
2
0
-2
t [ms]
-0.2 0
0.4 0.6 0.8 1.0 1.2 1.4 1.6
6
4
2
0
-6
-4
-2
VOUT
VON/OFF
S-1132B50
VIN = 6.0 V, COUT = 0.1
µF, CIN = 0.1 µF, IOUT = 80 mA
-0.4
0.2
10
8
6
4
2
0
-2
t [ms]
-0.2 0
0.4 0.6 0.8 1.0 1.2 1.4 1.6
VOUT
VON/OFF
12
14
8
4
2
0
-8
-6
-4
-2
6
(4) Input transient response characteristics - Capacity Value characteristics (Ta = 25°C)
S-1132B15
VIN = 2.5 V
→ 4.5 V, tr = 5 µF, IOUT = 100 mA
VIN = 4.5 V
→ 2.5 V, tr = 5 µF, IOUT = 100 mA
-80
0
40
80
1.70
1.65
1.60
1.55
1.50
1.45
1.40
t [
µs]
4
2
0
-4
-2
6
-60 -40 -20
20
60
-6
C = 1.0
µ
C = 0.1
µ
VOUT
VIN
-80
0
40
80
1.8
1.7
1.6
1.5
1.4
1.3
1.2
t [
µs]
4
2
0
-4
-2
6
-60 -40 -20
20
60
-6
VOUT
VIN
C = 1.0
µ
C = 0.1
µ
(5) Load transient response characteristics - Capacity Value characteristics (Ta = 25°C)
S-1132B15
VIN = 2.5 V, IOUT = 1
→ 50 mA
VIN = 2.5 V, IOUT = 50
→ 1 mA
-100
0
40
100
2.2
2.0
1.8
1.6
1.4
1.2
1.0
t [
µs]
50
0
100
-60 -40 -20
20
60 80
-80
C = 1.0
µ
C = 0.1
µ
VOUT
IOUT
-200
0
100
200
2.2
2.0
1.8
1.6
1.4
1.2
1.0
t [
µs]
50
0
100
-150 -100 -50
50
150
C = 1.0
µ
C = 0.1
µ
VOUT
IOUT


Número de pieza similar - S-1132B30-I6T2G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ABLIC Inc.
S-1132B30-I6T2U ABLIC-S-1132B30-I6T2U Datasheet
591Kb / 35P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.4.2_02
More results

Descripción similar - S-1132B30-I6T2G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seiko Instruments Inc
S-1135 SII-S-1135 Datasheet
2Mb / 48P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1131 SII-S-1131 Datasheet
451Kb / 29P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1133 SII-S-1133 Datasheet
645Kb / 37P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE-OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1133 ABLIC-S-1133 Datasheet
727Kb / 38P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE-OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-1132B33-U5T1G SII-S-1132B33-U5T1G Datasheet
549Kb / 35P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1132 ABLIC-S-1132 Datasheet
591Kb / 35P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.4.2_02
S-1131 ABLIC-S-1131 Datasheet
463Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.4.1_02
logo
Seiko Instruments Inc
S-1172 SII-S-1172 Datasheet
654Kb / 34P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
Unisonic Technologies
L1136 UTC-L1136_12 Datasheet
290Kb / 9P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
L1136 UTC-L1136 Datasheet
229Kb / 9P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com