Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
S-1000C36-I4T1G Datasheet(PDF) 5 Page - Seiko Instruments Inc |
|
S-1000C36-I4T1G Datasheet(HTML) 5 Page - Seiko Instruments Inc |
5 / 38 page ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR Rev.2.3_00 S-1000 Series Seiko Instruments Inc. 5 2. 2 CMOS output products Table 2 Detection voltage range SC-82AB SOT-23-5 SNT-4A 1.5 V ± 1.0% S-1000C15-N4T1G S-1000C15-M5T1G S-1000C15-I4T1G 1.6 V ± 1.0% S-1000C16-N4T1G S-1000C16-M5T1G S-1000C16-I4T1G 1.7 V ± 1.0% S-1000C17-N4T1G S-1000C17-M5T1G S-1000C17-I4T1G 1.8 V ± 1.0% S-1000C18-N4T1G S-1000C18-M5T1G S-1000C18-I4T1G 1.9 V ± 1.0% S-1000C19-N4T1G S-1000C19-M5T1G S-1000C19-I4T1G 2.0 V ± 1.0% S-1000C20-N4T1G S-1000C20-M5T1G S-1000C20-I4T1G 2.1 V ± 1.0% S-1000C21-N4T1G S-1000C21-M5T1G S-1000C21-I4T1G 2.2 V ± 1.0% S-1000C22-N4T1G S-1000C22-M5T1G S-1000C22-I4T1G 2.3 V ± 1.0% S-1000C23-N4T1G S-1000C23-M5T1G S-1000C23-I4T1G 2.4 V ± 1.0% S-1000C24-N4T1G S-1000C24-M5T1G S-1000C24-I4T1G 2.5 V ± 1.0% S-1000C25-N4T1G S-1000C25-M5T1G S-1000C25-I4T1G 2.6 V ± 1.0% S-1000C26-N4T1G S-1000C26-M5T1G S-1000C26-I4T1G 2.7 V ± 1.0% S-1000C27-N4T1G S-1000C27-M5T1G S-1000C27-I4T1G 2.8 V ± 1.0% S-1000C28-N4T1G S-1000C28-M5T1G S-1000C28-I4T1G 2.9 V ± 1.0% S-1000C29-N4T1G S-1000C29-M5T1G S-1000C29-I4T1G 3.0 V ± 1.0% S-1000C30-N4T1G S-1000C30-M5T1G S-1000C30-I4T1G 3.1 V ± 1.0% S-1000C31-N4T1G S-1000C31-M5T1G S-1000C31-I4T1G 3.2 V ± 1.0% S-1000C32-N4T1G S-1000C32-M5T1G S-1000C32-I4T1G 3.3 V ± 1.0% S-1000C33-N4T1G S-1000C33-M5T1G S-1000C33-I4T1G 3.4 V ± 1.0% S-1000C34-N4T1G S-1000C34-M5T1G S-1000C34-I4T1G 3.5 V ± 1.0% S-1000C35-N4T1G S-1000C35-M5T1G S-1000C35-I4T1G 3.6 V ± 1.0% S-1000C36-N4T1G S-1000C36-M5T1G S-1000C36-I4T1G 3.7 V ± 1.0% S-1000C37-N4T1G S-1000C37-M5T1G S-1000C37-I4T1G 3.8 V ± 1.0% S-1000C38-N4T1G S-1000C38-M5T1G S-1000C38-I4T1G 3.9 V ± 1.0% S-1000C39-N4T1G S-1000C39-M5T1G S-1000C39-I4T1G 4.0 V ± 1.0% S-1000C40-N4T1G S-1000C40-M5T1G S-1000C40-I4T1G 4.1 V ± 1.0% S-1000C41-N4T1G S-1000C41-M5T1G S-1000C41-I4T1G 4.2 V ± 1.0% S-1000C42-N4T1G S-1000C42-M5T1G S-1000C42-I4T1G 4.3 V ± 1.0% S-1000C43-N4T1G S-1000C43-M5T1G S-1000C43-I4T1G 4.4 V ± 1.0% S-1000C44-N4T1G S-1000C44-M5T1G S-1000C44-I4T1G 4.5 V ± 1.0% S-1000C45-N4T1G S-1000C45-M5T1G S-1000C45-I4T1G 4.6 V ± 1.0% S-1000C46-N4T1G S-1000C46-M5T1G S-1000C46-I4T1G |
Número de pieza similar - S-1000C36-I4T1G |
|
Descripción similar - S-1000C36-I4T1G |