Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS175T48-5 Datasheet(PDF) 10 Page - STMicroelectronics

No. de pieza GS175T48-5
Descripción Electrónicos  120W/175W DC-DC CONVERTERS FAMILY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS175T48-5 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button GS175T48-5 Datasheet HTML 2Page - STMicroelectronics GS175T48-5 Datasheet HTML 3Page - STMicroelectronics GS175T48-5 Datasheet HTML 4Page - STMicroelectronics GS175T48-5 Datasheet HTML 5Page - STMicroelectronics GS175T48-5 Datasheet HTML 6Page - STMicroelectronics GS175T48-5 Datasheet HTML 7Page - STMicroelectronics GS175T48-5 Datasheet HTML 8Page - STMicroelectronics GS175T48-5 Datasheet HTML 9Page - STMicroelectronics GS175T48-5 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Figure 9. - GS175T48-5 with additional HS01 finned heatsink
Safety approvals
The converter is agency certified to the following safety requirements.
Agency
Requirements
License Number
UL
UL-STD-1950
E141284
CSA
CSA-STD-C22.2 No.234
(level 3)
LR 99794-2
TUV
EN 60950
DIN VDE 0805
R 9272137
® UL is a registered trademark of UNDERWRITERS LABORATORIES inc.
® CSA is a registered trademark of CANADIAN STANDARDS ASSOCIATION.
® TUV is a registered trademark of TUV Rheinland.
10/10
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsibility for the
consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No
license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specification mentioned
in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied.
SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express
written approval of SGS-THOMSON Microelectronics.
© 1994 SGS-THOMSON Microelectronics – All Rights Reserved
® UL is a registered trademark of UNDERWRITERS LABORATORIES inc.
® CSA is a registered trademark of CANADIAN STANDARDS ASSOCIATION.
® TUV is a registered trademark of TUV Rheinland.
SGS-THOMSON Microelectronics GROUP OF COMPANIES
Australia - Brazil - China - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands -
Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
GS120/175T48 FAMILY


Número de pieza similar - GS175T48-5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Allen-Bradley
GS1 ALLEN-BRADLEY-GS1 Datasheet
84Kb / 4P
   Non contact Switches
logo
Yuan Dean Scientific., ...
GS1 YUANDEAN-GS1 Datasheet
269Kb / 2P
   AC-DC Converter
GS1-S05 YUANDEAN-GS1-S05 Datasheet
269Kb / 2P
   AC-DC Converter
GS1-S05F YUANDEAN-GS1-S05F Datasheet
269Kb / 2P
   AC-DC Converter
GS1-S09 YUANDEAN-GS1-S09 Datasheet
269Kb / 2P
   AC-DC Converter
More results

Descripción similar - GS175T48-5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bel Fuse Inc.
LDD120 BEL-LDD120 Datasheet
575Kb / 5P
   120W DIN Rail DC/DC converters
logo
STMicroelectronics
GS70T300 STMICROELECTRONICS-GS70T300 Datasheet
91Kb / 10P
   70W/100W DC-DC CONVERTERS FAMILY
logo
Delta Electronics, Inc.
E48SH1R250NRFA DELTA-E48SH1R250NRFA_14 Datasheet
703Kb / 16P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules
logo
Future Technology Devic...
E48SH FTDI-E48SH Datasheet
568Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules
logo
Vicor Corporation
D048C010T010M2N VICOR-D048C010T010M2N Datasheet
439Kb / 14P
   DC-DC Converters Quarter Brick, 48 Vin Family
logo
Ningbo Leison Motor Co....
LS-Z5D120-5GU NINGBO-LS-Z5D120-5GU Datasheet
750Kb / 1P
   DC Motor 120W
logo
Murata Manufacturing Co...
MYPMA01218RCF-CAB MURATA-MYPMA01218RCF-CAB Datasheet
622Kb / 6P
   120W DC-DC converter(216W peak)
logo
BOSER Technology Co., L...
BPW-8110 BOSER-BPW-8110 Datasheet
156Kb / 1P
   120W DC-DC Open Frame Power Supply
logo
Mean Well Enterprises C...
DDR-120 MEANWELL-DDR-120 Datasheet
5Mb / 10P
   120W DIN Rail Rype DC-DC Converter
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com