Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ACTQ541 Datasheet(PDF) 3 Page - Fairchild Semiconductor

No. de pieza 74ACTQ541
Descripción Electrónicos  Quiet Series Octal Buffer/Line Driver with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACTQ541 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74ACTQ541_07 Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ541_07 Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ541_07 Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ541_07 Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ541_07 Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ541_07 Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ541_07 Datasheet HTML 7Page - Fairchild Semiconductor 74ACTQ541_07 Datasheet HTML 8Page - Fairchild Semiconductor 74ACTQ541_07 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
©1993 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74ACTQ541 Rev. 1.6.0
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to absolute maximum ratings.
Symbol
Parameter
Rating
VCC
Supply Voltage
–0.5V to +7.0V
IIK
DC Input Diode Current
VI = –0.5V
VI = VCC + 0.5V
–20mA
+20mA
VI
DC Input Voltage
–0.5V to VCC + 0.5V
IOK
DC Output Diode Current
VO = –0.5V
VO = VCC + 0.5V
–20mA
+20mA
VO
DC Output Voltage
–0.5V to VCC + 0.5V
IO
DC Output Source or Sink Current
±50mA
ICC or IGND DC VCC or Ground Current per Output Pin
±50mA
TSTG
Storage Temperature
–65°C to +150°C
DC Latch-Up Source or Sink Current
±300mA
TJ
Junction Temperature
140°C
Symbol
Parameter
Rating
VCC
Supply Voltage
4.5V to 5.5V
VI
Input Voltage
0V to VCC
VO
Output Voltage
0V to VCC
TA
Operating Temperature
–40°C to +85°C
∆V / ∆t
Minimum Input Edge Rate:
VIN from 0.8V to 2.0V, VCC @ 4.5V, 5.5V
125mV/ns


Número de pieza similar - 74ACTQ541_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74ACTQ541MTC FAIRCHILD-74ACTQ541MTC Datasheet
185Kb / 8P
   Quiet Series Octal Buffer/Line Driver with 3-STATE Outputs
74ACTQ541PC FAIRCHILD-74ACTQ541PC Datasheet
185Kb / 8P
   Quiet Series Octal Buffer/Line Driver with 3-STATE Outputs
74ACTQ541SC FAIRCHILD-74ACTQ541SC Datasheet
185Kb / 8P
   Quiet Series Octal Buffer/Line Driver with 3-STATE Outputs
74ACTQ541SCX-NL FAIRCHILD-74ACTQ541SCX-NL Datasheet
185Kb / 8P
   Quiet Series Octal Buffer/Line Driver with 3-STATE Outputs
More results

Descripción similar - 74ACTQ541_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74ACQ240 FAIRCHILD-74ACQ240_07 Datasheet
274Kb / 11P
   Quiet Series??Octal Buffer/Line Driver with 3-STATE Outputs
74ACQ240 FAIRCHILD-74ACQ240 Datasheet
95Kb / 10P
   Quiet Series. Octal Buffer/Line Driver with 3-STATE Outputs
74ACQ244 FAIRCHILD-74ACQ244 Datasheet
103Kb / 10P
   Quiet Series. Octal Buffer/Line Driver with 3-STATE Outputs
74ACTQ541 FAIRCHILD-74ACTQ541 Datasheet
185Kb / 8P
   Quiet Series Octal Buffer/Line Driver with 3-STATE Outputs
74ACQ244 FAIRCHILD-74ACQ244_07 Datasheet
307Kb / 12P
   Quiet Series??Octal Buffer/Line Driver with 3-STATE Outputs
74ACTQ244QSCX FAIRCHILD-74ACTQ244QSCX Datasheet
110Kb / 10P
   Quiet Series田?Octal Buffer/Line Driver with 3-STATE Outputs
logo
Texas Instruments
54ACQ240 TI1-54ACQ240 Datasheet
189Kb / 10P
[Old version datasheet]   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
logo
National Semiconductor ...
54ACTQ541 NSC-54ACTQ541 Datasheet
117Kb / 6P
   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
54ACQ244 NSC-54ACQ244 Datasheet
140Kb / 8P
   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
54ACTQ241 NSC-54ACTQ241 Datasheet
139Kb / 8P
   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com