Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS100T300-5 Datasheet(PDF) 1 Page - STMicroelectronics

No. de pieza GS100T300-5
Descripción Electrónicos  70W/100W DC-DC CONVERTERS FAMILY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS100T300-5 Datasheet(HTML) 1 Page - STMicroelectronics

  GS100T300-5 Datasheet HTML 1Page - STMicroelectronics GS100T300-5 Datasheet HTML 2Page - STMicroelectronics GS100T300-5 Datasheet HTML 3Page - STMicroelectronics GS100T300-5 Datasheet HTML 4Page - STMicroelectronics GS100T300-5 Datasheet HTML 5Page - STMicroelectronics GS100T300-5 Datasheet HTML 6Page - STMicroelectronics GS100T300-5 Datasheet HTML 7Page - STMicroelectronics GS100T300-5 Datasheet HTML 8Page - STMicroelectronics GS100T300-5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
GS70/100T300 Family
70W/100W DC-DC CONVERTERS FAMILY
June 1994
1/10
Type
Vi
Vo
Io
GS70T300-3.5
200 to 400 V
3,5 V
20 A
GS100T300-5
200 to 400 V
5,2 V
20 A
GS100T300-12
200 to 400 V
12,0 V
8,3 A
GS100T300-15
200 to 400 V
15,0 V
6,6 A
GS100T300-24
200 to 400 V
24,0 V
4,2 A
GS100T300-48
200 to 400 V
48,0 V
2,0 A
FEATURES
High input voltage range bus: 200 to 400Vdc
UL, TUV approved
High output power (up to 100W)
High efficiency (80% min. on GS100T300-5 mod-
ule)
Output voltages range: 3.5-5.2-12-15-24and 48V
Output voltage adjustable by external pin
Remote load voltage sense compensation
Output short-circuit protection
Output overvoltage protection
Undervoltage lock-out
Minimal overshoot during load transients
3750VRMS input to output isolation voltage
Internal input and output filtering
Softstart
PCB or chassis mountable
Mechanical Dimensions 101,6
• 50,8 • 20 mm
(4,00
• 2,00 • 0,79 inches)
DESCRIPTION
The GS70/100T300 family includes 70/100W DC-
DC converters used to generate isolated output
voltages with an output current up to 20A from a
wide range input voltage (200 to 400Vdc).
All the GS70/10 0T300 family modules require an
external fuse (1 Amps.) on the input side.


Número de pieza similar - GS100T300-5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
GS100 ETC2-GS100 Datasheet
163Kb / 2P
   Gold Seal Series Public Address Amplifiers
logo
MTU Onsite Energy Corpo...
GS100-6S MTU-GS100-6S Datasheet
546Kb / 4P
   GAS GENERATOR SET
logo
SUNMATE electronic Co.,...
GS1000F SUNMATE-GS1000F Datasheet
352Kb / 2P
   SURFACE MOUNT SILICON RECTIFIER DIODES
logo
Pan Jit International I...
GS1000FL PANJIT-GS1000FL Datasheet
102Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
GS1000FL PANJIT-GS1000FL Datasheet
132Kb / 3P
   SURFACE GENERAL PURPOSE RECTIFIERS
More results

Descripción similar - GS100T300-5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Artesyn Technologies
EXB100 ARTESYN-EXB100 Datasheet
59Kb / 2P
   54-100W DC/DC Isolated Converters
logo
List of Unclassifed Man...
MI-220 ETC1-MI-220 Datasheet
92Kb / 2P
   Military DC-DC Converters 50 to 100W
logo
Artesyn Technologies
BXB100 ARTESYN-BXB100 Datasheet
74Kb / 3P
   66-100W Wide Input DC/DC Converters
logo
Vicor Corporation
MI-200 VICOR-MI-200 Datasheet
86Kb / 2P
   Military DC-DC Converters 50 to 100W
logo
Artesyn Technologies
EXQ125 ARTESYN-EXQ125 Datasheet
49Kb / 2P
   36-100W High Efficiency DC/DC Converters
logo
STMicroelectronics
GS120 STMICROELECTRONICS-GS120 Datasheet
136Kb / 10P
   120W/175W DC-DC CONVERTERS FAMILY
logo
TDK Electronics
CN-A24 TDK-CN-A24 Datasheet
112Kb / 2P
   50 & 100W 14.4 to 36VDC Input DC-DC Converters
logo
Murata Manufacturing Co...
MDC_UCE MURATA-MDC_UCE Datasheet
281Kb / 16P
   Isolated, High-Density, Eighth-Brick 100W DC/DC Converters
logo
Toppower Electronic Tec...
TP100DH TOPPOWER-TP100DH Datasheet
741Kb / 3P
   100W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
logo
Vicor Corporation
D048C010T010M2N VICOR-D048C010T010M2N Datasheet
439Kb / 14P
   DC-DC Converters Quarter Brick, 48 Vin Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com