Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADG715BRU Datasheet(PDF) 11 Page - Analog Devices |
|
ADG715BRU Datasheet(HTML) 11 Page - Analog Devices |
11 / 16 page ADG714/ADG715 –11– REV. B VOLTAGE – V 0 0 1.0 0.5 2.0 1.5 VDD = 3V VSS = GND TA = 25 C 3.0 0.04 0.02 –0.02 –0.04 ID (OFF) IS (OFF) IS, ID (ON) 2.5 TPC 7. Leakage Currents as a Function of VD (VS) VOLTAGE – V 0 –2 –1 0 ID (OFF) IS (OFF) IS, ID (ON) 0.04 0.02 –0.02 –0.04 2 1 VDD = +2.5V VSS = –2.5V TA = 25 C TPC 8. Leakage Currents as a Function of VD (VS) Dual Supply TEMPERATURE – C 0 10 20 30 70 40 0.1 0.05 –0.05 –0.1 60 50 IS, ID (ON) ID (OFF) IS (OFF) VDD = +2.75V VSS = –2.75V VD = +2.25V/–1.25V VS = –1.25V/+2.25V VDD = +5V VSS = GND VD = 4.5V/1V VS = 1V/4.5V 80 TPC 9. Leakage Currents as Function of Temperature TEMPERATURE – C 0 10 20 30 70 40 0.1 0.05 –0.05 –0.1 60 50 ID, IS (ON) IS (OFF) ID (OFF) VDD = 3V VSS = GND VD = 3V/1V VS = 1V/3V 80 TPC 10. Leakage Currents as a Function of Temperature FREQUENCY – Hz 0 30k –120 –100 –80 –60 –40 –20 100k 1M 10M 100M VDD = 5V TA = 25 C TPC 11. Off Isolation vs. Frequency FREQUENCY – Hz –14 300M –12 –10 –8 –6 –4 0 –2 100M 10M 1M 100k 30k TPC 12. On Response vs. Frequency |
Número de pieza similar - ADG715BRU |
|
Descripción similar - ADG715BRU |