Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9744ARU Datasheet(PDF) 7 Page - Analog Devices

No. de pieza AD9744ARU
Descripción Electrónicos  14-Bit, 210 MSPS TxDAC짰 D/A Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9744ARU Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9744ARU Datasheet HTML 3Page - Analog Devices AD9744ARU Datasheet HTML 4Page - Analog Devices AD9744ARU Datasheet HTML 5Page - Analog Devices AD9744ARU Datasheet HTML 6Page - Analog Devices AD9744ARU Datasheet HTML 7Page - Analog Devices AD9744ARU Datasheet HTML 8Page - Analog Devices AD9744ARU Datasheet HTML 9Page - Analog Devices AD9744ARU Datasheet HTML 10Page - Analog Devices AD9744ARU Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
AD9744
Rev. B | Page 7 of 32
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
14
13
12
11
17
16
15
20
19
18
10
9
8
1
2
3
4
7
6
5
28
27
26
25
24
23
22
21
NC = NO CONNECT
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
(LSB) DB0
CLOCK
DVDD
DCOM
MODE
AVDD
RESERVED
IOUTA
IOUTB
ACOM
NC
FS ADJ
REFIO
REFLO
SLEEP
DB10
DB11
DB12
(MSB) DB13
AD9744
TOP VIEW
(Not to Scale)
Figure 3. 28-Lead SOIC and TSSOP
24 FS ADJ
23 REFIO
22 ACOM
21 IOUTA
DB7 1
DB6 2
DVDD 3
20 IOUTB
19 ACOM
18 AVDD
17 AVDD
DB5 4
DB4 5
DB3 6
DB2 7
DB1 8
AD9744
TOP VIEW
(Not to Scale)
PIN 1
INDICATOR
NC = NO CONNECT
Figure 4. 32-Lead LFCSP
Table 5. Pin Function Descriptions
SOIC/TSSOP
Pin No.
LFCSP
Pin No.
Mnemonic
Description
1
27
DB13
Most Significant Data Bit (MSB).
2 to 13
28 to 32,
1, 2, 4 to 8
DB12 to
DB1
Data Bits 12 to 1.
14
9
DB0
Least Significant Data Bit (LSB).
15
25
SLEEP
Power-Down Control Input. Active high. Contains active pull-down circuit; it may be left
unterminated if not used.
16
N/A
REFLO
Reference Ground when Internal 1.2 V Reference Used. Connect to ACOM for both internal
and external reference operation modes.
17
23
REFIO
Reference Input/Output. Serves as reference input when using external reference. Serves as
1.2 V reference output when using internal reference. Requires 0.1 µF capacitor to ACOM
when using internal reference.
18
24
FS ADJ
Full-Scale Current Output Adjust.
19
N/A
NC
No Internal Connection.
20
19, 22
ACOM
Analog Common.
21
20
IOUTB
Complementary DAC Current Output. Full-scale current when all data bits are 0s.
22
21
IOUTA
DAC Current Output. Full-scale current when all data bits are 1s.
23
N/A
RESERVED
Reserved. Do not connect to common or supply.
24
17, 18
AVDD
Analog Supply Voltage (3.3 V).
25
16
MODE
Selects Input Data Format. Connect to DCOM for straight binary, DVDD for twos complement.
N/A
15
CMODE
Clock Mode Selection. Connect to CLKCOM for single-ended clock receiver (drive CLK+ and
float CLK−). Connect to CLKVDD for differential receiver. Float for PECL receiver (terminations
on-chip).
26
10, 26
DCOM
Digital Common.
27
3
DVDD
Digital Supply Voltage (3.3 V).
28
N/A
CLOCK
Clock Input. Data latched on positive edge of clock.
N/A
12
CLK+
Differential Clock Input.
N/A
13
CLK−
Differential Clock Input.
N/A
11
CLKVDD
Clock Supply Voltage (3.3 V).
N/A
14
CLKCOM
Clock Common.


Número de pieza similar - AD9744ARU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9744ARU AD-AD9744ARU Datasheet
1Mb / 32P
   14-Bit, 210 MSPS TxDAC짰 D/A Converter
Rev. C
AD9744ARURL7 AD-AD9744ARURL7 Datasheet
1Mb / 32P
   14-Bit, 210 MSPS TxDAC짰 D/A Converter
Rev. C
AD9744ARUZ AD-AD9744ARUZ Datasheet
1Mb / 32P
   14-Bit, 210 MSPS TxDAC짰 D/A Converter
Rev. C
AD9744ARUZRL7 AD-AD9744ARUZRL7 Datasheet
1Mb / 32P
   14-Bit, 210 MSPS TxDAC짰 D/A Converter
Rev. C
More results

Descripción similar - AD9744ARU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9744 AD-AD9744_V01 Datasheet
1Mb / 32P
   14-Bit, 210 MSPS TxDAC짰 D/A Converter
Rev. C
AD9760ARZ AD-AD9760ARZ Datasheet
413Kb / 23P
   10-Bit, 125 MSPS TxDAC짰 D/A Converter
REV. B
AD9708ARUZ AD-AD9708ARUZ Datasheet
249Kb / 16P
   8-Bit, 100 MSPS TxDAC짰 D/A Converter
REV. B
AD9760ARRL AD-AD9760ARRL Datasheet
413Kb / 23P
   10-Bit, 125 MSPS TxDAC짰 D/A Converter
REV. B
AD9760ARUZ AD-AD9760ARUZ Datasheet
413Kb / 23P
   10-Bit, 125 MSPS TxDAC짰 D/A Converter
REV. B
AD9410 AD-AD9410 Datasheet
315Kb / 20P
   10-Bit, 210 MSPS A/D Converter
REV. 0
logo
Renesas Technology Corp
ISL5961 RENESAS-ISL5961 Datasheet
966Kb / 14P
   14-Bit, 3.3V, 130/210MSPS, High Speed D/A Converter
logo
Intersil Corporation
ISL5961IBZ INTERSIL-ISL5961IBZ Datasheet
664Kb / 14P
   14-Bit, 3.3V, 130/210MSPS, High Speed D/A Converter
October 7, 2015
ISL5961 INTERSIL-ISL5961_04 Datasheet
682Kb / 13P
   14-Bit, 3.3V, 130/210MSPS, High Speed D/A Converter
logo
Analog Devices
AD9740ARRL AD-AD9740ARRL Datasheet
1Mb / 32P
   10-Bit, 210 MSPS TxDAC D/A Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com