Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74VHC14 Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza 74VHC14
Descripción Electrónicos  Hex Schmitt Inverter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC14 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74VHC14_99 Datasheet HTML 1Page - Fairchild Semiconductor 74VHC14_99 Datasheet HTML 2Page - Fairchild Semiconductor 74VHC14_99 Datasheet HTML 3Page - Fairchild Semiconductor 74VHC14_99 Datasheet HTML 4Page - Fairchild Semiconductor 74VHC14_99 Datasheet HTML 5Page - Fairchild Semiconductor 74VHC14_99 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions (Note 2)
Note 1: Absolute maximum ratings are values beyond which the device
may be damaged or have its useful life impaired. The data book specifica-
tions should be met, without exception, to ensure that the system design is
reliable over its power supply, temperature, and output/input loading vari-
ables. Fairchild does not recommend operation outside databook specifica-
tions.
Note 2: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Noise Characteristics
Note 3: Parameter guaranteed by design.
Supply Voltage (VCC)
−0.5V to +7.0V
DC Input Voltage (VIN)
−0.5V to +7.0V
DC Output Voltage (VOUT)
−0.5V to V
CC + 0.5V
Input Diode Current (IIK)
−20 mA
Output Diode Current (IOK)
±20 mA
DC Output Current (IOUT)
±25 mA
DC VCC/GND Current (ICC)
±50 mA
Storage Temperature (TSTG)
−65°C to +150°C
Lead Temperature (TL)
Soldering (10 seconds)
260
°C
Supply Voltage (VCC)
+2.0V to +5.5V
Input Voltage (VIN)0V to +5.5V
Output Voltage (VOUT)
0V to VCC
Operating Temperature (TOPR)
−40°C to +85°C
Symbol
Parameter
VCC
TA = 25°CTA = −40°C to +85°C
Units
Conditions
Min
Typ
Max
Min
Max
VP
Positive Threshold Voltage
3.0
2.20
2.20
4.5
3.15
3.15
V
5.5
3.85
3.85
VN
Negative Threshold Voltage
3.0
0.90
0.90
4.5
1.35
1.35
V
5.5
1.65
1.65
VH
Hysteresis Voltage
3.0
0.30
1.20
0.30
1.20
4.5
0.40
1.40
0.40
1.40
V
5.5
0.50
1.60
0.50
1.60
VOH
HIGH Level Output Voltage
2.0
1.9
2.0
1.9
VIN =VIL
3.0
2.9
3.0
2.9
V
IOH = −50 µA
4.5
4.4
4.5
4.4
3.0
2.58
2.48
V
IOH = −4 mA
4.5
3.94
3.80
IOH = −8 mA
VOL
LOW Level Output Voltage
2.0
0.0
0.1
0.1
VIN = VIH
3.0
0.0
0.1
0.1
V
IOL = 50 µA
4.5
0.0
0.1
0.1
3.0
0.36
0.44
V
IOL = 4 mA
4.5
0.36
0.44
IOL = 8 mA
IIN
Input Leakage Current
0–5.5
±0.1
±1.0
µAV
IN = 5.5V or GND
ICC
Quiescent Supply Current
5.5
2.0
20.0
µAV
IN = VCC or GND
Symbol
Parameter
VCC
TA = 25°C
Units
Conditions
Typ
Limits
VOLP
(Note 3)
Quiet Output Maximum Dynamic VOL
5.0
0.4
0.8
V
CL = 50 pF
VOLV
(Note 3)
Quiet Output Minimum Dynamic VOL
5.0
−0.4
−0.8
V
CL = 50 pF
VIHD
(Note 3)
Minimum HIGH Level Dynamic Input Voltage
5.0
3.5
V
CL = 50 pF
VILD
(Note 3)
Maximum LOW Level Dynamic Input Voltage
5.0
1.5
V
CL = 50 pF


Número de pieza similar - 74VHC14_99

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74VHC14BQ NEXPERIA-74VHC14BQ Datasheet
623Kb / 16P
   Hex inverting Schmitt trigger
74VHC14D NEXPERIA-74VHC14D Datasheet
623Kb / 16P
   Hex inverting Schmitt trigger
logo
Toshiba Semiconductor
74VHC14FT TOSHIBA-74VHC14FT Datasheet
166Kb / 8P
   CMOS Digital Integrated Circuits Silicon Monolithic
logo
STMicroelectronics
74VHC14M STMICROELECTRONICS-74VHC14M Datasheet
220Kb / 11P
   HEX SCHMITT INVERTER
logo
Fairchild Semiconductor
74VHC14M FAIRCHILD-74VHC14M Datasheet
75Kb / 8P
   Hex Schmitt Inverter
More results

Descripción similar - 74VHC14_99

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
   HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
Toshiba Semiconductor
TC74VHCT14AF TOSHIBA-TC74VHCT14AF Datasheet
211Kb / 5P
   HEX SCHMITT INVERTER
TC74VHC14F TOSHIBA-TC74VHC14F_07 Datasheet
255Kb / 9P
   Hex Schmitt Inverter
logo
STMicroelectronics
M74HC14 STMICROELECTRONICS-M74HC14_08 Datasheet
320Kb / 14P
   Hex Schmitt inverter
logo
ON Semiconductor
74VHCT14A ONSEMI-74VHCT14A Datasheet
223Kb / 8P
   Hex Schmitt Inverter
December 2007 Rev. 1.5.0
MC74VHC14 ONSEMI-MC74VHC14_11 Datasheet
124Kb / 7P
   Hex Schmitt Inverter
May, 2011 ??Rev. 10
logo
Toshiba Semiconductor
TC74LVX14F TOSHIBA-TC74LVX14F Datasheet
242Kb / 7P
   HEX SCHMITT INVERTER
logo
STMicroelectronics
74AC14 STMICROELECTRONICS-74AC14 Datasheet
174Kb / 7P
   HEX SCHMITT INVERTER
74ACT14 STMICROELECTRONICS-74ACT14_01 Datasheet
178Kb / 8P
   HEX SCHMITT INVERTER
logo
Toshiba Semiconductor
TC74AC14F TOSHIBA-TC74AC14F Datasheet
255Kb / 6P
   HEX SCHMITT INVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com