Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
1N4002 Datasheet(PDF) 1 Page - DIOTEC Electronics Corporation |
|
1N4002 Datasheet(HTML) 1 Page - DIOTEC Electronics Corporation |
1 / 2 page MAXIMUM RATINGS & ELECTRICAL CHARACTERISTICS FEATURES Data Sheet No. GPDP-101-1B MECHANICAL SPECIFICATION 1 AMP GENERAL PURPOSE SILICON DIODES Tel.: (310) 767-1052 Fax: (310) 767-7958 DIOTEC ELECTRONICS CORP. Gardena, CA 90248 U.S.A 18020 Hobart Blvd., Unit B Average Forward Rectified Current @ T = 75 C (Lead length = 0.375 in. (9.5 mm)) PARAMETER (TEST CONDITIONS) Maximum DC Blocking Voltage Peak Forward Surge Current (8.3 mSec single half sine wave superimposed on rated load) Maximum Forward Voltage at 1 Amp DC Typical Thermal Resistance, Junction to Ambient (Note 1) Operating and Storage Temperature Range Maximum Average DC Reverse Current At Rated DC Blocking Voltage Maximum Peak Recurrent Reverse Voltage Maximum RMS Voltage Series Number I I R T T I V V V SYMBOL RATINGS VOLTS °C/W °C AMPS UNITS VOLTS A V I Typical Junction Capacitance (Note 2) C pF @ T = 25 C @ T = 100 C Low cost Low leakage Low forward voltage drop High current capacity Easily cleaned with freon, alcohol, chlorothene and similar solvents Case: JEDEC DO-41, molded epoxy (U/L Flammability Rating 94V-0) Terminals: Plated axial leads Soldering: Per MIL-STD 202 Method 208 guaranteed Polarity: Color band denotes cathode Mounting Position: Any Weight: 0.012 Ounces (0.34 Grams) H1 MECHANICAL DATA ACTUAL SIZE OF DO-41 PACKAGE Sym In mm Minimum Maximum BL BD LL LD 1.00 0.028 In mm 0.107 0.205 0.034 5.2 2.7 0.86 0.160 0.103 25.4 0.71 4.1 2.6 Color Band Denotes Cathode LD (Dia) BD (Dia) LL BL LL Maximum Full Cycle Reverse Current @ T = 75 C (Note 1) SERIES 1N4001 - 1N4007 DO - 41 RoHS COMPLIANT |
Número de pieza similar - 1N4002 |
|
Descripción similar - 1N4002 |