Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AL-HG636A Datasheet(PDF) 4 Page - A-BRIGHT Inc

No. de pieza AL-HG636A
Descripción Electrónicos  Green SMD Chip LED Lamps (0.6mm Height)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  A-BRIGHT [A-BRIGHT Inc]
Página de inicio  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

AL-HG636A Datasheet(HTML) 4 Page - A-BRIGHT Inc

  AL-HG636A Datasheet HTML 1Page - A-BRIGHT Inc AL-HG636A Datasheet HTML 2Page - A-BRIGHT Inc AL-HG636A Datasheet HTML 3Page - A-BRIGHT Inc AL-HG636A Datasheet HTML 4Page - A-BRIGHT Inc AL-HG636A Datasheet HTML 5Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2006/10/11
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
SURFACE MOUNT CHIP LED LAMPS
Part Number: AL-HG636A
Typical Optical-Electrical Characteristic Curves


Número de pieza similar - AL-HG636A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
A-BRIGHT Inc
AL-HG636A A-BRIGHT-AL-HG636A_09 Datasheet
207Kb / 5P
   0603 Package Pure Green SMD Chip LED Lamps (0.6mm Height)
More results

Descripción similar - AL-HG636A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
A-BRIGHT Inc
AL-HGE36A A-BRIGHT-AL-HGE36A Datasheet
339Kb / 5P
   Super Yellow Green SMD Chip LED Lamps (0.6mm Height)
2006/12/5
AL-HUB36A A-BRIGHT-AL-HUB36A Datasheet
338Kb / 5P
   Super Red SMD Chip LED Lamps (0.6mm Height)
2007/3/14
AL-HJF36A A-BRIGHT-AL-HJF36A Datasheet
338Kb / 5P
   Super Amber SMD Chip LED Lamps (0.6mm Height)
2006/10/11
AL-HKB36A A-BRIGHT-AL-HKB36A Datasheet
339Kb / 5P
   Super Yellow SMD Chip LED Lamps (0.6mm Height)
2006/10/11
AL-HG636A A-BRIGHT-AL-HG636A_09 Datasheet
207Kb / 5P
   0603 Package Pure Green SMD Chip LED Lamps (0.6mm Height)
AL-HG436A A-BRIGHT-AL-HG436A Datasheet
338Kb / 5P
   0603 Package Bluish Green SMD Chip LED Lamps (0.6mm Height)
2006/10/11
AL-HB436A A-BRIGHT-AL-HB436A_09 Datasheet
207Kb / 5P
   0603 Package Blue SMD Chip LED Lamps (0.6mm Height)
AL-HW436A A-BRIGHT-AL-HW436A_09 Datasheet
207Kb / 5P
   0603 Package White SMD Chip LED Lamps (0.6mm Height)
AL-HUB36A A-BRIGHT-AL-HUB36A_09 Datasheet
207Kb / 5P
   0603 Package Red SMD Chip LED Lamps (0.6mm Height)
AL-HKB36A A-BRIGHT-AL-HKB36A_09 Datasheet
207Kb / 5P
   0603 Package Yellow SMD Chip LED Lamps (0.6mm Height)
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com