Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMTA5-700-55 Datasheet(PDF) 1 Page - SEMPO ELECTRONIC Limited

No. de pieza SMTA5-700-55
Descripción Electrónicos  Phase Control Thyristor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEMPO [SEMPO ELECTRONIC Limited]
Página de inicio  
Logo SEMPO - SEMPO ELECTRONIC Limited

SMTA5-700-55 Datasheet(HTML) 1 Page - SEMPO ELECTRONIC Limited

  SMTA5-700-55 Datasheet HTML 1Page - SEMPO ELECTRONIC Limited SMTA5-700-55 Datasheet HTML 2Page - SEMPO ELECTRONIC Limited SMTA5-700-55 Datasheet HTML 3Page - SEMPO ELECTRONIC Limited SMTA5-700-55 Datasheet HTML 4Page - SEMPO ELECTRONIC Limited SMTA5-700-55 Datasheet HTML 5Page - SEMPO ELECTRONIC Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Symbol
Test Conditions
Unit
Value
Parameter
A
kA
I
GT
I
TAVM
I
TRMS
I
TSM
2
i t
(di/dt)
cr
(dv/dt)
cr
I
/I
RRM
DRM
V
RRM
V
DRM
V
RSM
V
TM
r
T
V
GT
V
GD
I
GD
I
H
I
L
2
i t-value
average on-state current
maximum RMS
on-state current
surge-current
critical rate of rise
of on-state current
critical rate of rise
of off-state volvage
off-state Leakage current
reverse repeat
Peak value voltage
off state repeat
Peak value voltage
non-repetitive
peak reverse voltage
on-state voltage
slope resistance
gate trigger voltage
gate trigger current
gate non-trigger voltage
gate non-trigger current
holding current
latching current
O
T =100 C
C
T =T
VJ
VJM
O
T =25 C; t =10ms
C
P
T =T
; t =10ms
VJ
VJM
P
T =T
; V =0.67·V
;
VJ
VJM
D
DRM
f=50 Hz; i =3A;
GM
di /dt=6A/µs
G
T =T
; V =0.67·V
;
VJ
VJM
D
DRM
gate open
T =T
; V =V
; V =V
VJ
VJM
R
RRM
D
DRM
O
T =T
; 180 C sine wave,
VJ
VJM
50 Hz; gate open
T =T
VJ
VJM
T =T
; I =1000A
VJ
VJM
TM
T =T
VJ
VJM
O
T =25 C; V =12V; gate open
VJ
D
O
T =25 C; V =12V
VJ
D
T =T
; V =0.67·V
VJ
VJM
D
DRM
T =T
; V =0.67·V
VJ
VJM
D
DRM
O
T =25 C; V =12V;
VJ
D
t =20µs; i =3A;
G
GM
di /dt=6A/µs
G
A
2
kA ·s
A/
µs
V/
µs
mA
V
V
V
V
mW
V
mA
V
mA
mA
mA
700
1650
10
11
500
605
250
1000
200
5000-6500
5000-6500
5100-6600
2.19
0.97
2.5
250
0.4
10
350
400
O
T =25 C; V =12V
VJ
D
Phase Control Thyristor
SMTA5-700
Type
V
RSM
V
,
RRM
V
DRM
SMT
- 00-
SMTA5-700-52
SMTA5-700-55
SMTA5-700-60
SMTA5-700-65
A5 7
50
5100
5300
5600
6100
6600
5000
5200
5500
6000
6500
O
T =25 C; t =10ms
C
P
T =T
; t =10ms
VJ
VJM
P
SEMPO Electronic Limited
www.sempoel.com


Número de pieza similar - SMTA5-700-55

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SEMPO ELECTRONIC Limite...
SMTA5-300 SEMPO-SMTA5-300 Datasheet
280Kb / 5P
   Phase Control Thyristor
SMTA5-300-50 SEMPO-SMTA5-300-50 Datasheet
280Kb / 5P
   Phase Control Thyristor
SMTA5-300-52 SEMPO-SMTA5-300-52 Datasheet
280Kb / 5P
   Phase Control Thyristor
SMTA5-300-55 SEMPO-SMTA5-300-55 Datasheet
280Kb / 5P
   Phase Control Thyristor
SMTA5-300-60 SEMPO-SMTA5-300-60 Datasheet
280Kb / 5P
   Phase Control Thyristor
More results

Descripción similar - SMTA5-700-55

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Dynex Semiconductor
DCR1279SD DYNEX-DCR1279SD Datasheet
71Kb / 9P
   Phase Control Thyristor
DCR1575SY DYNEX-DCR1575SY Datasheet
109Kb / 8P
   Phase Control Thyristor
DCR1673SZ DYNEX-DCR1673SZ Datasheet
118Kb / 8P
   Phase Control Thyristor
DCR1020SF DYNEX-DCR1020SF Datasheet
187Kb / 10P
   Phase Control Thyristor
DCR1478SY DYNEX-DCR1478SY Datasheet
111Kb / 8P
   Phase Control Thyristor
DCR1596SW DYNEX-DCR1596SW Datasheet
176Kb / 10P
   Phase Control Thyristor
logo
Power Semiconductors
AT1228 POSEICO-AT1228 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT607 POSEICO-AT607 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT875LT POSEICO-AT875LT Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT603 POSEICO-AT603 Datasheet
36Kb / 3P
   PHASE CONTROL THYRISTOR
logo
Dynex Semiconductor
DCR370T18 DYNEX-DCR370T18_15 Datasheet
696Kb / 9P
   Phase Control Thyristor
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com