Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL29013IROZ-T7 Datasheet(PDF) 6 Page - Intersil Corporation

No. de pieza ISL29013IROZ-T7
Descripción Electrónicos  Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29013IROZ-T7 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL29013IROZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL29013IROZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL29013IROZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL29013IROZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL29013IROZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL29013IROZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL29013IROZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL29013IROZ-T7 Datasheet HTML 9Page - Intersil Corporation ISL29013IROZ-T7 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
FN6485.0
February 13, 2008
Control Register 01(hex)
The Read/Write control register has three functions:
1. Interrupt flag; Bit 5. This is the status bit of the interrupt.
The bit is set to logic high when the interrupt thresholds
have been triggered, and logic low when not yet
triggered. Writing a logic low clears/resets the status bit.
2. Range/Gain; Bits 3 and 2. The Full Scale Range can be
adjusted by an external resistor Rext and/or it can be
adjusted via I2C using the Gain/Range function.
Gain/Range has four possible values, Range(k) where k
is 1 through 4. Table 9 lists the possible values of
Range(k) and the resulting FSR for some typical value
REXT resistors.
Interrupt persist; Bits 1 and 0. The interrupt pin and the
interrupt flag is triggered/set when the data sensor reading is
out of the interrupt threshold window after m consecutive
number of integration cycles. The interrupt persist bits
determine m.
Interrupt Threshold HI Register 02(hex)
This register sets the HI threshold for the interrupt pin and
the interrupt flag. By default the Interrupt threshold HI is
FF(hex). The 8-bit data written to the register represents the
upper MSB of a 16-bit value. The LSB is always 00(hex).
Interrupt Threshold LO Register 03(hex)
This register sets the LO threshold for the interrupt pin and
the interrupt flag. By default the Interrupt threshold LO is
00(hex). The 8-bit data written to the register represents the
upper MSB of a 16-bit value. The LSB is always 00(hex).
Sensor Data Register 04(hex) and 05(hex)
When the device is configured to output a signed 15-bit data,
the most significant byte is accessed at 04(hex), and the
least significant byte can be accessed at 05(hex). The
sensor data register is refreshed after very integration cycle.
Timer Data Register 06(hex) and 07(hex)
Note that the timer counter value is only available when
using the External Timing Mode. The 06(hex) and 07(hex)
are the LSB and MSB respectively of a 16-bit timer counter
value corresponding to the most recent sensor reading.
Each clock cycle increments the counter. At the end of each
integration period, the value of this counter is made available
over the I2C. This value can be used to eliminate noise
introduced by slight timing errors caused by imprecise
external timing. Microcontrollers, for example, often cannot
provide high-accuracy command-to-command timing, and
the timer counter value can be used to eliminate the
resulting noise.
Calculating Lux
The ISL29013’s output codes, DATA, are directly
proportional to lux.
The proportionality constant
α is determined by the Full
Scale Range (FSR), and the n-bit ADC which is user defined
in the command register. The proportionality constant can
also be viewed as the resolution; The smallest lux
measurement the device can measure is
α.
Full Scale Range (FSR), is determined by the software
programmable Range/Gain, Range(k), in the command
register and an external scaling resistor REXT which is
referenced to 100k
Ω.
TABLE 8. INTERRUPT FLAG
BIT 5
OPERATION
0
Interrupt is cleared or not triggered yet
1
Interrupt is triggered
TABLE 9. RANGE/GAIN TYPICAL FSR LUX RANGES
BITS
3:2
k RANGE(k)
FSR LUX
RANGE@
REXT = 100k
FSR LUX
RANGE@
REXT = 50k
FSR LUX
RANGE@
REXT = 500k
0:0
1
2,000
2,000
4,000
400
0:1
2
8,000
8,000
16,000
1,600
1:0
3
32,000
32,000
64,000
6,400
1:1
4
128,000
128,000
256,000
25,600
TABLE 10. INTERRUPT PERSIST
BITS 1:0
NUMBER OF INTEGRATION CYCLES
0:0
1
0:1
4
1:0
8
1:1
16
TABLE 11. DATA REGISTERS
ADDRESS
(hex)
CONTENTS
04
Least-significant byte of most recent sensor reading.
05
Most-significant byte of most recent sensor reading.
06
Least-significant byte of timer counter value
corresponding to most recent sensor reading.
07
Most-significant byte of timer counter value
corresponding to most recent sensor reading.
E
α DATA
×
=
(EQ. 1)
α
FSR
2
n
------------
=
(EQ. 2)
(EQ. 3)
FSR
Range k
() 100kΩ
R
EXT
------------------
×
=
ISL29013


Número de pieza similar - ISL29013IROZ-T7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL29013IROZ-T7 RENESAS-ISL29013IROZ-T7 Datasheet
868Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
More results

Descripción similar - ISL29013IROZ-T7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL29013 RENESAS-ISL29013 Datasheet
868Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
logo
Intersil Corporation
ISL29003 INTERSIL-ISL29003 Datasheet
270Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL29003IROZ INTERSIL-ISL29003IROZ Datasheet
374Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
November 17, 2011
ISL29003 INTERSIL-ISL29003_07 Datasheet
258Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL29004 INTERSIL-ISL29004 Datasheet
293Kb / 17P
   Light-to-Digital Output Sensor with Address Selection, High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL76683AROZ-T7 INTERSIL-ISL76683AROZ-T7 Datasheet
480Kb / 17P
   Light-to-Digital Output Sensor with Gain Selection,Interrupt Function and I2C Interface
March 24, 2014
logo
Renesas Technology Corp
ISL76683 RENESAS-ISL76683 Datasheet
850Kb / 18P
   Light-to-Digital Output Sensor with Gain Selection, Interrupt Function and I2C Interface
logo
Intersil Corporation
ISL29012 INTERSIL-ISL29012 Datasheet
587Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Bus?
logo
Renesas Technology Corp
ISL29012 RENESAS-ISL29012 Datasheet
930Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Bus?
ISL29010 RENESAS-ISL29010 Datasheet
843Kb / 13P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, and I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com