Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
KF52 Datasheet(PDF) 9 Page - STMicroelectronics |
|
KF52 Datasheet(HTML) 9 Page - STMicroelectronics |
9 / 17 page KF00 9/17 ELECTRICAL CHARACTERISTICS FOR KF52 (refer to the test circuits, Tj = 25°C, CI =0.1 µF, CO =2.2 µF unless otherwise specified.) ELECTRICAL CHARACTERISTICS FOR KF55 (refer to the test circuits, Tj = 25°C, CI =0.1 µF, CO =2.2 µF unless otherwise specified.) Symbol Parameter Test Conditions Min. Typ. Max. Unit VO Output Voltage IO =50 mA, VI = 7.2 V 5.096 5.2 5.304 V IO =50 mA, VI =7.2 V, Ta = -25 to 85°C 4.992 5.408 VI Operating Input Voltage IO = 500 mA 20 V IO Output Current Limit 1 A ∆V O Line Regulation VI = 6.2 to 20 V, IO =5 mA 3 18 mV ∆V O Load Regulation VI =6.5 V, IO = 5 to 500 mA 2 50 mV Id Quiescent Current VI = 6.2 to 20V, IO = 0mA (ON MODE) 0.5 1 mA VI = 6.5 to 20V, IO =500mA 12 VI =6 V (OFF MODE) 50 100 µA SVR Supply Voltage Rejection IO =5mA VI =7.2 ± 1 V f = 120 Hz 76 dB f= 1KHz 71 f= 10 KHz 60 eN Output Noise Voltage B = 10 Hz to 100 KHz 50 µV Vd Dropout Voltage IO = 200 mA 0.2 0.35 V IO = 500 mA 0.4 0.7 VIL Control Input Logic Low Ta = -40 to 125°C 0.8 V VIH Control Input Logic High Ta = -40 to 125°C 2 V II Control Input Current VI =6 V, VC =6V 10 µA CO Output Bypass Capacitance ESR = 0.1 to 10 Ω IO = 0 to 500 mA 2 10 µF Symbol Parameter Test Conditions Min. Typ. Max. Unit VO Output Voltage IO =50 mA, VI = 7.5 V 5.39 5.5 5.61 V IO =50 mA, VI =7.5 V, Ta = -25 to 85°C 5.28 5.72 VI Operating Input Voltage IO = 500 mA 20 V IO Output Current Limit 1 A ∆V O Line Regulation VI = 6.5 to 20 V, IO =5 mA 3 18 mV ∆V O Load Regulation VI =6.8 V, IO = 5 to 500 mA 2 50 mV Id Quiescent Current VI = 6.5 to 20V, IO = 0mA (ON MODE) 0.5 1 mA VI = 6.8 to 20V, IO =500mA 12 VI =6 V (OFF MODE) 50 100 µA SVR Supply Voltage Rejection IO =5mA VI =7.5 ± 1 V f = 120 Hz 76 dB f= 1KHz 71 f= 10 KHz 60 eN Output Noise Voltage B = 10 Hz to 100 KHz 50 µV Vd Dropout Voltage IO = 200 mA 0.2 0.35 V IO = 500 mA 0.4 0.7 VIL Control Input Logic Low Ta = -40 to 125°C 0.8 V VIH Control Input Logic High Ta = -40 to 125°C 2 V II Control Input Current VI =6 V, VC =6V 10 µA CO Output Bypass Capacitance ESR = 0.1 to 10 Ω IO = 0 to 500 mA 2 10 µF |
Número de pieza similar - KF52 |
|
Descripción similar - KF52 |