Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMH6559MFX Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza LMH6559MFX
Descripción Electrónicos  High-Speed, Closed-Loop Buffer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6559MFX Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMH6559MFX Datasheet HTML 1Page - National Semiconductor (TI) LMH6559MFX Datasheet HTML 2Page - National Semiconductor (TI) LMH6559MFX Datasheet HTML 3Page - National Semiconductor (TI) LMH6559MFX Datasheet HTML 4Page - National Semiconductor (TI) LMH6559MFX Datasheet HTML 5Page - National Semiconductor (TI) LMH6559MFX Datasheet HTML 6Page - National Semiconductor (TI) LMH6559MFX Datasheet HTML 7Page - National Semiconductor (TI) LMH6559MFX Datasheet HTML 8Page - National Semiconductor (TI) LMH6559MFX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
5V Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 5V, V= 0V, V
O =VCM =V
+/2 and R
L = 100
Ω to V+/2.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 8)
Typ
(Note 7)
Max
(Note 8)
Units
CP
1dB Compression point
f = 10MHz
+7
dBm
SNR
Signal to Noise Ratio
f > 100kHz, BW = 5MHz,
V
O = 350mVrms
92
dB
Static, DC Performance
A
CL
Small Signal Voltage Gain
V
O = 100mVPP
R
L = 100
Ω to V+/2
.97
.996
V/V
V
O = 100mVPP
R
L =2k
Ω to V+/2
.99
.998
V
OS
Input Offset Voltage
1.52
12
16
mV
TC V
OS
Temperature Coefficient Input
Offset Voltage
(Note 11)
23
µV/˚C
I
B
Input Bias Current
(Note 9)
−5
−8
−2.7
µA
TC I
B
Temperature Coefficient Input
Bias Current
(Note 11)
1.6
nA/˚C
R
OUT
Output Resistance
R
L = 100
Ω to V+/2, f = 100kHz
1.4
R
L = 100
Ω to V+/2, f = 10MHz
1.6
PSRR
Power Supply Rejection Ratio
V
S = +5V to VS = +5.5V,
V
IN =VS/2
48
44
68
dB
I
S
Supply Current
No Load
4.7
7
8.5
mA
Miscellaneous Performance
R
IN
Input Resistance
22
k
C
IN
Input Capacitance
2.0
pF
V
O
Output Swing Positive
R
L = 100
Ω to V+/2
3.80
3.75
3.88
V
R
L =2k
Ω to V+/2
3.94
3.92
3.98
Output Swing Negative
R
L = 100
Ω to V+/2
1.12
1.20
1.25
V
R
L =2k
Ω to V+/2
1.03
1.06
1.09
I
SC
Output short circuit Current
Sourcing: V
IN =+VS,VO =V
+/2
−57
mA
Sinking: V
IN =−VS,VO =V
+/2
26
I
O
Linear Output Current
Sourcing: V
IN -VO = 0.5V
(Note 9)
−50
−43
−64
mA
Sinking: V
IN -VO = −0.5V
(Note 9)
30
23
42
3V Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 3V, V= 0V, V
O =VCM =V
+/2 and R
L = 100
Ω to V+/2.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 8)
Typ
(Note 7)
Max
(Note 8)
Units
Frequency Domain Response
SSBW
Small Signal Bandwidth
V
O < 0.5VPP
315
MHz
GFN
Gain Flatness < 0.1dB
V
O < 0.5VPP
44
MHz
www.national.com
4


Número de pieza similar - LMH6559MFX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LMH6559MFX NSC-LMH6559MFX Datasheet
1Mb / 22P
   High-Speed, Closed-Loop Buffer
logo
Texas Instruments
LMH6559MFX/NOPB TI1-LMH6559MFX/NOPB Datasheet
1Mb / 36P
[Old version datasheet]   High-Speed, Closed-Loop Buffer
More results

Descripción similar - LMH6559MFX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LMH6559 NSC-LMH6559 Datasheet
1Mb / 22P
   High-Speed, Closed-Loop Buffer
logo
Texas Instruments
LMH6559 TI1-LMH6559 Datasheet
1Mb / 36P
[Old version datasheet]   High-Speed, Closed-Loop Buffer
BUF602IDBVTG4 TI-BUF602IDBVTG4 Datasheet
955Kb / 27P
[Old version datasheet]   High-Speed, Closed-Loop Buffer
BUF602 TI-BUF602 Datasheet
483Kb / 22P
[Old version datasheet]   High-Speed, Closed-Loop Buffer
logo
Analog Devices
BUF04 AD-BUF04 Datasheet
437Kb / 16P
   Closed-Loop High Speed Buffer
REV. 0
BUF04 AD-BUF04_15 Datasheet
365Kb / 16P
   Closed-Loop High Speed Buffer
REV. 0
logo
National Semiconductor ...
LMH6560 NSC-LMH6560_04 Datasheet
1Mb / 23P
   Quad, High-Speed, Closed-Loop Buffer
LMH6560 NSC-LMH6560 Datasheet
1Mb / 23P
   Quad, High-Speed, Closed-Loop Buffer
logo
Intersil Corporation
HFA1412 INTERSIL-HFA1412 Datasheet
23Kb / 4P
   Quad, High Speed, Low Power, Video Closed Loop Buffer
June 1994
HFA1212883 INTERSIL-HFA1212883 Datasheet
36Kb / 5P
   Dual, High Speed, Low Power, Video Closed Loop Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com