Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8197BASTZ Datasheet(PDF) 1 Page - Analog Devices

No. de pieza AD8197BASTZ
Descripción Electrónicos  4:1 HDMI/DVI Switch with Equalization
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8197BASTZ Datasheet(HTML) 1 Page - Analog Devices

  AD8197BASTZ Datasheet HTML 1Page - Analog Devices AD8197BASTZ Datasheet HTML 2Page - Analog Devices AD8197BASTZ Datasheet HTML 3Page - Analog Devices AD8197BASTZ Datasheet HTML 4Page - Analog Devices AD8197BASTZ Datasheet HTML 5Page - Analog Devices AD8197BASTZ Datasheet HTML 6Page - Analog Devices AD8197BASTZ Datasheet HTML 7Page - Analog Devices AD8197BASTZ Datasheet HTML 8Page - Analog Devices AD8197BASTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
4:1 HDMI/DVI Switch with Equalization
AD8197B
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©200
8 Analog Devices, Inc. All rights reserved.
FEATURES
4 inputs, 1 output HDMI/DVI links
Enables HDMI 1.3-compliant receiver
Pin-to-pin compatible with the AD8197A
4 TMDS channels per link
Supports 250 Mbps to 2.25 Gbps data rates
Supports 25 MHz to 225 MHz pixel clocks
Equalized inputs allow use of long HDMI cables
(20 meters at 2.25 Gbps)
Fully buffered unidirectional inputs/outputs
Per input switchable, 50 Ω on-chip terminations
Switchable output 50 Ω on-chip terminations
Pre-emphasized outputs
Low added jitter
Single-supply operation (3.3 V)
4 auxiliary channels per link
Bidirectional unbuffered inputs/outputs
Flexible supply operation (3.3 V to 5 V)
HDCP standard compatible
Allows switching of DDC bus and 2 additional signals
Output disable feature
Reduced power dissipation
Removable output termination
Allows building of larger arrays
Two AD8197Bs support HDMI/DVI dual link
Standards compatible: HDMI receiver, HDCP, DVI
Serial (I2C slave) and parallel control interface
100-lead, 14 mm × 14 mm LQFP, Pb-free package
APPLICATIONS
Multiple input displays
Projectors
A/V receivers
Set-top boxes
Advanced television (HDTV) sets
TYPICAL APPLICATION
DVD PLAYER
GAME CONSOLE
SET-TOP BOX
MEDIA CENTER
HDTV SET
HDMI
RECEIVER
AD8197B
04:20
Figure 1. Typical HDTV Application
FUNCTIONAL BLOCK DIAGRAM
LOW SPEED UNBUFFERED
HIGH SPEED
BUFFERED
AVCC
DVCC
AMUXVCC
AVEE
DVEE
VTTO
OP[3:0]
AUX_COM[3:0]
ON[3:0]
+
4
BIDIRECTIONAL
I2C_SDA
I2C_SCL
I2C_ADDR[2:0]
VTTI
VTTI
IP_A[3:0]
IN_A[3:0]
+
IP_B[3:0]
IN_B[3:0]
+
IP_C[3:0]
IN_C[3:0]
+
IP_D[3:0]
IN_D[3:0]
AUX_C[3:0]
AUX_B[3:0]
AUX_A[3:0]
AUX_D[3:0]
+
4
4
4
4
4
4
4
4
4
4
4
4
EQ
SWITCH
CORE
SWITCH
CORE
CONTROL
LOGIC
CONFIG
INTERFACE
3
2
2
SERIAL
PARALLEL
RESET
PE
4
4
AD8197B
Figure 2.
GENERAL DESCRIPTION
The AD8197B is an HDMI™/DVI switch featuring equalized
TMDS® inputs and pre-emphasized TMDS outputs, ideal for
systems with long cable runs. The AD8197B offers individual
control of the on/off state of the TMDS input termination
resistors via I2C® control. Outputs can be set to a high
impedance state to reduce the power dissipation and/or to allow
the construction of larger arrays using the wire-OR technique.
The AD8197B is provided in a 100-lead LQFP, Pb-free, surface-
mount package, specified to operate over the −40°C to +85°C
temperature range.
PRODUCT HIGHLIGHTS
1.
Supports data rates up to 2.25 Gbps, enabling 1080p deep
color (12-bit color) HDMI formats and greater than UXGA
(1600 × 1200) DVI resolutions.
2.
Input cable equalizer enables use of long cables at the input
(more than 20 meters of 24 AWG cable at 2.25 Gbps).
3.
Auxiliary switch routes a DDC bus and two additional signals
for a single-chip, HDMI 1.3 receive-compliant solution.


Número de pieza similar - AD8197BASTZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8197 AD-AD8197 Datasheet
700Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
PrA
AD8197-EVAL AD-AD8197-EVAL Datasheet
700Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
PrA
AD8197A AD-AD8197A Datasheet
771Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197A-EVALZ AD-AD8197A-EVALZ Datasheet
771Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197AASTZ AD-AD8197AASTZ Datasheet
771Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
More results

Descripción similar - AD8197BASTZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8191AASTZ-RL AD-AD8191AASTZ-RL Datasheet
837Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197 AD-AD8197_15 Datasheet
842Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8191 AD-AD8191_15 Datasheet
848Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197A AD-AD8197A_07 Datasheet
771Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197 AD-AD8197 Datasheet
700Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
PrA
AD8197A AD-AD8197A_15 Datasheet
772Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8191 AD-AD8191 Datasheet
975Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8191A AD-AD8191A_15 Datasheet
837Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
ADV3000 AD-ADV3000 Datasheet
781Kb / 28P
   3:1 HDMI/DVI Switch with Equalization
REV. 0
AD8196 AD-AD8196 Datasheet
533Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com