Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8273 Datasheet(PDF) 6 Page - Analog Devices

No. de pieza AD8273
Descripción Electrónicos  Dual-Channel, Audio Difference Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8273 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8273 Datasheet HTML 2Page - Analog Devices AD8273 Datasheet HTML 3Page - Analog Devices AD8273 Datasheet HTML 4Page - Analog Devices AD8273 Datasheet HTML 5Page - Analog Devices AD8273 Datasheet HTML 6Page - Analog Devices AD8273 Datasheet HTML 7Page - Analog Devices AD8273 Datasheet HTML 8Page - Analog Devices AD8273 Datasheet HTML 9Page - Analog Devices AD8273 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD8273
Rev. 0 | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
VS = ±15 V, TA = 25°C, G = ½, difference amplifier configuration, unless otherwise noted.
0
20
40
60
80
100
–500
–250
0
250
500
N: 1641
MEAN: –9.5
SD: 228.4
VOSO ±15V (µV/V)
Figure 4. Typical Distribution of System Offset Voltage,
G = ½, Referred to Output
CMRR ±15V (µV/V)
0
20
40
60
80
100
120
–150
–100
–50
0
50
100
150
N: 1649
MEAN: –0.59
SD: 37.3
Figure 5. Typical Distribution of CMRR, G = ½, Referred to Input
TEMPERATURE (°C)
–80
–70
–60
–50
–40
–30
–20
–10
0
10
20
30
40
50
60
70
–45 –30 –15
0
15
30
45
60
75
90
105 120
REPRESENTATIVE SAMPLES
Figure 6. CMRR vs. Temperature, Normalized at 25°C
TEMPERATURE (°C)
–45 –30 –15
0
15
30
45
60
75
90
105 120
–500
–400
–300
–200
–100
0
100
200
300
400
500
REPRESENTATIVE SAMPLES
Figure 7. System Offset vs. Temperature, Normalized at 25°C,
Referred to Output
TEMPERATURE (°C)
–45 –30 –15
0
15
30
45
60
75
90
105 120
–200
–150
–100
–50
0
50
100
150
REPRESENTATIVE SAMPLES
Figure 8. Gain Error vs. Temperature, Normalized at 25°C
OUTPUT VOLTAGE (V)
–50
–40
–30
–20
–10
0
10
20
30
40
50
–15
–10
–5
0
5
10
15
+13.5, –26.5
+13.5, +26.5
–13.5, –26.5
–13.5, +26.5
0, –40
0, +40
G = ½
Figure 9. Input Common-Mode Voltage vs. Output Voltage,
Gain = ½, ±15 V Supplies


Número de pieza similar - AD8273

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8273 AD-AD8273 Datasheet
152Kb / 4P
   Precision, Dual-Channel Difference Amplifier
Rev. PrA
AD8273 AD-AD8273 Datasheet
144Kb / 4P
   Dual-Channel Audio Difference Amplifier
Rev. PrA
logo
Aavid, Thermal Division...
AD8273 AAVID-AD8273 Datasheet
375Kb / 16P
   Very Low Distortion, Precision Difference Amplifier
AD8273 AAVID-AD8273 Datasheet
398Kb / 16P
   G = 0.2, Level Translation, 16-Bit ADC Driver
logo
Analog Devices
AD8273 AD-AD8273 Datasheet
513Kb / 24P
   Low Power, Wide Supply Range, Low Cost Difference Amplifiers,
REV. C
More results

Descripción similar - AD8273

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8273 AD-AD8273 Datasheet
144Kb / 4P
   Dual-Channel Audio Difference Amplifier
Rev. PrA
AD8270 AD-AD8270_08 Datasheet
605Kb / 20P
   Precision Dual-Channel, Difference Amplifier
REV. 0
AD8720 AD-AD8720_08 Datasheet
605Kb / 20P
   Precision Dual-Channel, Difference Amplifier
AD8270 AD-AD8270 Datasheet
152Kb / 4P
   Precision, Dual-Channel Difference Amplifier
Rev. PrA
AD8270 AD-AD8270_16 Datasheet
464Kb / 20P
   Precision Dual-Channel Difference Amplifier
AD8273 AD-AD8273_V01 Datasheet
329Kb / 16P
   Very Low Distortion, Dual-Channel, High Precision Difference Amplifier
Rev. B
logo
Linear Technology
LT1193 LINER-LT1193 Datasheet
565Kb / 12P
   Video Difference Amplifier
logo
Shenzhen Huazhimei Semi...
HM4809 HMSEMI-HM4809 Datasheet
626Kb / 7P
   dual channel audio power amplifier
logo
Guangdong Youtai Semico...
LM833 UMW-LM833 Datasheet
866Kb / 5P
   Dual channel audio operational amplifier
logo
Unisonic Technologies
PC1316 UTC-PC1316_15 Datasheet
213Kb / 4P
   DUAL CHANNEL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com