Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9785BSVZRL Datasheet(PDF) 10 Page - Analog Devices

No. de pieza AD9785BSVZRL
Descripción Electrónicos  Dual 12-/14-/16-Bit 800 MSPS DAC with Low Power 32-Bit Complex NCO
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9785BSVZRL Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9785BSVZRL Datasheet HTML 6Page - Analog Devices AD9785BSVZRL Datasheet HTML 7Page - Analog Devices AD9785BSVZRL Datasheet HTML 8Page - Analog Devices AD9785BSVZRL Datasheet HTML 9Page - Analog Devices AD9785BSVZRL Datasheet HTML 10Page - Analog Devices AD9785BSVZRL Datasheet HTML 11Page - Analog Devices AD9785BSVZRL Datasheet HTML 12Page - Analog Devices AD9785BSVZRL Datasheet HTML 13Page - Analog Devices AD9785BSVZRL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
AD9785/AD9787/AD9788
Rev. 0 | Page 10 of 64
Pin No.
Mnemonic
Description
31
P1D[1]
Port 1, Data Input D1.
34
P1D[0]
Port 1, Data Input D0 (LSB).
35, 36, 58, 59
NC
No Connection Necessary.
37
DATACLK
Data Clock Output.
38, 61
DVDD33
3.3 V Digital Supply.
39
TXENABLE
Transmit Enable.
40
P2D[13]
Port 2, Data Input D13 (MSB).
41
P2D[12]
Port 2, Data Input D12.
42
P2D[11]
Port 2, Data Input D11.
45
P2D[10]
Port 2, Data Input D10.
46
P2D[9]
Port 2, Data Input D9.
47
P2D[8]
Port 2, Data Input D8.
48
P2D[7]
Port 2, Data Input D7.
49
P2D[6]
Port 2, Data Input D6.
50
P2D[5]
Port 2, Data Input D5.
51
P2D[4]
Port 2, Data Input D4.
52
P2D[3]
Port 2, Data Input D3.
55
P2D[2]
Port 2, Data Input D2.
56
P2D[1]
Port 2, Data Input D1.
57
P2D[0]
Port 2, Data Input D0 (LSB).
62
SYNC_O−
Differential Synchronization Output, Negative.
63
SYNC_O+
Differential Synchronization Output, Positive.
65
PLL_LOCK
PLL Lock Indicator.
66
SPI_SDO
SPI Port Data Output.
67
SPI_SDIO
SPI Port Data Input/Output.
68
SCLK
SPI Port Clock.
69
SPI_CSB
SPI Port Chip Select Bar.
70
RESET
Reset, Active High.
71
IRQ
Interrupt Request.
73
IPTAT
Factory Test Pin. Output current is proportional to absolute temperature, approximately 10 μA
at 25°C with approximately 20 nA/°C slope. This pin should remain floating.
74
VREF
Voltage Reference Output.
75
I120
120 μA Reference Current.
76, 78, 80, 96, 98, 100
AVDD33
3.3 V Analog Supply.
83
OUT2_P
Differential DAC Current Output, Positive, Channel 2.
84
OUT2_N
Differential DAC Current Output, Negative, Channel 2.
86
AUX2_P
Auxiliary DAC Current Output, Positive, Channel 2.
87
AUX2_N
Auxiliary DAC Current Output, Negative, Channel 2.
89
AUX1_N
Auxiliary DAC Current Output, Negative, Channel 1.
90
AUX1_P
Auxiliary DAC Current Output, Positive, Channel 1.
92
OUT1_N
Differential DAC Current Output, Negative, Channel 1.
93
OUT1_P
Differential DAC Current Output, Positive, Channel 1.
Exposed Paddle
EPAD
Conductive Heat Sink. Connect to analog common (AGND).


Número de pieza similar - AD9785BSVZRL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9785BSVZRL AD-AD9785BSVZRL Datasheet
1Mb / 62P
   Low Power 32-Bit Complex NCO
More results

Descripción similar - AD9785BSVZRL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9785 AD-AD9785_18 Datasheet
1Mb / 62P
   Low Power 32-Bit Complex NCO
logo
Texas Instruments
DAC3283 TI-DAC3283 Datasheet
1Mb / 50P
[Old version datasheet]   Dual-Channel, 16-Bit, 800 MSPS, Digital-to-Analog Converter (DAC)
DAC3283 TI1-DAC3283_14 Datasheet
1Mb / 63P
[Old version datasheet]   Dual-Channel, 16-Bit, 800 MSPS, Digital-to-Analog Converter (DAC)
logo
Renesas Technology Corp
DAC1401D125 RENESAS-DAC1401D125 Datasheet
461Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
2 July 2012
logo
Analog Devices
AD9776 AD-AD9776_15 Datasheet
1Mb / 56P
   Dual 12-/14-/16-Bit
REV. A
logo
NXP Semiconductors
DAC1401D125 NXP-DAC1401D125 Datasheet
359Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
Rev. 01-13 November 2008
logo
Integrated Device Techn...
DAC1401D125HL-C1 IDT-DAC1401D125HL-C1 Datasheet
457Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
DAC1401D125 IDT-DAC1401D125 Datasheet
457Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
logo
Texas Instruments
DAC3283 TI-DAC3283_15 Datasheet
1Mb / 67P
[Old version datasheet]   DAC3283 Dual-Channel, 16-Bit, 800 MSPS, Digital-to-Analog Converter (DAC)
logo
Analog Devices
AD9780 AD-AD9780 Datasheet
1Mb / 36P
   Dual 12-/14-/16-Bit, LVDS Interface, 500 MSPS DACs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com