Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SL23EP04SI-1HT Datasheet(PDF) 3 Page - SpectraLinear Inc

No. de pieza SL23EP04SI-1HT
Descripción Electrónicos  Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer(ZDB)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SPECTRALINEAR [SpectraLinear Inc]
Página de inicio  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SL23EP04SI-1HT Datasheet(HTML) 3 Page - SpectraLinear Inc

  SL23EP04SI-1HT Datasheet HTML 1Page - SpectraLinear Inc SL23EP04SI-1HT Datasheet HTML 2Page - SpectraLinear Inc SL23EP04SI-1HT Datasheet HTML 3Page - SpectraLinear Inc SL23EP04SI-1HT Datasheet HTML 4Page - SpectraLinear Inc SL23EP04SI-1HT Datasheet HTML 5Page - SpectraLinear Inc SL23EP04SI-1HT Datasheet HTML 6Page - SpectraLinear Inc SL23EP04SI-1HT Datasheet HTML 7Page - SpectraLinear Inc SL23EP04SI-1HT Datasheet HTML 8Page - SpectraLinear Inc SL23EP04SI-1HT Datasheet HTML 9Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Rev 1.1, May 25, 2007
Page 3 of 14
SL23EP04
General Description
The SL23EP04 is a low skew, low jitter Zero Delay Buffer
with very low operating current.
The product includes an on-chip high performance PLL
that locks into the input reference clock and produces
four (4) output clock drivers tracking the input reference
clock for systems requiring clock distribution.
in addition to FBK pin used for internal PLL feedback,
there are two (2) banks with two (2) outputs in each bank,
bringing the number of total available output clocks to
four (4).
Input and output Frequency Range
The input and output frequency is the same (1x) for
SL23EP04-1 and -1H versions. For SL23EP04-2 and -
2H versions, the output frequency is 1/2x, 1x or 2x of
the CLKIN as given in the “Available SL23EP04
Configurations” Table 1. But, the frequency range
depends on VDD, drive levels and CL (Load
Capacitance) as given in the electrical specifications
tables.
When the input clock frequency is DC (from GND to
VDD), this input state is detected by an input level
detection circuitry and all four (4) clock outputs are forced
to Hi-Z. The PLL is shutdown to save power. In this
shutdown state, the product draws less than 12 A
(8 A –typ) supply current.
SpreadThru™ Feature
If a Spread Spectrum Clock (SSC) were to be used as
an input clock, the SL23EP04 is designed to pass the
modulated Spread Spectrum Clock (SSC) signal from
its reference CLKIN input to the output clocks. The
same spread spectrum characteristics at the input are
passed through the PLL and drivers without any
degradation in spread percent (%), spread profile and
modulation frequency.
High and Low-Drive Product Options
All SL23EP04 products are offered with the high drive
“-1H” and “-2H” as well as the standard drive “-1” and “-2”
options. These drive options enable the user to control
load levels, frequency range and EMI levels. Refer to the
electrical tables for the details of the drive levels.
Skew and Zero Delay
All outputs should drive the similar load to achieve output-
to-output skew and input-to-output delay specifications as
given in the switching electrical tables. However, the delay
between input and outputs can be adjusted by changing
the load at FBK pin relative to the banks A and B clocks
since FBK pin is the feedback to the internal PLL.
In addition, the input reference clock rise and fall time
should be similar to the output rise and fall time to obtain
the best skew results.
Power Supply Range (VDD)
The SL23EP04 is designed to operate from 3.3V (3.63V-
max) to 2.5V (2.25V-min) VDD power supply range. An
internal on-chip voltage regulator is used to provide to
PLL constant power supply of 1.8V internally. This leads
to a consistent and stable PLL electrical performance in
terms of skew, jitter and power dissipation. The
SL23EP04 I/O is powered by using VDD.
Contact SLI for 1.8V power supply ZDB called
SL23EPL04.
Device
Feedback From
Bank-A Frequency
Bank-B Frequency
SL23EP04-1 and 1H
Bank-A or Bank-B
Reference
Reference
SL23EP04-2 and -2H
Bank-A
Reference
Reference / 2
SL23EP04-2 and -2H
Bank-B
2 x Reference
Reference
Table 1. Available SL23EP04 Configurations


Número de pieza similar - SL23EP04SI-1HT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SL23EP04 SILABS-SL23EP04 Datasheet
742Kb / 16P
   10 to 220 MHz operating frequency range
logo
SpectraLinear Inc
SL23EP04NZ SPECTRALINEAR-SL23EP04NZ Datasheet
149Kb / 12P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
logo
Silicon Laboratories
SL23EP04NZ SILABS-SL23EP04NZ Datasheet
181Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
logo
SpectraLinear Inc
SL23EP04NZZC-1 SPECTRALINEAR-SL23EP04NZZC-1 Datasheet
149Kb / 12P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
logo
Silicon Laboratories
SL23EP04NZZC-1 SILABS-SL23EP04NZZC-1 Datasheet
181Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
More results

Descripción similar - SL23EP04SI-1HT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SL2309 ETC2-SL2309 Datasheet
248Kb / 12P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
logo
SpectraLinear Inc
SL2305 SPECTRALINEAR-SL2305 Datasheet
167Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
SL2309 SPECTRALINEAR-SL2309 Datasheet
142Kb / 12P
   Low Jitter and Skew 10 to 140MHz Zero Delay Buffer (ZDB)
logo
Silicon Laboratories
SL23EP09 SILABS-SL23EP09 Datasheet
201Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
SL23EP05 SILABS-SL23EP05 Datasheet
284Kb / 15P
   LOW JITTER AND SKEW 10 TO 220 MHZ ZERO DELAY BUFFER
SL23EP08 SILABS-SL23EP08 Datasheet
227Kb / 15P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
logo
SpectraLinear Inc
SL23EP05 SPECTRALINEAR-SL23EP05 Datasheet
150Kb / 11P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP08 SPECTRALINEAR-SL23EP08 Datasheet
173Kb / 18P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP09 SPECTRALINEAR-SL23EP09 Datasheet
156Kb / 13P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
logo
Silicon Laboratories
SL2305 SILABS-SL2305 Datasheet
156Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com