Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SL23EP04NZZC-1Z Datasheet(PDF) 3 Page - SpectraLinear Inc

No. de pieza SL23EP04NZZC-1Z
Descripción Electrónicos  Low Jitter and Skew DC to 220 MHz Clock Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SPECTRALINEAR [SpectraLinear Inc]
Página de inicio  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SL23EP04NZZC-1Z Datasheet(HTML) 3 Page - SpectraLinear Inc

  SL23EP04NZZC-1Z Datasheet HTML 1Page - SpectraLinear Inc SL23EP04NZZC-1Z Datasheet HTML 2Page - SpectraLinear Inc SL23EP04NZZC-1Z Datasheet HTML 3Page - SpectraLinear Inc SL23EP04NZZC-1Z Datasheet HTML 4Page - SpectraLinear Inc SL23EP04NZZC-1Z Datasheet HTML 5Page - SpectraLinear Inc SL23EP04NZZC-1Z Datasheet HTML 6Page - SpectraLinear Inc SL23EP04NZZC-1Z Datasheet HTML 7Page - SpectraLinear Inc SL23EP04NZZC-1Z Datasheet HTML 8Page - SpectraLinear Inc SL23EP04NZZC-1Z Datasheet HTML 9Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Rev 1.1, April 16, 2007
Page 3 of 12
SL23EP04NZ
General Description
The SL23EP04NZ is a low skew, jitter and power fanout
clock distribution buffer designed to produce up to four
(4) clock outputs from one (1) reference input clock, for
high speed clock distribution, including PCI/PCI-X
applications.
Input and output Frequency Range
The input and output frequency is the same (1x) for
SL23EP04NZ-1 and SL23EP04NZ-1Z. The products
operate from DC to 220MHz clock range with up to
30pF output loads at each output.
OE (Output Enable) Function
The only difference between SL23EP04-1 and
SL23EP04NZ-1Z is the OE logic implementation. When
OE=0, SL23EP04NZ-1 outputs are disabled and outputs
are at Logic Low. In the case of SL23EP04NZ-1Z the
outputs are at High-Z. Refer to the Available OE Logic
Configuration Table. 1 below.
Output Clock Skew
All outputs should drive the similar load to achieve output-
to-output skew and input-to-output delay specifications as
given in the switching electrical tables.
Power Supply Range (VDD)
The SL23EP04 is designed to operate from 3.3V+/-10% to
2.5V+/-10% VDD power supply range. An internal on-chip
voltage regulator is used to provide to constant power
supply of 1.8V in the core, leading to a consistent and
stable electrical performance in terms of skew and jitter.
The SL23EP04NZ I/O is powered by using VDD.
Contact SLI for 1.8V power supply Fan-Out Buffer and
ZDB products.
CLKIN (Pin-1)
OE (Pin-2)
SL2304NZ-1
CLKOUT [1:4]
SL2304NZ-1Z
CLKOUT [1:4]
Low
Low
Low
High-Z
High
Low
Low
High-Z
Low
High
Low
Low
High
High
High
High
Table 1. Available SL23EP04 CLKIN and OE Logic Configurations


Número de pieza similar - SL23EP04NZZC-1Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SL23EP04NZZC-1Z SILABS-SL23EP04NZZC-1Z Datasheet
181Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
SL23EP04NZZC-1ZT SILABS-SL23EP04NZZC-1ZT Datasheet
181Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
More results

Descripción similar - SL23EP04NZZC-1Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SL23EP04NZ SILABS-SL23EP04NZ Datasheet
181Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
SL23EP09NZ SILABS-SL23EP09NZ Datasheet
174Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
logo
SpectraLinear Inc
SL2309NZ SPECTRALINEAR-SL2309NZ Datasheet
118Kb / 8P
   Low Jitter and Skew DC to 140 MHz Clock Buffer
SL23EP09NZ SPECTRALINEAR-SL23EP09NZ Datasheet
132Kb / 11P
   Low Jitter and Skew DC to 220MHz Clock Buffer
SL2304NZ SPECTRALINEAR-SL2304NZ Datasheet
136Kb / 9P
   Low Jitter and Skew DC to 160MHz Clock Buffer
logo
Silicon Laboratories
SL2304NZ SILABS-SL2304NZ Datasheet
151Kb / 9P
   Low Jitter and Skew DC to 140MHz Clock Buffer
SL23EP09 SILABS-SL23EP09 Datasheet
201Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
SL23EP05 SILABS-SL23EP05 Datasheet
284Kb / 15P
   LOW JITTER AND SKEW 10 TO 220 MHZ ZERO DELAY BUFFER
SL23EP08 SILABS-SL23EP08 Datasheet
227Kb / 15P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
logo
SpectraLinear Inc
SL23EP04 SPECTRALINEAR-SL23EP04 Datasheet
163Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer(ZDB)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com