Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SL23EP09NZ Datasheet(PDF) 3 Page - SpectraLinear Inc

No. de pieza SL23EP09NZ
Descripción Electrónicos  Low Jitter and Skew DC to 220MHz Clock Buffer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SPECTRALINEAR [SpectraLinear Inc]
Página de inicio  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SL23EP09NZ Datasheet(HTML) 3 Page - SpectraLinear Inc

  SL23EP09NZ Datasheet HTML 1Page - SpectraLinear Inc SL23EP09NZ Datasheet HTML 2Page - SpectraLinear Inc SL23EP09NZ Datasheet HTML 3Page - SpectraLinear Inc SL23EP09NZ Datasheet HTML 4Page - SpectraLinear Inc SL23EP09NZ Datasheet HTML 5Page - SpectraLinear Inc SL23EP09NZ Datasheet HTML 6Page - SpectraLinear Inc SL23EP09NZ Datasheet HTML 7Page - SpectraLinear Inc SL23EP09NZ Datasheet HTML 8Page - SpectraLinear Inc SL23EP09NZ Datasheet HTML 9Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Rev 1.1, May 18, 2007
Page 3 of 11
SL23EP09NZ
General Description
The SL23EP09NZ is a low skew, jitter and power fanout
buffer designed to produce up to nine (9) clock outputs
from one (1) reference input clock, for high speed clock
distribution, including PCI/PCI-X applications.
Input and output Frequency Range
The input and output frequency is the same (1x) for
SL2309NZ and the product operates from DC to
220MHz clock range with 15pF and 100MHz with 30pF
output loads.
High Drive Capability
The SL23EP09NZ is designed to meet high drive
requirements for up to 30pF load condition per electrical
specifications.
If lower drive levels are required refer to SL2309NZ
fanout buffer product.
Output Clock Skew
All outputs should drive the similar load to achieve output-
to-output skew specifications as given in the switching
electrical tables.
Power Supply Range (VDD)
The SL23EP09NZ is designed to operate from 3.3V to 2.5V
VDD power supply range. An internal on-chip voltage
regulator is used to provide to constant power supply of
1.8V, leading to a consistent and stable electrical
performance in terms of skew and jitter. The SL23EP09NZ
I/O is powered by using VDD.
Refer to SL2309NZ product for DC to 140MHz-max
frequency range.
Contact SLI for 1.8V power supply Buffers and ZDB
products.
Absolute Maximum Ratings (C-Grade and I-Grade)
Description
Condition
Min
Max
Unit
Supply voltage, VDD
-0.5
4.6
V
All Inputs and Outputs
-0.5
VDD+0.5
V
Ambient Operating Temperature
In operation, C-Grade
0
70
°C
Ambient Operating Temperature
In operation, I-Grade
-40
85
°C
Storage Temperature
No power is applied
-65
150
°C
Junction Temperature
In operation, power is applied
125
°C
Soldering Temperature
260
°C
ESD Rating (Human Body Model)
MIL-STD-883, Method 3015
2000
V


Número de pieza similar - SL23EP09NZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SL23EP09NZ SILABS-SL23EP09NZ Datasheet
174Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
SL23EP09NZSC-1H SILABS-SL23EP09NZSC-1H Datasheet
174Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
SL23EP09NZSC-1HT SILABS-SL23EP09NZSC-1HT Datasheet
174Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
SL23EP09NZSI-1H SILABS-SL23EP09NZSI-1H Datasheet
174Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
SL23EP09NZSI-1HT SILABS-SL23EP09NZSI-1HT Datasheet
174Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
More results

Descripción similar - SL23EP09NZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SpectraLinear Inc
SL2304NZ SPECTRALINEAR-SL2304NZ Datasheet
136Kb / 9P
   Low Jitter and Skew DC to 160MHz Clock Buffer
logo
Silicon Laboratories
SL2304NZ SILABS-SL2304NZ Datasheet
151Kb / 9P
   Low Jitter and Skew DC to 140MHz Clock Buffer
logo
SpectraLinear Inc
SL23EP09 SPECTRALINEAR-SL23EP09 Datasheet
156Kb / 13P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
logo
Silicon Laboratories
SL23EP04NZ SILABS-SL23EP04NZ Datasheet
181Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
SL23EP09NZ SILABS-SL23EP09NZ Datasheet
174Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
logo
SpectraLinear Inc
SL2309NZ SPECTRALINEAR-SL2309NZ Datasheet
118Kb / 8P
   Low Jitter and Skew DC to 140 MHz Clock Buffer
SL23EP04NZ SPECTRALINEAR-SL23EP04NZ Datasheet
149Kb / 12P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
SL23EP05 SPECTRALINEAR-SL23EP05 Datasheet
150Kb / 11P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP08 SPECTRALINEAR-SL23EP08 Datasheet
173Kb / 18P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
logo
Cypress Semiconductor
CY7B9910 CYPRESS-CY7B9910 Datasheet
162Kb / 7P
   Low Skew Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com