Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SL2305SC-1 Datasheet(PDF) 4 Page - SpectraLinear Inc |
|
SL2305SC-1 Datasheet(HTML) 4 Page - SpectraLinear Inc |
4 / 11 page Rev 1.4, May 25, 2007 Page 4 of 11 SL2305 Absolute Maximum Ratings Description Condition Min Max Unit Supply voltage, VDD – 0.5 4.6 V All Inputs and Outputs – 0.5 VDD+0.5 V Ambient Operating Temperature In operation, C-Grade 0 85 °C Ambient Operating Temperature In operation, I-Grade – 40 85 °C Storage Temperature No power is applied – 65 150 °C Junction Temperature In operation, power is applied – 125 °C Soldering Temperature – 260 °C ESD Rating (Human Body Model) MIL-STD-883, Method 3015 2000 – V Operating Conditions: Unless otherwise stated VDD=3.3V+/-10% and both C and I Grades Symbol Description Condition Min Max Unit VDD 3.3V Supply Voltage 3.3V+/-10% 3.0 3.6 V Commercial 085 °C TA Operating Temperature(Ambient) Industrial –40 85 °C 10 to 140 MHz, -1H high drive –15 pF 10 to 100 MHz, -1H high drive –30 pF 10 to 100MHz, -1 standard drive –15 pF CLOAD Load Capacitance 10 to 66MHz, -1 standard drive –30 pF CIN Input Capacitance CLKIN pin – 7 pF tpu Power-up Time Power-up time for all VDDs to reach minimum VDD voltage (VDD=3.0V). 0.05 100 ms CLBW Closed-loop bandwidth 3.3V, (typical) 1.2 MHz 3.3V (typical), -1H high drive 22 ZOUT Output Impedance 3.3V (typical), -1 standard drive 32 |
Número de pieza similar - SL2305SC-1 |
|
Descripción similar - SL2305SC-1 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |