Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SL2305SC-1T Datasheet(PDF) 5 Page - SpectraLinear Inc

No. de pieza SL2305SC-1T
Descripción Electrónicos  Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SPECTRALINEAR [SpectraLinear Inc]
Página de inicio  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SL2305SC-1T Datasheet(HTML) 5 Page - SpectraLinear Inc

  SL2305SC-1T Datasheet HTML 1Page - SpectraLinear Inc SL2305SC-1T Datasheet HTML 2Page - SpectraLinear Inc SL2305SC-1T Datasheet HTML 3Page - SpectraLinear Inc SL2305SC-1T Datasheet HTML 4Page - SpectraLinear Inc SL2305SC-1T Datasheet HTML 5Page - SpectraLinear Inc SL2305SC-1T Datasheet HTML 6Page - SpectraLinear Inc SL2305SC-1T Datasheet HTML 7Page - SpectraLinear Inc SL2305SC-1T Datasheet HTML 8Page - SpectraLinear Inc SL2305SC-1T Datasheet HTML 9Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Rev 1.4, May 25, 2007
Page 5 of 11
SL2305
DC Electrical Specifications: Unless otherwise stated VDD=3.3V+/-10% and both C and I Grades
Symbol
Description
Condition
Min
Max
Unit
VDD
Supply Voltage
3.0
3.6
V
VIL
Input LOW Voltage
CLKIN (Pin-1)
0.8
V
VIH
Input HIGH Voltage
CLKIN (Pin-1)
2.0
VDD+0.3
V
IIL
Input LOW Current
CLKIN, 0 < VIN < 0.8V
25
µA
IIH
Input HIGH Current
CLKIN, VIN = VDD
50
µA
IOL = 8 mA (standard drive)
0.4
V
VOL
Output LOW Voltage
(All outputs)
IOL = 12 mA (high drive)
0.4
V
IOH = –8 mA (standard drive)
2.4
V
VOH
Output HIGH Voltage
(All outputs)
IOH = –12 mA (high drive)
2.4
V
C-Grade, Power-down if CLKIN=0 to
VDD or input is floating
–12
µA
IDDPD
Power Down Supply Current
CLKIN=0 to VDD
I-Grade, Power-down if CLKIN=0 to
VDD or input is floating
–25
µA
IDD1
Power Supply Current
All Outputs CL=0, 33-MHz CLKIN
18
mA
IDD2
Power Supply Current
All Outputs CL=0, 66-MHz CLKIN
26
mA
IDD3
Power Supply Current
All Outputs CL=0, 100-MHz CLKIN
34
mA
IDD4
Power Supply Current
All Outputs CL=0, 140-MHz CLKIN
42
mA
RPD
Pull-down Resistors
Pins-1/2/3/5/7/8, 250k -typ
175
325
k


Número de pieza similar - SL2305SC-1T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SL2305SC-1T SILABS-SL2305SC-1T Datasheet
156Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
More results

Descripción similar - SL2305SC-1T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SL2309 ETC2-SL2309 Datasheet
248Kb / 12P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
logo
SpectraLinear Inc
SL23EP04 SPECTRALINEAR-SL23EP04 Datasheet
163Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer(ZDB)
logo
Silicon Laboratories
SL2305 SILABS-SL2305 Datasheet
156Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
SL2309 SILABS-SL2309 Datasheet
562Kb / 13P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
logo
SpectraLinear Inc
SL2309 SPECTRALINEAR-SL2309 Datasheet
142Kb / 12P
   Low Jitter and Skew 10 to 140MHz Zero Delay Buffer (ZDB)
SL23EP05 SPECTRALINEAR-SL23EP05 Datasheet
150Kb / 11P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP08 SPECTRALINEAR-SL23EP08 Datasheet
173Kb / 18P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP09 SPECTRALINEAR-SL23EP09 Datasheet
156Kb / 13P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
logo
Silicon Laboratories
SL23EP05 SILABS-SL23EP05 Datasheet
284Kb / 15P
   LOW JITTER AND SKEW 10 TO 220 MHZ ZERO DELAY BUFFER
SL23EP08 SILABS-SL23EP08 Datasheet
227Kb / 15P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com