Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADTL084JRZ-REEL Datasheet(PDF) 5 Page - Analog Devices

No. de pieza ADTL084JRZ-REEL
Descripción Electrónicos  Low Cost JFET Input Operational Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADTL084JRZ-REEL Datasheet(HTML) 5 Page - Analog Devices

  ADTL084JRZ-REEL Datasheet HTML 1Page - Analog Devices ADTL084JRZ-REEL Datasheet HTML 2Page - Analog Devices ADTL084JRZ-REEL Datasheet HTML 3Page - Analog Devices ADTL084JRZ-REEL Datasheet HTML 4Page - Analog Devices ADTL084JRZ-REEL Datasheet HTML 5Page - Analog Devices ADTL084JRZ-REEL Datasheet HTML 6Page - Analog Devices ADTL084JRZ-REEL Datasheet HTML 7Page - Analog Devices ADTL084JRZ-REEL Datasheet HTML 8Page - Analog Devices ADTL084JRZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADTL082/ADTL084
Rev. B | Page 5 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
0
2
4
6
8
10
12
14
16
1k
10k
100k
1M
10M
RL = 2kΩ
TA = 25°C
VSY = ±15V
VSY = ±10V
VSY = ±5V
100
FREQUENCY (Hz)
Figure 5. Maximum Peak Output Voltage vs. Frequency
RL = 10kΩ
TA = 25°C
VSY = ±15V
VSY = ±10V
VSY = ±5V
0
2
4
6
8
10
12
14
16
1k
10k
100k
1M
10M
100
FREQUENCY (Hz)
Figure 6. Maximum Peak Output Voltage vs. Frequency
VSY = ±15V
RL = 2kΩ
TA = +25°C
TA = +125°C
TA = –55°C
0
2
4
6
8
10
12
14
16
10k
100k
1M
10M
FREQUENCY (Hz)
Figure 7. Maximum Peak Output Voltage vs. Frequency
–75
–50
–25
0
25
50
75
100
125
VSY = ±15V
RL = 10kΩ
RL = 2kΩ
0
2
4
6
8
10
12
14
16
TA FREE-AIR TEMPERATURE (°C)
Figure 8. Maximum Peak Output Voltage vs. Free-Air Temperature
VSY = ±15V
TA = 25°C
0
2
4
6
8
10
12
14
16
1k
10k
100
RL LOAD RESISTANCE (Ω)
Figure 9. Maximum Peak Output Voltage vs. Load Resistance
±4
±5
±6
±7
±8
±9
±10 ±11 ±12 ±13 ±14
±15
RL = 10Ω
TA = 25°C
0
2
4
6
8
10
12
14
16
VSY SUPPLY VOLTAGE (V)
Figure 10. Maximum Peak Output Voltage vs. Supply Voltage


Número de pieza similar - ADTL084JRZ-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADTL084JRZ-REEL1 AD-ADTL084JRZ-REEL1 Datasheet
299Kb / 12P
   Low Cost JFET Input Operational Amplifiers
REV. B
ADTL084JRZ-REEL7 AD-ADTL084JRZ-REEL7 Datasheet
299Kb / 12P
   Low Cost JFET Input Operational Amplifiers
REV. B
More results

Descripción similar - ADTL084JRZ-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADTL082ARMZ AD-ADTL082ARMZ Datasheet
299Kb / 12P
   Low Cost JFET Input Operational Amplifiers
REV. B
ADTL082 AD-ADTL082 Datasheet
184Kb / 6P
   Low Cost JFET Input Operational Amplifiers
Rev. PrA
ADA4000-1 AD-ADA4000-1_09 Datasheet
420Kb / 16P
   Low Cost, Precision JFET Input Operational Amplifiers
REV. A
ADA4000-1 AD-ADA4000-1_07 Datasheet
476Kb / 16P
   Low Cost, Precision JFET Input Operational Amplifiers
REV. 0
ADA4000-1 AD-ADA4000-1_16 Datasheet
578Kb / 16P
   Low Cost, Precision JFET Input Operational Amplifiers
logo
Texas Instruments
TL061 TI-TL061 Datasheet
369Kb / 23P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
TL071C ONSEMI-TL071C Datasheet
169Kb / 8P
   LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
1997 REV 1
logo
Motorola, Inc
TL071C MOTOROLA-TL071C Datasheet
169Kb / 8P
   LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL071 TI-TL071_10 Datasheet
1Mb / 40P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL074CJ TI1-TL074CJ Datasheet
1Mb / 48P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com