Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC121S051 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza ADC121S051
Descripción Electrónicos  Single Channel, 200 to 500ksps, 12-Bit A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC121S051 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  ADC121S051_06 Datasheet HTML 1Page - National Semiconductor (TI) ADC121S051_06 Datasheet HTML 2Page - National Semiconductor (TI) ADC121S051_06 Datasheet HTML 3Page - National Semiconductor (TI) ADC121S051_06 Datasheet HTML 4Page - National Semiconductor (TI) ADC121S051_06 Datasheet HTML 5Page - National Semiconductor (TI) ADC121S051_06 Datasheet HTML 6Page - National Semiconductor (TI) ADC121S051_06 Datasheet HTML 7Page - National Semiconductor (TI) ADC121S051_06 Datasheet HTML 8Page - National Semiconductor (TI) ADC121S051_06 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Absolute Maximum Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Analog Supply Voltage V
A
−0.3V to 6.5V
Voltage on Any Digital Pin to GND
−0.3V to 6.5V
Voltage on Any Analog Pin to GND
−0.3V to (V
A +0.3V)
Input Current at Any Pin (Note 3)
±10 mA
Package Input Current (Note 3)
±20 mA
Power Consumption at T
A = 25˚C
See (Note 4)
ESD Susceptibility (Note 5)
Human Body Model
Machine Model
3500V
300V
Junction Temperature
+150˚C
Storage Temperature
−65˚C to +150˚C
Operating Ratings (Notes 1, 2)
Operating Temperature Range
−40˚C
≤ T
A
≤ +85˚C
V
A Supply Voltage
+2.7V to +5.25V
Digital Input Pins Voltage Range
(regardless of supply voltage)
−0.3V to +5.25V
Analog Input Pins Voltage Range
0V to V
A
Clock Frequency
1 MHz to 10 MHz
Sample Rate
up to 500 ksps
Package Thermal Resistance
Package
θ
JA
6-lead LLP
94˚C / W
6-lead SOT-23
265˚C / W
Soldering process must comply with National Semiconduc-
tor’s Reflow Temperature Profile specifications. Refer to
www.national.com/packaging. (Note 6)
ADC121S051 Converter Electrical Characteristics (Notes 7, 9)
The following specifications apply for V
A = +2.7V to 5.25V, fSCLK = 4 MHz to 10 MHz, fSAMPLE = 200 ksps to 500 ksps,
C
L = 15 pF, unless otherwise noted. Boldface limits apply for TA =TMIN to TMAX: all other limits TA = 25˚C.
Symbol
Parameter
Conditions
Typical
Limits
(Note 9)
Units
STATIC CONVERTER CHARACTERISTICS
Resolution with No Missing Codes
12
Bits
INL
Integral Non-Linearity
V
A = +2.7V to +3.6V
+0.45
±1.0
LSB (max)
−0.40
LSB (min)
V
A = +4.75 to +5.25V
+0.75
LSB (max)
−0.45
LSB (min)
DNL
Differential Non-Linearity
V
A = +2.7V to +3.6V
+0.50
+1.0
LSB (max)
−0.25
−0.9
LSB (min)
V
A = +4.75 to +5.25V
+0.80
LSB (max)
−0.50
LSB (min)
V
OFF
Offset Error
V
A = +2.7V to +3.6V
−0.18
±1.2
LSB (max)
V
A = +4.75 to +5.25V
+1.9
GE
Gain Error
V
A = +2.7V to +3.6V
−0.62
±1.5
LSB (max)
V
A = +4.75 to +5.25V
−1.50
DYNAMIC CONVERTER CHARACTERISTICS
SINAD
Signal-to-Noise Plus Distortion Ratio
V
A = +2.7V to 5.25V
f
IN = 100 kHz, −0.02 dBFS
72
70
dB (min)
SNR
Signal-to-Noise Ratio
V
A = +2.7V to 5.25V
f
IN = 100 kHz, −0.02 dBFS
72
70.8
dB (min)
THD
Total Harmonic Distortion
V
A = +2.7V to 5.25V
f
IN = 100 kHz, −0.02 dBFS
−83
dB
SFDR
Spurious-Free Dynamic Range
V
A = +2.7V to 5.25V
f
IN = 100 kHz, −0.02 dBFS
84
dB
ENOB
Effective Number of Bits
V
A = +2.7V to 5.25V
f
IN = 100 kHz, −0.02 dBFS
11.7
11.3
Bits (min)
IMD
Intermodulation Distortion, Second
Order Terms
V
A = +5.25V
f
a = 103.5 kHz, fb = 113.5 kHz
−83
dB
Intermodulation Distortion, Third
Order Terms
V
A = +5.25V
f
a = 103.5 kHz, fb = 113.5 kHz
−82
dB
www.national.com
3


Número de pieza similar - ADC121S051_06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADC121S051CIMF TI1-ADC121S051CIMF Datasheet
1Mb / 25P
[Old version datasheet]   ADC121S051 Single Channel, 200 to 500 ksps, 12-Bit A/D Converter
ADC121S051CIMF/NOPB TI1-ADC121S051CIMF/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   Single Channel, 200 to 500 ksps, 12-Bit A/D Converter
ADC121S051CIMFX TI1-ADC121S051CIMFX Datasheet
1Mb / 25P
[Old version datasheet]   ADC121S051 Single Channel, 200 to 500 ksps, 12-Bit A/D Converter
ADC121S051CIMFX/NOPB TI1-ADC121S051CIMFX/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   Single Channel, 200 to 500 ksps, 12-Bit A/D Converter
ADC121S051CISD TI1-ADC121S051CISD Datasheet
1Mb / 25P
[Old version datasheet]   ADC121S051 Single Channel, 200 to 500 ksps, 12-Bit A/D Converter
More results

Descripción similar - ADC121S051_06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADC121S051 TI1-ADC121S051_15 Datasheet
1Mb / 24P
[Old version datasheet]   Single Channel, 200 to 500 ksps, 12-Bit A/D Converter
ADC121S021 TI1-ADC121S021 Datasheet
1Mb / 26P
[Old version datasheet]   Single-Channel, 50- to 200-ksps, 12-Bit A/D Converter
ADC121S021CIMF TI1-ADC121S021CIMF Datasheet
1Mb / 23P
[Old version datasheet]   ADC121S021 Single Channel, 50 to 200 ksps, 12-Bit A/D Converter
ADC121S021 TI1-ADC121S021_14 Datasheet
1Mb / 24P
[Old version datasheet]   ADC121S021 Single Channel, 50 to 200 ksps, 12-Bit A/D Converter
ADC121S051 TI1-ADC121S051_14 Datasheet
1Mb / 25P
[Old version datasheet]   ADC121S051 Single Channel, 200 to 500 ksps, 12-Bit A/D Converter
logo
Linear Technology
LTC1278 LINER-LTC1278 Datasheet
329Kb / 16P
   12-Bit, 500ksps Sampling A/D Converter with Shutdown
LTC1278 LINER-LTC1278_15 Datasheet
289Kb / 16P
   12-Bit, 500ksps Sampling A/D Converter with Shutdown
logo
National Semiconductor ...
ADC122S021 NSC-ADC122S021 Datasheet
905Kb / 19P
   2 Channel, 200 KSPS 12-Bit A/D Converter
ADC124S021 NSC-ADC124S021 Datasheet
909Kb / 19P
   4 Channel, 200 kSPS, 12-Bit A/D Converter
logo
List of Unclassifed Man...
MN5700 ETC1-MN5700 Datasheet
716Kb / 6P
   200 C 12 BIT A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com