Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8672ARZ Datasheet(PDF) 4 Page - Analog Devices

No. de pieza AD8672ARZ
Descripción Electrónicos  Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8672ARZ Datasheet(HTML) 4 Page - Analog Devices

  AD8672ARZ Datasheet HTML 1Page - Analog Devices AD8672ARZ Datasheet HTML 2Page - Analog Devices AD8672ARZ Datasheet HTML 3Page - Analog Devices AD8672ARZ Datasheet HTML 4Page - Analog Devices AD8672ARZ Datasheet HTML 5Page - Analog Devices AD8672ARZ Datasheet HTML 6Page - Analog Devices AD8672ARZ Datasheet HTML 7Page - Analog Devices AD8672ARZ Datasheet HTML 8Page - Analog Devices AD8672ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD8671/AD8672/AD8674
Rev. C | Page 4 of 16
ELECTRICAL CHARACTERISTICS, ±15 V
VS = ±15 V, VCM = 0 V, TA = 25°C, unless otherwise noted.
Table 2.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
20
75
μV
–40°C < TA < +125°C
30
125
μV
Offset Voltage Drift
∆VOS/∆T
–40°C < TA < +125°C
AD8671
0.3
0.5
μV/°C
AD8672/AD8674
0.3
0.8
μV/°C
Input Bias Current
IB
–12
+3
+12
nA
+25°C < TA < +125°C
–20
+5
+20
nA
–40°C < TA < +125°C
–40
+8
+40
nA
Input Offset Current
IOS
–12
+6
+12
nA
+25°C < TA < +125°C
–20
+6
+20
nA
–40°C < TA < +125°C
–40
+8
+40
nA
Input Voltage Range
–12
+12
V
Common-Mode Rejection Ratio
CMRR
VCM = –12 V to +12 V
100
120
dB
Large Signal Voltage Gain
AVO
RL = 2 kΩ, VO = –10 V to +10 V
1000
6000
V/mV
Input Capacitance, Common Mode
CINCM
6.25
pF
Input Capacitance, Differential Mode
CINDM
7.5
pF
Input Resistance, Common Mode
RIN
3.5
Input Resistance, Differential Mode
RINDM
15
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RL = 2 kΩ, –40°C to +125°C
+13.2
+13.8
V
Output Voltage Low
VOL
RL = 2 kΩ, –40°C to +125°C
–13.8
–13.2
V
Output Voltage High
VOH
RL = 600 Ω
+11
+12.3
V
Output Voltage Low
VOL
RL = 600 Ω
–12.4
–11
V
Output Current
IOUT
±20
mA
Short Circuit Current
ISC
±30
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = ±4 V to ±18 V
AD8671/AD8672
110
130
dB
AD8674
106
115
dB
Supply Current/Amplifier
ISY
VO = 0 V
3
3.5
mA
–40°C <TA < +125°C
4.2
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 2 kΩ
4
V/μs
Settling Time
tS
To 0.1% (10 V step, G = 1)
2.2
μs
To 0.01% (10 V step, G = 1)
6.3
μs
Gain Bandwidth Product
GBP
10
MHz
NOISE PERFORMANCE
Peak-to-Peak Noise
en p-p
0.1 Hz to 10 Hz
77
100
nV p-p
Voltage Noise Density
en
f = 1 kHz
2.8
3.8
nV/√Hz
Current Noise Density
in
f = 1 kHz
0.3
pA/√Hz
Channel Separation
AD8672/AD8674
CS
f = 1 kHz
–130
dB
f = 10 kHz
–105
dB


Número de pieza similar - AD8672ARZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8672AR AD-AD8672AR Datasheet
92Kb / 4P
   Precision Very Low Noise Low Input Bias Current Operational Amplifiers
Rev 0.2 2/21/02
AD8672ARM AD-AD8672ARM Datasheet
92Kb / 4P
   Precision Very Low Noise Low Input Bias Current Operational Amplifiers
Rev 0.2 2/21/02
AD8672ARMZ AD-AD8672ARMZ Datasheet
439Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
Rev. F
More results

Descripción similar - AD8672ARZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8671 AD-AD8671 Datasheet
92Kb / 4P
   Precision Very Low Noise Low Input Bias Current Operational Amplifiers
Rev 0.2 2/21/02
AD8672ARMZ AD-AD8672ARMZ Datasheet
439Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
Rev. F
OP1177 AD-OP1177_15 Datasheet
479Kb / 24P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
OP2177 AD-OP2177_15 Datasheet
479Kb / 24P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
OP1177 AD-OP1177_07 Datasheet
493Kb / 24P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
REV. E
OP1177 AD-OP1177 Datasheet
245Kb / 20P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
REV. B
OP4177 AD-OP4177_15 Datasheet
479Kb / 24P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
OP1177 AD-OP1177_09 Datasheet
479Kb / 24P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
Rev. G
AD8510 AD-AD8510_07 Datasheet
465Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. H
AD8510 AD-AD8510 Datasheet
497Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com