Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADCS9888CVH-140 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza ADCS9888CVH-140
Descripción Electrónicos  205/170/140 MSPS Video Analog Front End
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADCS9888CVH-140 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button ADCS9888CVH-140 Datasheet HTML 3Page - National Semiconductor (TI) ADCS9888CVH-140 Datasheet HTML 4Page - National Semiconductor (TI) ADCS9888CVH-140 Datasheet HTML 5Page - National Semiconductor (TI) ADCS9888CVH-140 Datasheet HTML 6Page - National Semiconductor (TI) ADCS9888CVH-140 Datasheet HTML 7Page - National Semiconductor (TI) ADCS9888CVH-140 Datasheet HTML 8Page - National Semiconductor (TI) ADCS9888CVH-140 Datasheet HTML 9Page - National Semiconductor (TI) ADCS9888CVH-140 Datasheet HTML 10Page - National Semiconductor (TI) ADCS9888CVH-140 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
Pin Descriptions (Continued)
Pin
Label
Type
Description
Power Supply
1, 6, 7, 10, 14, 18,
21, 25, 26, 34, 37
V
D
Power
Supply
Main power supply for analog and digital circuitry inside the IC. The data
outputs and PLL are powered from separate buses for additional noise
isolation.
56, 69, 79, 89, 98,
102, 112, 122
V
DD
Power
Supply
Power supply for digital data outputs. This voltage can be operated at
voltages below the Main Power Supply, down to 2.5V, to provide
convenient interfaces to lower voltage circuitry.
47, 48, 52
PV
D
Power
Supply
Phase Locked Loop Power Supply. This input should be well filtered,
isolated, and decoupled, to provide a very stable, low noise, voltage
source for the PLL and VCO circuitry in the ADCS9888.
3, 4, 11, 15, 19, 22,
27, 28, 35, 36, 40,
41, 46, 49, 51, 55,
65-68, 78, 88,
99-101, 111, 121,
128
GND
Ground
Ground Return. Ground return for all circuitry on the chip. For best
performance, the printed circuit board should be designed using a single
solid ground plane. Other ICs should be placed to minimize the effects of
noisy digital ground returns interfering with the ADCS9888 operation.
39, 39
NC
NC
To ensure compliance with designs using the AD9888, these pins are not
connected to the IC die. They may be physically connected to either V
D or
PV
D
with no effect on operation, performance, or reliability.
www.national.com
7


Número de pieza similar - ADCS9888CVH-140

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
ADCS9888 NSC-ADCS9888 Datasheet
764Kb / 34P
   205/170/140 MSPS Video Analog Front End
More results

Descripción similar - ADCS9888CVH-140

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
ADCS9888 NSC-ADCS9888 Datasheet
764Kb / 34P
   205/170/140 MSPS Video Analog Front End
logo
Analog Devices
AD9888 AD-AD9888 Datasheet
249Kb / 32P
   100/140/170/205 MSPS Analog Flat Panel Interface
REV. A
AD9888 AD-AD9888_15 Datasheet
501Kb / 36P
   100 MSPS/140 MSPS/170 MSPS Analog Flat Panel Interface
REV. C
AD9888 AD-AD9888_11 Datasheet
501Kb / 36P
   100 MSPS/140 MSPS/170 MSPS Analog Flat Panel Interface
REV. C
logo
NXP Semiconductors
PNX3000 PHILIPS-PNX3000 Datasheet
285Kb / 51P
   Analog front end for digital video processors
2004 Oct 04
logo
Texas Instruments
LM98722 TI1-LM98722_15 Datasheet
5Mb / 150P
[Old version datasheet]   Channel, 16-Bit, 45 MSPS Analog Front End
logo
Intersil Corporation
EL4501 INTERSIL-EL4501 Datasheet
477Kb / 19P
   Video Front End
logo
Elantec Semiconductor
EL4501C ELANTEC-EL4501C Datasheet
183Kb / 10P
   Video Front End
logo
Intersil Corporation
EL4501 INTERSIL-EL4501_06 Datasheet
365Kb / 19P
   Video Front End
logo
Renesas Technology Corp
EL4501 RENESAS-EL4501 Datasheet
924Kb / 20P
   Video Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com