Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8674ARU Datasheet(PDF) 7 Page - Analog Devices

No. de pieza AD8674ARU
Descripción Electrónicos  Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8674ARU Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8674ARU Datasheet HTML 3Page - Analog Devices AD8674ARU Datasheet HTML 4Page - Analog Devices AD8674ARU Datasheet HTML 5Page - Analog Devices AD8674ARU Datasheet HTML 6Page - Analog Devices AD8674ARU Datasheet HTML 7Page - Analog Devices AD8674ARU Datasheet HTML 8Page - Analog Devices AD8674ARU Datasheet HTML 9Page - Analog Devices AD8674ARU Datasheet HTML 10Page - Analog Devices AD8674ARU Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD8671/AD8672/AD8674
Rev. C | Page 7 of 16
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
TEMPERATURE (°C)
–40
85
25
125
+IB
–IB
VS =±5V
Figure 13. Input Bias Current vs. Temperature
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
TEMPERATURE (°C)
–40
85
25
125
+IB
–IB
VS = ±15V
Figure 14. Input Bias Current vs. Temperature
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
TEMPERATURE (°C)
–40
85
25
125
VS = ±15V
VS =±5V
Figure 15. Supply Current vs. Temperature
10.0
10.5
11.0
11.5
12.0
12.5
13.0
13.5
14.0
14.5
TEMPERATURE (°C)
–40
85
25
125
RL = 600Ω
RL = 2kΩ
VS = ±15V
Figure 16. Output Voltage High vs. Temperature
–14.5
–14.0
–13.5
–13.0
–12.5
–12.0
–11.5
–11.0
TEMPERATURE (°C)
–40
85
25
125
RL = 600Ω
RL = 2kΩ
VS = ±15V
Figure 17. Output Voltage Low vs. Temperature
FREQUENCY (Hz)
–10
0
10
100k
10M
1M
–40
–30
–20
20
30
40
50
VSY = ±15V
RL = 10kΩ
CL = 20pF
Φ
M = 59°
GAIN
PHASE
–45
45
–180
–135
–90
90
135
180
225
0
60
270
Figure 18. Open-Loop Gain and Phase Shift vs. Frequency


Número de pieza similar - AD8674ARU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8674ARU AD-AD8674ARU Datasheet
92Kb / 4P
   Precision Very Low Noise Low Input Bias Current Operational Amplifiers
Rev 0.2 2/21/02
More results

Descripción similar - AD8674ARU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8671 AD-AD8671 Datasheet
92Kb / 4P
   Precision Very Low Noise Low Input Bias Current Operational Amplifiers
Rev 0.2 2/21/02
AD8672ARMZ AD-AD8672ARMZ Datasheet
439Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
Rev. F
OP1177 AD-OP1177_15 Datasheet
479Kb / 24P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
OP2177 AD-OP2177_15 Datasheet
479Kb / 24P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
OP1177 AD-OP1177_07 Datasheet
493Kb / 24P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
REV. E
OP1177 AD-OP1177 Datasheet
245Kb / 20P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
REV. B
OP4177 AD-OP4177_15 Datasheet
479Kb / 24P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
OP1177 AD-OP1177_09 Datasheet
479Kb / 24P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
Rev. G
AD8510 AD-AD8510_07 Datasheet
465Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. H
AD8510 AD-AD8510 Datasheet
497Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com