Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMQ-C02 Datasheet(PDF) 4 Page - SYNERGY MICROWAVE CORPORATION

No. de pieza SMQ-C02
Descripción Electrónicos  90쨘 HYBRID 2:1 SURFACE MOUNT Bandwidth 40 - 80 MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Página de inicio  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

SMQ-C02 Datasheet(HTML) 4 Page - SYNERGY MICROWAVE CORPORATION

  SMQ-C02 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION SMQ-C02 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION SMQ-C02 Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION SMQ-C02 Datasheet HTML 4Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
40 - 80 MHz
2:1 Bandwidth
90º HYBRID
SURFACE MOUNT MODEL: SMQ-C02
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
Copyright © 2008 Synergy Microwave Corporation
data @ 25ºC
0
2
4
6
8
10
12
40
44
48
52
56
60
64
68
72
76
80
Frequency (MHz)


Número de pieza similar - SMQ-C02

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SYNERGY MICROWAVE CORPO...
SMQ-C01 SYNERGY-SMQ-C01 Datasheet
376Kb / 4P
   90쨘 HYBRID
SMQ-C03 SYNERGY-SMQ-C03 Datasheet
461Kb / 4P
   2:1 bandwidth
SMQ-C04 SYNERGY-SMQ-C04 Datasheet
472Kb / 4P
   90쨘 HYBRID
SMQ-C05 SYNERGY-SMQ-C05 Datasheet
372Kb / 4P
   90쨘 HYBRID
SMQ-C07 SYNERGY-SMQ-C07 Datasheet
462Kb / 4P
   90쨘 HYBRID
More results

Descripción similar - SMQ-C02

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SYNERGY MICROWAVE CORPO...
SMQ-CB1 SYNERGY-SMQ-CB1 Datasheet
356Kb / 4P
   90쨘 HYBRID SURFACE MOUNT 2:1 bandwidth 7 - 14 MHz
SMQ-C09 SYNERGY-SMQ-C09 Datasheet
342Kb / 4P
   90쨘 HYBRID SURFACE MOUNT 3:1 BANDWIDTH 14 - 42 MHz
SMQ-C12 SYNERGY-SMQ-C12 Datasheet
264Kb / 4P
   90쨘 HYBRID SURFACE MOUNT OPTIMIZED BANDWIDTH 127.72 MHz
SLQ-310 SYNERGY-SLQ-310 Datasheet
341Kb / 4P
   90쨘 HYBRID SURFACE 3:1 bandwidth 115 - 345 MHz
SMQ-C20 SYNERGY-SMQ-C20 Datasheet
344Kb / 4P
   90쨘 HYBRID SURFACE MOUNT optimized bandwidth 52 - 88 MHz
SLQ-K10 SYNERGY-SLQ-K10 Datasheet
334Kb / 4P
   90쨘 HYBRID SURFACE MOUNT optimized bandwidth 500 - 1000 MHz
DQS-3-32 SYNERGY-DQS-3-32 Datasheet
753Kb / 4P
   90쨘 HYBRID 10:1 BANDWIDTH
logo
M/A-COM Technology Solu...
JH-115 MA-COM-JH-115 Datasheet
62Kb / 3P
   Surface Mount Quadrature Hybrid, 40 - 80 MHz
logo
Tyco Electronics
JHS-115 MACOM-JHS-115 Datasheet
111Kb / 2P
   Surface Mount Quadrature Hybrid 40 - 80 MHz
JH-115 MACOM-JH-115 Datasheet
172Kb / 2P
   Surface Mount Quadrature Hybrid, 40 - 80 MHz
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com