Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMJ-C8 Datasheet(PDF) 2 Page - SYNERGY MICROWAVE CORPORATION

No. de pieza SMJ-C8
Descripción Electrónicos  4 PORT 0/180쨘 HYBRID SURFACE MOUNT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Página de inicio  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

SMJ-C8 Datasheet(HTML) 2 Page - SYNERGY MICROWAVE CORPORATION

  SMJ-C8 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION SMJ-C8 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION SMJ-C8 Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION SMJ-C8 Datasheet HTML 4Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
20 - 1000 MHz
4 PORT 0/180º HYBRID
SURFACE MOUNT MODEL: SMJ-C8
WIDE BANDWIDTH
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
Copyright © 2007 Synergy Microwave Corporation
Data @ 25ºC
0
10
20
30
40
50
20
118
216
314
412
510
608
706
804
902
1000
Frequency (MHz)
Out C to Out D
Sigma - Delta
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
20
118
216
314
412
510
608
706
804
902
1000
Frequency (MHz)
Sigma -C
Sigma - D
Delta - C
Delta - D


Número de pieza similar - SMJ-C8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SYNERGY MICROWAVE CORPO...
SMJ-C6 SYNERGY-SMJ-C6 Datasheet
99Kb / 2P
   180쨘 HYBRID WIDE BANDWIDTH 200 - 1200 MHz
SMJ-CA13 SYNERGY-SMJ-CA13 Datasheet
87Kb / 2P
   SURFACE MOUNT 180쨘 HYBRID WIDE BANDWIDTH 500 - 1500 MHz
More results

Descripción similar - SMJ-C8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SYNERGY MICROWAVE CORPO...
KSJ-K5 SYNERGY-KSJ-K5 Datasheet
380Kb / 4P
   4 port 0/180쨘 HYBRID
SJ-K5 SYNERGY-SJ-K5 Datasheet
359Kb / 4P
   4 port 0/180쨘 HYBRID
DJK-2100 SYNERGY-DJK-2100 Datasheet
333Kb / 4P
   4 PORT 0/180쨘 HYBRID
DJS-345 SYNERGY-DJS-345 Datasheet
269Kb / 4P
   4 PORT 0쨘/180쨘 HYBRID SURFACE MOUNT MODEL
SMJ-CA13 SYNERGY-SMJ-CA13 Datasheet
87Kb / 2P
   SURFACE MOUNT 180쨘 HYBRID WIDE BANDWIDTH 500 - 1500 MHz
DJK-2120 SYNERGY-DJK-2120 Datasheet
386Kb / 4P
   180쨘 HYBRID Wide Bandwidth
logo
M/A-COM Technology Solu...
HH-106 MA-COM-HH-106 Datasheet
70Kb / 2P
   180쨘 Hybrid Junction, 2 - 200 MHz
logo
SYNERGY MICROWAVE CORPO...
SMJ-C6 SYNERGY-SMJ-C6 Datasheet
99Kb / 2P
   180쨘 HYBRID WIDE BANDWIDTH 200 - 1200 MHz
SJL-115 SYNERGY-SJL-115 Datasheet
79Kb / 2P
   180쨘 HYBRID WIDE BANDWIDTH 200 - 1200 MHz
logo
RFHIC
RTH07007-10 RFHIC-RTH07007-10 Datasheet
1Mb / 6P
   Surface Mount Hybrid Type
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com