Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD824AR-16 Datasheet(PDF) 10 Page - Analog Devices

No. de pieza AD824AR-16
Descripción Electrónicos  Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD824AR-16 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD824AR-16 Datasheet HTML 6Page - Analog Devices AD824AR-16 Datasheet HTML 7Page - Analog Devices AD824AR-16 Datasheet HTML 8Page - Analog Devices AD824AR-16 Datasheet HTML 9Page - Analog Devices AD824AR-16 Datasheet HTML 10Page - Analog Devices AD824AR-16 Datasheet HTML 11Page - Analog Devices AD824AR-16 Datasheet HTML 12Page - Analog Devices AD824AR-16 Datasheet HTML 13Page - Analog Devices AD824AR-16 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
REV. C
AD824
–10–
FREQUENCY – Hz
–80
–140
10
100
1k
10k
100k
–90
–100
–110
–120
–130
1 TO 4
1 TO 2
1 TO 3
TPC 22. Crosstalk vs. Frequency
FREQUENCY – Hz
10k
.01
10
10M
100
1k
10k
100k
1M
1k
100
10
1
.1
TPC 23. Output Impedance vs. Frequency, Gain = +1
10
0%
100
90
500ns
20mV
TPC 24. Small Signal Response, Unity Gain Follower,
10k 100 pF Load
10
0%
100
90
5µs
5V
TPC 25. Large Signal Response
TEMPERATURE – C
2750
1000
–60
140
–40
–20
0
20
40
60
80
100
120
2500
2250
2000
1750
1500
1250
VS = 15V
VS = 3, 0
TPC 26. Supply Current vs. Temperature
LOAD CURRENT – mA
1000
100
0
0.01
10.0
0.10
1.0
10
VOL – VS
VS – VOH
VS = 15V
VS = 3, 0
TPC 27. Output Saturation Voltage


Número de pieza similar - AD824AR-16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD824AR-16 AD-AD824AR-16 Datasheet
551Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. A
AD824AR-16 AD-AD824AR-16 Datasheet
1Mb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD824AR-16 AD-AD824AR-16 Datasheet
1Mb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
More results

Descripción similar - AD824AR-16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD820 AD-AD820_07 Datasheet
588Kb / 24P
   Single-Supply, Rail-to-Rail, Low Power FET-Input Op Amp
Rev. E
AD822ARMZ AD-AD822ARMZ Datasheet
296Kb / 24P
   Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. I
AD824ARZ-14 AD-AD824ARZ-14 Datasheet
1Mb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD824 AD-AD824_V01 Datasheet
344Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
Rev. E
AD824 AD-AD824_15 Datasheet
436Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. D
AD824ARZ-14-REEL7 AD-AD824ARZ-14-REEL7 Datasheet
1Mb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD824 AD-AD824 Datasheet
551Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. A
AD820ARMZ AD-AD820ARMZ Datasheet
428Kb / 24P
   Single-Supply, Rail-to-Rail, Low Power, FET Input Op Amp
Rev. H
AD822 AD-AD822 Datasheet
320Kb / 16P
   Single Supply, Rail-to-Rail Low Power FET-Input Op Amp
REV. A
AD822AN AD-AD822AN Datasheet
296Kb / 24P
   Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com