Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2622 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza LM2622
Descripción Electrónicos  600kHz/1.3MHz Step-up PWM DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2622 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM2622_04 Datasheet HTML 5Page - National Semiconductor (TI) LM2622_04 Datasheet HTML 6Page - National Semiconductor (TI) LM2622_04 Datasheet HTML 7Page - National Semiconductor (TI) LM2622_04 Datasheet HTML 8Page - National Semiconductor (TI) LM2622_04 Datasheet HTML 9Page - National Semiconductor (TI) LM2622_04 Datasheet HTML 10Page - National Semiconductor (TI) LM2622_04 Datasheet HTML 11Page - National Semiconductor (TI) LM2622_04 Datasheet HTML 12Page - National Semiconductor (TI) LM2622_04 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Operation (Continued)
The LM2622 is a current mode PWM boost converter. The
signal flow of this control scheme has two feedback loops,
one that senses switch current and one that senses output
voltage.
To keep a current programmed control converter stable
above duty cycles of 50%, the inductor must meet certain
criteria. The inductor, along with input and output voltage,
will determine the slope of the current through the inductor
(see Figure 2 (a)). If the slope of the inductor current is too
great, the circuit will be unstable above duty cycles of 50%.
A 10µH inductor is recommended for most 600 kHz applica-
tions, while a 4.7µH inductor may be used for most 1.25 MHz
applications. If the duty cycle is approaching the maximum of
85%, it may be necessary to increase the inductance by as
much as 2X. See Inductor and Diode Selection for more
detailed inductor sizing.
The LM2622 provides a compensation pin (V
C) to customize
the voltage loop feedback. It is recommended that a series
combination of R
C and CC be used for the compensation
network, as shown in the typical application circuit. For any
given application, there exists a unique combination of R
C
and C
C that will optimize the performance of the LM2622
circuit in terms of its transient response. The series combi-
nation of R
C and CC introduces a pole-zero pair according to
the following equations:
where R
O is the output impedance of the error amplifier,
approximately 1Meg
Ω. For most applications, performance
can be optimized by choosing values within the range 5k
Ω≤
R
C
≤ 20kΩ (R
C can be up to 200k
Ω if C
C2 is used, see High
Output Capacitor ESR Compensation) and 680pF
≤ C
C
4.7nF. Refer to the Applications Information section for rec-
ommended values for specific circuits and conditions. Refer
to the Compensation section for other design requirement.
COMPENSATION
This section will present a general design procedure to help
insure a stable and operational circuit. The designs in this
datasheet are optimized for particular requirements. If differ-
ent conversions are required, some of the components may
need to be changed to ensure stability. Below is a set of
general guidelines in designing a stable circuit for continu-
ous conduction operation (loads greater than approximately
75mA), in most all cases this will provide for stability during
discontinuous operation as well. The power components and
their effects will be determined first, then the compensation
components will be chosen to produce stability.
INDUCTOR AND DIODE SELECTION
Although the inductor sizes mentioned earlier are fine for
most applications, a more exact value can be calculated. To
ensure stability at duty cycles above 50%, the inductor must
have some minimum value determined by the minimum
input voltage and the maximum output voltage. This equa-
tion is:
where fs is the switching frequency, D is the duty cycle, and
R
DSON is the ON resistance of the internal switch taken from
the graph "R
DSON vs. VIN"inthe Typical Performance Char-
acteristics section. This equation is only good for duty cycles
greater than 50% (D>0.5), for duty cycles less than 50% the
recommended values may be used. The corresponding in-
ductor current ripple as shown in Figure 2 (a) is given by:
The inductor ripple current is important for a few reasons.
One reason is because the peak switch current will be the
average inductor current (input current or I
LOAD/D’) plus
∆i
L.
As a side note, discontinuous operation occurs when the
inductor current falls to zero during a switching cycle, or
∆i
L
is greater than the average inductor current. Therefore, con-
tinuous conduction mode occurs when
∆i
L is less than the
average inductor current. Care must be taken to make sure
that the switch will not reach its current limit during normal
operation. The inductor must also be sized accordingly. It
should have a saturation current rating higher than the peak
inductor current expected. The output voltage ripple is also
affected by the total ripple current.
The output diode for a boost regulator must be chosen
correctly depending on the output voltage and the output
current. The typical current waveform for the diode in con-
tinuous conduction mode is shown in Figure 2 (b). The diode
must be rated for a reverse voltage equal to or greater than
the output voltage used. The average current rating must be
greater than the maximum load current expected, and the
peak current rating must be greater than the peak inductor
current. During short circuit testing, or if short circuit condi-
tions are possible in the application, the diode current rating
must exceed the switch current limit. Using Schottky diodes
with lower forward voltage drop will decrease power dissipa-
tion and increase efficiency.
DC GAIN AND OPEN-LOOP GAIN
Since the control stage of the converter forms a complete
feedback loop with the power components, it forms a closed-
loop system that must be stabilized to avoid positive feed-
back and instability. A value for open-loop DC gain will be
required, from which you can calculate, or place, poles and
zeros to determine the crossover frequency and the phase
margin. A high phase margin (greater than 45˚) is desired for
the best stability and transient response. For the purpose of
stabilizing the LM2622, choosing a crossover point well be-
low where the right half plane zero is located will ensure
sufficient phase margin. A discussion of the right half plane
zero and checking the crossover using the DC gain will
follow.
INPUT AND OUTPUT CAPACITOR SELECTION
The switching action of a boost regulator causes a triangular
voltage waveform at the input. A capacitor is required to
reduce the input ripple and noise for proper operation of the
regulator. The size used is dependant on the application and
board layout. If the regulator will be loaded uniformly, with
www.national.com
9


Número de pieza similar - LM2622_04

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2622MM-ADJ NSC-LM2622MM-ADJ Datasheet
429Kb / 16P
   600kHz/1.3MHz Step-up PWM DC/DC Converter
logo
Texas Instruments
LM2622MM-ADJ/NOPB TI-LM2622MM-ADJ/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   LM2622 600kHz/1.3MHz Step-up PWM DC/DC Converter
logo
National Semiconductor ...
LM2622MMX-ADJ NSC-LM2622MMX-ADJ Datasheet
429Kb / 16P
   600kHz/1.3MHz Step-up PWM DC/DC Converter
logo
Texas Instruments
LM2622MMX-ADJ/NOPB TI-LM2622MMX-ADJ/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   LM2622 600kHz/1.3MHz Step-up PWM DC/DC Converter
LM2622 TI-LM2622_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM2622 600kHz/1.3MHz Step-up PWM DC/DC Converter
More results

Descripción similar - LM2622_04

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2622 NSC-LM2622 Datasheet
429Kb / 16P
   600kHz/1.3MHz Step-up PWM DC/DC Converter
logo
Texas Instruments
LM2622 TI-LM2622_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM2622 600kHz/1.3MHz Step-up PWM DC/DC Converter
logo
National Semiconductor ...
LM2700 NSC-LM2700 Datasheet
478Kb / 17P
   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
Texas Instruments
LM2700Q TI1-LM2700Q Datasheet
370Kb / 19P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700Q TI1-LM2700Q_15 Datasheet
1Mb / 25P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700 TI1-LM2700_14 Datasheet
1Mb / 25P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
National Semiconductor ...
LM2700 NSC-LM2700_04 Datasheet
512Kb / 17P
   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
Texas Instruments
LM2700Q-Q1 TI-LM2700Q-Q1_15 Datasheet
1Mb / 25P
[Old version datasheet]   LM2700Q 600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
ELM Technology Corporat...
ELM92 ELM-TECH-ELM92 Datasheet
1Mb / 14P
   600kHz High output current PWM step-up DC/DC converter
logo
Texas Instruments
LM2700 TI-LM2700_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM2700 600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com