Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD811SCHIPS Datasheet(PDF) 8 Page - Analog Devices

No. de pieza AD811SCHIPS
Descripción Electrónicos  High Performance Video Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD811SCHIPS Datasheet(HTML) 8 Page - Analog Devices

Back Button AD811SCHIPS Datasheet HTML 4Page - Analog Devices AD811SCHIPS Datasheet HTML 5Page - Analog Devices AD811SCHIPS Datasheet HTML 6Page - Analog Devices AD811SCHIPS Datasheet HTML 7Page - Analog Devices AD811SCHIPS Datasheet HTML 8Page - Analog Devices AD811SCHIPS Datasheet HTML 9Page - Analog Devices AD811SCHIPS Datasheet HTML 10Page - Analog Devices AD811SCHIPS Datasheet HTML 11Page - Analog Devices AD811SCHIPS Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD811
Rev. E | Page 8 of 20
50
100
150
200
250
–60
–40
–20
0
20
40
60
80
100
120
140
JUNCTION TEMPERATURE (°C)
VS = ±15V
VS = ±5V
Figure 14. Short-Circuit Current vs. Junction Temperature
0.01
1
0.1
10
FREQUENCY (Hz)
100k
10k
1M
10M
100M
VS = ±15V
VS = ±5V
GAIN = –2
RFB = 649Ω
Figure 15. Closed-Loop Output Resistance vs. Frequency
–20
0
20
40
60
100
0
2
4
6
8
10
0.8
1.0
0.4
0.6
1.2
1.4
1.6
VALUE OF FEEDBACK RESISTOR [RFB] (kΩ)
OVERSHOOT
RISE TIME
VS = ±15V
VO = 1V p-p
RL = 150Ω
GAIN = +2
Figure 16. Rise Time and Overshoot vs. Value of Feedback Resistor, RFB
0
0.5
1.0
1.5
2.0
–60
–40
–20
0
20
40
60
80
100
120
140
JUNCTION TEMPERATURE (°C)
VS = ±15V
RL = 200Ω
VOUT = ±10V
VS = ±5V
RL = 150Ω
VOUT = ±2.5V
Figure 17. Transresistance vs. Junction Temperature
1
10
100
1
10
100
FREQUENCY (Hz)
100
10
1k
10k
100k
NONINVERTING CURRENT VS = ±5V TO ±15V
INVERTING CURRENT VS = ±5V TO ±15V
VOLTAGE NOISE VS = ±15V
VOLTAGE NOISE VS = ±5V
Figure 18. Input Noise vs. Frequency
0
2
4
6
8
10
0
40
80
120
160
200
0.8
1.0
0.4
0.6
1.2
1.4
1.6
VALUE OF FEEDBACK RESISTOR [RFB] (kΩ)
PEAKING
BANDWIDTH
VS = ±15V
VO = 1V p-p
RL = 150Ω
GAIN = +2
Figure 19. −3 dB Bandwidth and Peaking vs. Value of RFB


Número de pieza similar - AD811SCHIPS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD811SCHIPS AD-AD811SCHIPS Datasheet
230Kb / 15P
   High Performance Video Op Amp
REV. D
AD811SCHIPS AD-AD811SCHIPS Datasheet
465Kb / 21P
   High Performance Video Op Amp
More results

Descripción similar - AD811SCHIPS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD811 AD-AD811 Datasheet
230Kb / 15P
   High Performance Video Op Amp
REV. D
AD811 AD-AD811_17 Datasheet
465Kb / 21P
   High Performance Video Op Amp
AD811 AD-AD811_15 Datasheet
624Kb / 21P
   High Performance Video Op Amp
Rev. F
AD829 AD-AD829_04 Datasheet
275Kb / 16P
   High Speed, Low Noise Video Op Amp
REV. G
AD829JNZ AD-AD829JNZ Datasheet
379Kb / 20P
   High Speed, Low Noise Video Op Amp
Rev. I
AD829 AD-AD829 Datasheet
321Kb / 12P
   High-Speed, Low-Noise Video Op Amp
REV. E
AD829 AD-AD829_15 Datasheet
379Kb / 20P
   High Speed, Low Noise Video Op Amp
Rev. I
AD829 AD-AD829_17 Datasheet
394Kb / 21P
   High Speed, Low Noise Video Op Amp
logo
Texas Instruments
LMH6715 TI1-LMH6715_16 Datasheet
1Mb / 21P
[Old version datasheet]   Dual Wideband Video Op Amp
CLC410 TI1-CLC410 Datasheet
559Kb / 16P
[Old version datasheet]   Fast Settling, Video Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com