Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8009AR Datasheet(PDF) 10 Page - Analog Devices

No. de pieza AD8009AR
Descripción Electrónicos  1 GHz, 5,500 V/??Low Distortion Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8009AR Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8009AR Datasheet HTML 6Page - Analog Devices AD8009AR Datasheet HTML 7Page - Analog Devices AD8009AR Datasheet HTML 8Page - Analog Devices AD8009AR Datasheet HTML 9Page - Analog Devices AD8009AR Datasheet HTML 10Page - Analog Devices AD8009AR Datasheet HTML 11Page - Analog Devices AD8009AR Datasheet HTML 12Page - Analog Devices AD8009AR Datasheet HTML 13Page - Analog Devices AD8009AR Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD8009
–10–
REV. F
V
O
50mV
1ns
VS = 5V
G = +2
RF = 301
RL = 150
VO = 200mV p-p
TPC 34. 2 V Transient Response; VS = 5 V; G = +2
FREQUENCY (MHz)
10
1000
100
8
7
6
5
4
–1
3
2
1
0
12
9
6
3
0
–15
–12
–9
–6
–3
50
V
IN
CA
499
V
OUT = 200mV p–p
V
OUT
499
100
1
CA = 2pF
3dB/div
CA = 1pF
1dB/div
CA = 0pF
1dB/div
TPC 35. Small Signal Frequency Response vs.
Parasitic Capacitance
1.5ns
40mV
VOUT = 200mV p–p
VS = 5V
CA = 2pF
CA = 1pF
CA = 0pF
499
100
50
V
OUT
V
IN
CA
499
TPC 36. Small Signal Pulse Response vs.
Parasitic Capacitance
2ns
500mV
G = +10
RF = 200
RL = 100
VO = 2V p-p
TPC 31. 2 V Transient Response; G = +10
3ns
1V
G = +10
RF = 200
RL = 100
VO = 4V p-p
TPC 32. 4 V Transient Response; G = +10
V
O
50mV
1ns
VS = 5V
G = +2
RF = 301
RL = 150
VO = 200mV p-p
TPC 33. Small Signal Transient Response;
VS = 5 V; G = +2


Número de pieza similar - AD8009AR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8009AR AD-AD8009AR Datasheet
229Kb / 12P
   1 GHz, 5,500 V/us Low Distortion Amplifier
REV. B
AD8009AR-REEL AD-AD8009AR-REEL Datasheet
229Kb / 12P
   1 GHz, 5,500 V/us Low Distortion Amplifier
REV. B
AD8009ART AD-AD8009ART Datasheet
229Kb / 12P
   1 GHz, 5,500 V/us Low Distortion Amplifier
REV. B
AD8009ART-REEL AD-AD8009ART-REEL Datasheet
229Kb / 12P
   1 GHz, 5,500 V/us Low Distortion Amplifier
REV. B
AD8009ART-REEL7 AD-AD8009ART-REEL7 Datasheet
229Kb / 12P
   1 GHz, 5,500 V/us Low Distortion Amplifier
REV. B
More results

Descripción similar - AD8009AR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8009 AD-AD8009 Datasheet
229Kb / 12P
   1 GHz, 5,500 V/us Low Distortion Amplifier
REV. B
AD8350 AD-AD8350_17 Datasheet
247Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
AD8350ARMZ15 AD-AD8350ARMZ15 Datasheet
370Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
REV. B
AD8350 AD-AD8350_01 Datasheet
228Kb / 16P
   Low Distortion 1.0 GHz Differential Amplifier
REV. A
AD8350 AD-AD8350 Datasheet
179Kb / 11P
   Low Distortion 1.0 GHz Differential Amplifier
REV. 0
AD8350 AD-AD8350_15 Datasheet
370Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
REV. B
logo
Texas Instruments
THS3201-EP TI1-THS3201-EP Datasheet
882Kb / 32P
[Old version datasheet]   1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
THS3201 TI-THS3201 Datasheet
754Kb / 29P
[Old version datasheet]   1.8-GHz, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIER
THS3201 TI1-THS3201_14 Datasheet
1Mb / 40P
[Old version datasheet]   1.8-GHz, LOW DISTORTION, CURRENT-FEEDBACK AMPLIFIER
THS3201-EP TI1-THS3201-EP_14 Datasheet
1Mb / 34P
[Old version datasheet]   1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com