Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8009AR Datasheet(PDF) 3 Page - Analog Devices

No. de pieza AD8009AR
Descripción Electrónicos  1 GHz, 5,500 V/??Low Distortion Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8009AR Datasheet(HTML) 3 Page - Analog Devices

  AD8009AR Datasheet HTML 1Page - Analog Devices AD8009AR Datasheet HTML 2Page - Analog Devices AD8009AR Datasheet HTML 3Page - Analog Devices AD8009AR Datasheet HTML 4Page - Analog Devices AD8009AR Datasheet HTML 5Page - Analog Devices AD8009AR Datasheet HTML 6Page - Analog Devices AD8009AR Datasheet HTML 7Page - Analog Devices AD8009AR Datasheet HTML 8Page - Analog Devices AD8009AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
–3–
REV. F
AD8009
SPECIFICATIONS
(@ TA = 25 C, VS =
5 V, RL = 100
, for R Package: RF = 301
for G = +1, +2,
RF = 200
for G = +10).
AD8009AR/JRT
Model
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
–3 dB Small Signal Bandwidth, VO = 0.2 V p-p
G = +1, RF = 301
630
MHz
G = +2
430
MHz
G = +10
300
MHz
Large Signal Bandwidth, VO = 2 V p-p
G = +2
365
MHz
G = +10
250
MHz
Gain Flatness 0.1 dB, VO = 0.2 V p-p
G = +2, RL = 150
65
MHz
Slew Rate
G = +2, RL = 150
Ω, 4 V Step
2,100
V/
µs
Settling Time to 0.1%
G = +2, RL = 150
Ω, 2 V Step
10
ns
G = +10, 2 V Step
25
ns
Rise and Fall Time
G = +2, RL = 150
Ω, 4 V Step
0.725
ns
HARMONIC/NOISE PERFORMANCE
Second Harmonic G = +2, VO = 2 V p-p
10 MHz
–74
dBc
20 MHz
–67
dBc
70 MHz
–48
dBc
Third Harmonic
10 MHz
–76
dBc
20 MHz
–72
dBc
70 MHz
–44
dBc
Input Voltage Noise
f = 10 MHz
1.9
nV/
√Hz
Input Current Noise
f = 10 MHz, +In
46
pA/
√Hz
f = 10 MHz, –In
41
pA/
√Hz
DC PERFORMANCE
Input Offset Voltage
14
mV
–Input Bias Current
50
150
±µA
+Input Bias Voltage
50
150
±µA
INPUT CHARACTERISTICS
Input Resistance
+Input
110
k
–Input
8
Input Capacitance
+Input
2.6
pF
Input Common-Mode Voltage Range
1.2 to 3.8
V
Common-Mode Rejection Ratio
VCM = 1.5 V to 3.5 V
50
52
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
1.1 to 3.9
V
Output Current
RL = 10
Ω, PD Package = 0.7 W
175
mA
Short-Circuit Current
330
mA
POWER SUPPLY
Operating Range
+5
±6V
Quiescent Current
10
12
mA
Power Supply Rejection Ratio
VS = 4.5 V to 5.5 V
64
70
dB
Specifications subject to change without notice.


Número de pieza similar - AD8009AR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8009AR AD-AD8009AR Datasheet
229Kb / 12P
   1 GHz, 5,500 V/us Low Distortion Amplifier
REV. B
AD8009AR-REEL AD-AD8009AR-REEL Datasheet
229Kb / 12P
   1 GHz, 5,500 V/us Low Distortion Amplifier
REV. B
AD8009ART AD-AD8009ART Datasheet
229Kb / 12P
   1 GHz, 5,500 V/us Low Distortion Amplifier
REV. B
AD8009ART-REEL AD-AD8009ART-REEL Datasheet
229Kb / 12P
   1 GHz, 5,500 V/us Low Distortion Amplifier
REV. B
AD8009ART-REEL7 AD-AD8009ART-REEL7 Datasheet
229Kb / 12P
   1 GHz, 5,500 V/us Low Distortion Amplifier
REV. B
More results

Descripción similar - AD8009AR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8009 AD-AD8009 Datasheet
229Kb / 12P
   1 GHz, 5,500 V/us Low Distortion Amplifier
REV. B
AD8350 AD-AD8350_17 Datasheet
247Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
AD8350ARMZ15 AD-AD8350ARMZ15 Datasheet
370Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
REV. B
AD8350 AD-AD8350_01 Datasheet
228Kb / 16P
   Low Distortion 1.0 GHz Differential Amplifier
REV. A
AD8350 AD-AD8350 Datasheet
179Kb / 11P
   Low Distortion 1.0 GHz Differential Amplifier
REV. 0
AD8350 AD-AD8350_15 Datasheet
370Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
REV. B
logo
Texas Instruments
THS3201-EP TI1-THS3201-EP Datasheet
882Kb / 32P
[Old version datasheet]   1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
THS3201 TI-THS3201 Datasheet
754Kb / 29P
[Old version datasheet]   1.8-GHz, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIER
THS3201 TI1-THS3201_14 Datasheet
1Mb / 40P
[Old version datasheet]   1.8-GHz, LOW DISTORTION, CURRENT-FEEDBACK AMPLIFIER
THS3201-EP TI1-THS3201-EP_14 Datasheet
1Mb / 34P
[Old version datasheet]   1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com