Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8007AR Datasheet(PDF) 7 Page - Analog Devices

No. de pieza AD8007AR
Descripción Electrónicos  Ultralow Distortion High Speed Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8007AR Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8007AR Datasheet HTML 3Page - Analog Devices AD8007AR Datasheet HTML 4Page - Analog Devices AD8007AR Datasheet HTML 5Page - Analog Devices AD8007AR Datasheet HTML 6Page - Analog Devices AD8007AR Datasheet HTML 7Page - Analog Devices AD8007AR Datasheet HTML 8Page - Analog Devices AD8007AR Datasheet HTML 9Page - Analog Devices AD8007AR Datasheet HTML 10Page - Analog Devices AD8007AR Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
REV. D
AD8007/AD8008
–7–
FREQUENCY – MHz
10
9
2
1
100
10
6
5
4
3
8
7
1
0
1000
G = +2
20pF
0pF
20pF AND
10
SNUB
20pF AND
20
SNUB
499
499
200
49.9
RSNUB
CLOAD
TPC 7. Small Signal Frequency Response for Capacitive
Load and Snub Resistor
FREQUENCY – MHz
3
2
–5
100
10
–1
–2
–3
–4
1
0
–6
–7
1000
VS = +5V, +85 C
VS = 5V, –40 C
VS = +5V, –40 C
VS = 5V, +85 C
G = +1
TPC 8. Small Signal Frequency Response over
Temperature, VS = +5 V,
±5 V
FREQUENCY – MHz
3
2
–5
1
100
10
–1
–2
–3
–4
1
0
–6
–7
1000
VOUT = 2V p-p
G = +1 G = +2
G = +10
G = –1
TPC 9. Large Signal Frequency Response for Various Gains
FREQUENCY – Hz
10M
1M
10k
1M
100k
1k
100
10
1
100k
10k
10M
100M
1G
0
–30
–90
–150
–210
–270
–330
2G
TRANSIMPEDANCE
PHASE
30
90
–180
TPC 10. Transimpedance and Phase vs. Frequency
FREQUENCY – MHz
9
8
1
100
10
5
4
3
2
7
6
0
–1
1000
G = +2
VS = +5V, +85 C
VS = 5V, –40 C
VS = +5V, –40 C
VS = 5V, +85 C
TPC 11. Small Signal Frequency Response over
Temperature, VS = +5 V,
±5 V
FREQUENCY – MHz
9
8
1
100
10
5
4
3
2
7
6
0
–1
1000
RL = 150 , VS = 5V,VO = 2V p-p
RL = 1k , VS = 5V,VO = 2V p-p
RL = 150 , VS = +5V,VO = 1V p-p
RL = 1k , VS = +5V,VO = 1V p-p
G = +2
TPC 12. Large Signal Frequency Response for VS and RLOAD


Número de pieza similar - AD8007AR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8007AR AD-AD8007AR Datasheet
487Kb / 20P
   ULTRALOW DISTORTION HIGH SPEED AMPLIFIERS
REV. C
AD8007AR AD-AD8007AR Datasheet
535Kb / 21P
   Ultralow Distortion,High Speed Amplifiers
Rev. E
AD8007AR-REEL AD-AD8007AR-REEL Datasheet
487Kb / 20P
   ULTRALOW DISTORTION HIGH SPEED AMPLIFIERS
REV. C
AD8007AR-REEL AD-AD8007AR-REEL Datasheet
535Kb / 21P
   Ultralow Distortion,High Speed Amplifiers
Rev. E
AD8007AR-REEL7 AD-AD8007AR-REEL7 Datasheet
487Kb / 20P
   ULTRALOW DISTORTION HIGH SPEED AMPLIFIERS
REV. C
More results

Descripción similar - AD8007AR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8008 AD-AD8008_15 Datasheet
587Kb / 21P
   Ultralow Distortion, High Speed Amplifiers
Rev. E
AD8007 AD-AD8007_15 Datasheet
587Kb / 21P
   Ultralow Distortion, High Speed Amplifiers
Rev. E
AD8007ARZR7 AD-AD8007ARZR7 Datasheet
535Kb / 21P
   Ultralow Distortion,High Speed Amplifiers
Rev. E
AD8007 AD-AD8007 Datasheet
487Kb / 20P
   ULTRALOW DISTORTION HIGH SPEED AMPLIFIERS
REV. C
AD8099 AD-AD8099_15 Datasheet
811Kb / 29P
   Ultralow Distortion, High Speed
REV. D
logo
Texas Instruments
THS4011 TI1-THS4011_16 Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4012CDGNR TI-THS4012CDGNR Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4011 TI-THS4011 Datasheet
439Kb / 30P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4011IDGNR TI-THS4011IDGNR Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4011 NSC-THS4011 Datasheet
1Mb / 36P
   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com