Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM4132DMFX-4.1 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza LM4132DMFX-4.1
Descripción Electrónicos  SOT-23 Precision Low Dropout Voltage Reference
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4132DMFX-4.1 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM4132DMFX-4.1 Datasheet HTML 4Page - National Semiconductor (TI) LM4132DMFX-4.1 Datasheet HTML 5Page - National Semiconductor (TI) LM4132DMFX-4.1 Datasheet HTML 6Page - National Semiconductor (TI) LM4132DMFX-4.1 Datasheet HTML 7Page - National Semiconductor (TI) LM4132DMFX-4.1 Datasheet HTML 8Page - National Semiconductor (TI) LM4132DMFX-4.1 Datasheet HTML 9Page - National Semiconductor (TI) LM4132DMFX-4.1 Datasheet HTML 10Page - National Semiconductor (TI) LM4132DMFX-4.1 Datasheet HTML 11Page - National Semiconductor (TI) LM4132DMFX-4.1 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Electrical Characteristics
LM4132-4.1 (V
OUT = 4.096V)
Limits in standard type are for T
J = 25˚C only, and limits in boldface type ap-
ply over the junction temperature (T
J) range of -40˚C to +125˚C unless otherwise specified. Minimum and Maximum limits are
guaranteed through test, design, or statistical correlation. Typical values represent the most likely parametric norm at T
J =
25˚C, and are provided for reference purposes only. Unless otherwise specified V
IN = 5V and ILOAD =0
Symbol
Parameter
Conditions
Min
(Note 4)
Typ
(Note
5)
Max
(Note 4)
Unit
V
REF
Output Voltage Initial Accuracy
LM4132A-4.1
(A Grade - 0.05%)
-0.05
0.05
%
LM4132B-4.1
(B Grade - 0.1%)
-0.1
0.1
LM4132C-4.1
(C Grade - 0.2%)
-0.2
0.2
LM4132D-4.1
(D Grade - 0.4%)
-0.4
0.4
LM4132E-4.1
(E Grade - 0.5%)
-0.5
0.5
TCV
REF /˚C
(Note 6)
Temperature Coefficient
LM4132A-4.1
0˚C
≤ T
J
≤ + 85˚C
10
ppm/˚C
-40˚C
≤ T
J
≤ +125˚C
20
LM4132B-4.1
-40˚C
≤ T
J
≤ +125˚C
20
LM4132C-4.1
20
LM4132D-4.1
20
LM4132E-4.1
30
I
Q
Supply Current
60
100
µA
I
Q_SD
Supply Current in Shutdown
EN = 0V
3
7
µA
∆V
REF/
∆V
IN
Line Regulation
V
REF + 400mV
≤ V
IN
≤ 5.5V
100
ppm / V
∆V
REF/
∆I
LOAD
Load Regulation
0mA
≤ I
LOAD
≤ 20mA
25
120
ppm/mA
∆V
REF
Long Term Stability (Note 7)
1000 Hrs
50
ppm
Thermal Hysteresis (Note 8)
-40˚C
≤ T
J
≤ +125˚C
75
V
IN -VREF
Dropout Voltage (Note 9)
I
LOAD = 10mA
175
400
mV
V
N
Output Noise Voltage
0.1 Hz to 10 Hz
350
µV
PP
I
SC
Short Circuit Current
75
mA
V
IL
Enable Pin Maximum Low Input
Level
35
%V
IN
V
IH
Enable Pin Minimum High Input
Level
65
%V
IN
Note 1: Absolute Maximum Ratings indicate limits beyond which damage may occur to the device. Operating Ratings indicate conditions for which the device is
intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications, see Electrical Characteristics.
Note 2: Without PCB copper enhancements. The maximum power dissipation must be de-rated at elevated temperatures and is limited by TJMAX (maximum
junction temperature),
θJ-A (junction to ambient thermal resistance) and TA (ambient temperature). The maximum power dissipation at any temperature is: PDissMAX
=(TJMAX -TA)/θJ-A up to the value listed in the Absolute Maximum Ratings. θJ-A for SOT23-5 package is 220˚C/W, TJMAX = 125˚C.
Note 3: The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin.
Note 4: Limits are 100% production tested at 25˚C. Limits over the operating temperature range are guaranteed through correlation using Statistical Quality Control.
Note 5: Typical numbers are at 25˚C and represent the most likely parametric norm.
Note 6: Temperature coefficient is measured by the "Box" method; i.e., the maximum
∆VREF is divided by the maximum ∆T.
Note 7: Long term stability is VREF @25˚C measured during 1000 hrs.
Note 8: Thermal hysteresis is defined as the change in +25˚C output voltage before and after cycling the device from (-40˚C to 125˚C).
Note 9: Dropout voltage is defined as the minimum input to output differential at which the output voltage drops by 0.5% below the value measured with a 5V input.
www.national.com
8


Número de pieza similar - LM4132DMFX-4.1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM4132DMFX-4.1 NSC-LM4132DMFX-4.1 Datasheet
863Kb / 15P
   SOT-23 Precision Low Dropout Voltage Reference
logo
Texas Instruments
LM4132DMFX-4.1 TI-LM4132DMFX-4.1 Datasheet
1Mb / 38P
[Old version datasheet]   LM4132 SOT-23 Precision Low Dropout Voltage Reference
LM4132DMFX-4.1/NOPB TI-LM4132DMFX-4.1/NOPB Datasheet
1Mb / 38P
[Old version datasheet]   LM4132 SOT-23 Precision Low Dropout Voltage Reference
LM4132DMFX-4.1/NOPB TI1-LM4132DMFX-4.1/NOPB Datasheet
1Mb / 40P
[Old version datasheet]   LM4132, LM4132-Q1 SOT-23 Precision Low Dropout Voltage Reference
LM4132DMFX-4.1/NOPB TI1-LM4132DMFX-4.1/NOPB Datasheet
784Kb / 36P
[Old version datasheet]   SOT-23 Precision Low Dropout Voltage Reference
More results

Descripción similar - LM4132DMFX-4.1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM4132 NSC-LM4132 Datasheet
863Kb / 15P
   SOT-23 Precision Low Dropout Voltage Reference
logo
Texas Instruments
LM4132_016 TI1-LM4132_016 Datasheet
784Kb / 36P
[Old version datasheet]   SOT-23 Precision Low Dropout Voltage Reference
LM4132 TI-LM4132 Datasheet
1Mb / 38P
[Old version datasheet]   LM4132 SOT-23 Precision Low Dropout Voltage Reference
LM4132 TI-LM4132_15 Datasheet
1Mb / 37P
[Old version datasheet]   LM4132/LM4132-Q1 SOT-23 Precision Low Dropout Voltage Reference
LM4132 TI1-LM4132_16 Datasheet
1Mb / 40P
[Old version datasheet]   LM4132, LM4132-Q1 SOT-23 Precision Low Dropout Voltage Reference
logo
Linear Technology
LT1790 LINER-LT1790_15 Datasheet
325Kb / 26P
   Micropower SOT-23 Low Dropout Reference Family
LT1790BIS6-2.5TRPBF LINER-LT1790BIS6-2.5TRPBF Datasheet
325Kb / 26P
   Micropower SOT-23 Low Dropout Reference Family
LT1790BCS6 LINER-LT1790BCS6 Datasheet
325Kb / 26P
   Micropower SOT-23 Low Dropout Reference Family
LT1790 LINER-LT1790 Datasheet
297Kb / 24P
   Micropower SOT-23 Low Dropout Reference Family
logo
Analog Devices
ADR318 AD-ADR318_15 Datasheet
484Kb / 12P
   Precision Low Drift SOT-23 Voltage Reference with Shutdown
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com