Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CA3240E Datasheet(PDF) 3 Page - Intersil Corporation

No. de pieza CA3240E
Descripción Electrónicos  Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3240E Datasheet(HTML) 3 Page - Intersil Corporation

  CA3240E Datasheet HTML 1Page - Intersil Corporation CA3240E Datasheet HTML 2Page - Intersil Corporation CA3240E Datasheet HTML 3Page - Intersil Corporation CA3240E Datasheet HTML 4Page - Intersil Corporation CA3240E Datasheet HTML 5Page - Intersil Corporation CA3240E Datasheet HTML 6Page - Intersil Corporation CA3240E Datasheet HTML 7Page - Intersil Corporation CA3240E Datasheet HTML 8Page - Intersil Corporation CA3240E Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
FN1050.6
March 4, 2005
Equivalent Input Noise Voltage
(See Figure 18)
eN
f = 1kHz, RS = 100Ω
40
40
nV/
√Hz
f = 10kHz, RS = 100Ω
12
12
nV/
√Hz
Short-Circuit Current to Opposite Supply
IOM+Source
40
40
mA
IOM-Sink
11
11
mA
Gain Bandwidth Product (See Figures 13, 27)
fT
4.5
4.5
MHz
Slew Rate (See Figure 14)
SR
9
9
V/
µs
Transient Response (See Figure 1)
tr
RL = 2kΩ, CL = 100pF
Rise Time
0.08
0.08
µs
OS
RL = 2kΩ, CL = 100pF
Overshoot
10
10
%
Settling Time at 10VP-P (See Figure 25)
tS
AV = +1, RL = 2kΩ, CL = 100pF,
Voltage Follower
To 1mV
4.5
4.5
µs
To 10mV
1.4
1.4
µs
Crosstalk (See Figure 22)
f = 1kHz
120
120
dB
Electrical Specifications
For Equipment Design, VSUPPLY = ±15V, TA = 25
oC, Unless Otherwise Specified (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TYPICAL VALUES
UNITS
CA3240A
CA3240
Electrical Specifications
For Equipment Design, at VSUPPLY = ±15V, TA = -40 to 85
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TYPICAL VALUES
UNITS
CA3240A
CA3240
Input Offset Voltage
|VIO|3
10
mV
Input Offset Current (Note 8)
|IIO|32
32
pA
Input Current (Note 8)
II
640
640
pA
Large Signal Voltage Gain (See Figures 12, 27), (Note 6)
AOL
63
63
kV/V
96
96
dB
Common Mode Rejection Ratio (See Figure 17)
CMRR
32
32
µV/V
90
90
dB
Common Mode Input Voltage Range (See Figure 24)
VICR
-15 to +12.3
-15 to +12.3
V
Power Supply Rejection Ratio (See Figure 19)
PSRR
(
∆VIO/∆V±)
150
150
µV/V
76
76
dB
Maximum Output Voltage (Note 7) (See Figures 23, 24)
VOM+
12.4
12.4
V
VOM-
-14.2
-14.2
V
Supply Current (See Figure 15) Total For Both Amps
I+
8.4
8.4
mA
Total Device Dissipation
PD
252
252
mW
Temperature Coefficient of Input Offset Voltage
∆VIO/∆T15
15
µV/oC
NOTES:
6. At VO = 26VP-P, +12V, -14V and RL = 2kΩ.
7. At RL = 2kΩ.
8. At TA = 85
oC.
Electrical Specifications
For Equipment Design, at V+ = 5V, V- = 0V, TA = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TYPICAL VALUES
UNITS
CA3240A
CA3240
Input Offset Voltage
|VIO|2
5
mV
Input Offset Current
|IIO|0.1
0.1
pA
Input Current
II
22
pA
Input Resistance
RIN
11
T
Large Signal Voltage Gain (See Figures 12, 27)
AOL
100
100
kV/V
100
100
dB
CA3240, CA3240A


Número de pieza similar - CA3240E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
CA3240E INTERSIL-CA3240E Datasheet
609Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
August 2001
logo
Renesas Technology Corp
CA3240E RENESAS-CA3240E Datasheet
868Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
List of Unclassifed Man...
CA3240E ETC2-CA3240E Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Renesas Technology Corp
CA3240EZ RENESAS-CA3240EZ Datasheet
868Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
More results

Descripción similar - CA3240E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
CA3240 RENESAS-CA3240 Datasheet
868Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
CA3140 RENESAS-CA3140 Datasheet
1Mb / 24P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3240 INTERSIL-CA3240 Datasheet
609Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
August 2001
CA3140 INTERSIL-CA3140 Datasheet
1Mb / 19P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
September 1998
CA3140 INTERSIL-CA3140_05 Datasheet
1Mb / 23P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
NTE Electronics
NTE7141 NTE-NTE7141 Datasheet
34Kb / 4P
   Integrated Circuit Dual BIMOS Operational Amplifier w/MOSFET Input, Bipolar Output
logo
Harris Corporation
CA3410 HARRIS-CA3410 Datasheet
337Kb / 10P
   Quad BiMOS Operational Amplifiers With MOSFET Input, Bipolar Output
logo
NTE Electronics
NTE7144 NTE-NTE7144 Datasheet
31Kb / 4P
   Integrated Circuit BIMOS Operational Amplifier w/MOSFET Input, Bipolar Output
logo
Intersil Corporation
CA5470 INTERSIL-CA5470 Datasheet
57Kb / 5P
   Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
November 1996
CA5470 INTERSIL-CA5470_01 Datasheet
133Kb / 5P
   Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com