Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM4040DIM7X-5.0 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza LM4040DIM7X-5.0
Descripción Electrónicos  Precision Micropower Shunt Voltage Reference
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4040DIM7X-5.0 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM4040DIM7X-5.0 Datasheet HTML 7Page - National Semiconductor (TI) LM4040DIM7X-5.0 Datasheet HTML 8Page - National Semiconductor (TI) LM4040DIM7X-5.0 Datasheet HTML 9Page - National Semiconductor (TI) LM4040DIM7X-5.0 Datasheet HTML 10Page - National Semiconductor (TI) LM4040DIM7X-5.0 Datasheet HTML 11Page - National Semiconductor (TI) LM4040DIM7X-5.0 Datasheet HTML 12Page - National Semiconductor (TI) LM4040DIM7X-5.0 Datasheet HTML 13Page - National Semiconductor (TI) LM4040DIM7X-5.0 Datasheet HTML 14Page - National Semiconductor (TI) LM4040DIM7X-5.0 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
LM4040-3.0
Electrical Characteristics (Industrial Temperature Range)
Boldface limits apply for T
A =TJ =TMIN to TMAX; all other limits TA =TJ = 25˚C. The grades C, D and E designate initial
Reverse Breakdown Voltage tolerances of ±0.5%, ±1.0% and ±2.0%, respectively.
Symbol
Parameter
Conditions
Typical
(Note 4)
LM4040CIM3
LM4040DIZ
LM4040CIM7
Limits
(Note 5)
LM4040DIM3
LM4040DIZ
LM4040DIM7
Limits
(Note 5)
LM4040EIM7
LM4040EIZ
Limits
(Note 5)
Units
(Limit)
V
R
Reverse Breakdown
Voltage
I
R = 100 µA
3.000
V
Reverse Breakdown
Voltage Tolerance
(Note 6)
I
R = 100 µA
±15
±30
±60
mV (max)
±34
±59
±89
mV (max)
I
RMIN
Minimum Operating
Current
45
µA
60
65
65
µA (max)
65
70
70
µA (max)
∆V
R/
∆T
Average Reverse
Breakdown Voltage
Temperature
Coefficient(Note 6)
I
R =10 mA
±20
ppm/˚C
I
R =1 mA
±15
±100
±150
±150
ppm/˚C (max)
I
R = 100 µA
±15
ppm/˚C
∆V
R/
∆I
R
Reverse Breakdown
Voltage Change with
Operating Current
Change
(Note 7)
I
RMIN
≤ I
R
≤ 1 mA
0.4
mV
0.8
1.1
1.1
mV (max)
1.1
1.3
1.3
mV (max)
1mA
≤ I
R
≤ 15 mA
2.7
mV
6.0
8.0
8.0
mV (max)
9.0
11.0
11.0
mV (max)
Z
R
Reverse Dynamic
Impedance
I
R = 1 mA, f = 120 Hz
0.4
I
AC = 0.1 IR
0.9
1.2
1.2
Ω(max)
e
N
Wideband Noise
I
R = 100 µA
35
µV
rms
10 Hz
≤ f ≤ 10 kHz
∆V
R
Reverse Breakdown
Voltage Long Term
Stability
t = 1000 hrs
T = 25˚C ±0.1˚C
120
ppm
I
R = 100 µA
V
HYST
Thermal Hysteresis
(Note 8)
∆T = −40˚C to +125˚C
0.08
%
LM4040-3.0
Electrical Characteristics (Extended Temperature Range)
Boldface limits apply for T
A =TJ =TMIN to TMAX; all other limits TA =TJ = 25˚C. The grades C, D and E designate initial
Reverse Breakdown Voltage tolerances of ±0.5%, ±1.0% and ±2.0%, respectively.
Symbol
Parameter
Conditions
Typical
(Note 4)
LM4040CEM3
Limits
(Note 5)
LM4040DEM3
Limits
(Note 5)
LM4040EEM3
Limits
(Note 5)
Units
(Limit)
V
R
Reverse Breakdown
Voltage
I
R = 100 µA
3.000
V
Reverse Breakdown
Voltage
Tolerance(Note 6)
I
R = 100 µA
±15
±30
±60
mV (max)
±45
±75
±105
mV (max)
I
RMIN
Minimum Operating
Current
47
µA
62
67
67
µA (max)
70
75
75
µA (max)
www.national.com
11


Número de pieza similar - LM4040DIM7X-5.0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM4040DIM7X-5.0 NSC-LM4040DIM7X-5.0 Datasheet
365Kb / 30P
   Precision Micropower Shunt Voltage Reference
More results

Descripción similar - LM4040DIM7X-5.0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com