Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

DL4761 Datasheet(PDF) 3 Page - Galaxy Semi-Conductor Holdings Limited

No. de Pieza. DL4761
Descripción  ZENER DIODES
Descarga  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  BILIN [Galaxy Semi-Conductor Holdings Limited]
Página de inicio  http://www.galaxycn.com
Logo 

DL4761 Datasheet(HTML) 3 Page - Galaxy Semi-Conductor Holdings Limited

   
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
FIG.1 -- BREAKDOWN CHARACTERISTICS
RATINGSANDCHARACTERISTICCURVES
DL4728---DL4764
FIG.2 -- ADMISSIBLE POWER DISSIPATION VERSUS AMBIENT TEMPERATURE
W
1.0
0.8
0.6
0.2
0.4
0
0
100
200℃
Ptot
Tamb
mA
0
510
IZ
20
15
30 V
25
VZ
20
40
60
80
100
BLGALAXY ELECTRICAL
www.galaxycn.com
Document Number 0284021
3.


Html Pages

1  2  3 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
1N821_1TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 1 2 Microsemi Corporation
CZRW55C2V4-GSurface Mount Zener Diodes 1 2 3 4 Comchip Technology
SZ6A7.56.0W 8.0W and 10W 7.5 - 270 VOLTS ZENER DIODES 1 2 Solid States Devices, Inc
ZMD1Surface mount diode Zener silicon diodes 1 Semikron International
2EZ11_04GLASS PASSIVATED JUNCTION SILICON ZENER DIODES 1 2 3 4 Pan Jit International Inc.
BZX84CSURFACE MOUNT SILICON ZENER DIODES 1 2 3 4 5 Pan Jit International Inc.
BZX85CSILICON PLANAR ZENER DIODES 1 2 TRANSYS Electronics Limited
BZX55C2V41/2 Watt ZENER DIODES 2.4V to 91V 1 2 First Components International
BZV58C10_06Zener silicon diodes 1 Semikron International
MTZJZENER DIODES 1 2 3 Galaxy Semi-Conductor Holdings Limited

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn