Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N6275 Datasheet(PDF) 3 Page - Galaxy Semi-Conductor Holdings Limited

No. de pieza 1N6275
Descripción Electrónicos  TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BILIN [Galaxy Semi-Conductor Holdings Limited]
Página de inicio  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

1N6275 Datasheet(HTML) 3 Page - Galaxy Semi-Conductor Holdings Limited

  1N6275 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 1N6275 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited 1N6275 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited 1N6275 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BLGALAXY ELECTRICAL
Document Number 02850
11
3.
www.galaxycn.com
M
in
M
ax
1N6286
38.7
47.3
1.0
1N6286A
40.9
45.2
1.0
1N6287
42.3
51.7
1.0
1N6287A
44.7
49.4
1.0
1N6288
45.9
56.1
1.0
1N6288A
48.5
53.6
1.0
1N6289
50.4
61.8
1.0
1N6289A
53.2
58.8
1.0
1N6290
55.8
68.2
1.0
1N6290A
58.9
65.1
1.0
1N6291
61.2
74.8
1.0
1N6291A
64.6
71.4
1.0
1N6292
67.5
82.5
1.0
1N6292A
71.3
78.8
1.0
1N6293
73.8
90.2
1.0
1N6293A
77.9
86.1
1.0
1N6294
81.9
100
1.0
1N6294A
86.5
95.5
1.0
1N6295
90.0
110
1.0
1N6295A
95.0
105
1.0
1N6296
99.0
121
1.0
1N6296A
105
116
1.0
1N6297
108
132
1.0
1N6297A
114
126
1.0
1N6298
117
143
1.0
1N6298A
124
137
1.0
1N6299
136
165
1.0
1N6299A
143
158
1.0
1N6300
144
176
1.0
1N6300A
152
168
1.0
1N6301
153
187
1.0
1N6301A
162
179
1.0
1N6302
162
198
1.0
1N6302A
171
189
1.0
1N6303
180
220
1.0
1N6303A
190
210
1.0
Maximum
Temperature
Coefficient
of V(BR)
(%/ )
1.0
Stand-off
Voltage
VWM
(V)
Maximum
Reverse
Leakge
at VWM
ID (NOTE3)(μA)
Maximum
Pea
k Pulse
IPPM(NOTE2)
(A)
1.0
5.8
258
Maximum
Clamping
Voltage at
IPPM VC(V)
215
Breakdow n
Voltage V(BR)
(V)(NOTE1)
Test
Current
at IT
(mA)
94.0
1.0
77.8
73.7
60.7
64.1
66.4
70.1
105
1.0
0.108
111
1.0
8.4
179
0.107
173
0.107
0.107
0.107
0.107
1.0
6.1
246
1.0
207
9.1
165
8.0
187
244
0.106
1.0
9.5
158
0.107
1.0
10.9
9.9
152
1.0
1.0
1.0
11.5
5.2
1.0
1.
1.0
0
6.1
1.0
0.104
58.1
1.0
16.3
92.0
0.104
55.1
1.0
15.3
98.0
0.104
53.0
1.0
17.6
85.0
0.104
50.2
1.0
16.9
89.0
1.0
1.0
1.0
1.0
1.0
1.0
6.8
1.0
7.2
8.7
7.0
12.0
131
125
144
10.4
13.9
14.6
12.7
13.3
109
0.106
0.108
0.108
0.105
0.105
0.105
104
118
137
0.108
0.106
0.108
0.108
0.108
0.108
113
1.0
5.5
6.5
6.4
234
287
274
230
219
0.105
0.106
0.106
0.106
162
154
146
81.0
89.2
85.5
97.2
138
102
121
NOTE: For bidirectional use C or CA suffix for types
1N6267 thru types 1N6303A(e.g.1N6267,1N6303A). Electrical
characteristics apply in both directions.
ELECTRICAL CHARACTERISTICS at(TA=25
unless otherwise noted)
TABLE 1(Cont' d)
Device Type
171
130
136
128
145
0.101
36.8
1.0
25.3
59.3
0.101
34.8
1.0
24.2
61.9
0.101
40.2
1.0
23.1
64.8
0.101
38.1
1.0
22.1
67.8
0.102
43.6
1.0
21.4
70.1
0.102
41.3
1.0
20.4
73.5
0.103
47.8
1.0
19.5
77.0
0.103
45.4
1.0
18.6
80.5


Número de pieza similar - 1N6275

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Transys Electronics
1N6275 TRSYS-1N6275 Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chongqing Pingwei Enter...
1N6275 CHONGQING-1N6275 Datasheet
62Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6275 MDE-1N6275 Datasheet
399Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Dc Components
1N6275 DCCOM-1N6275 Datasheet
740Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
GOOD-ARK Electronics
1N6275 GOOD-ARK-1N6275 Datasheet
626Kb / 6P
   Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
More results

Descripción similar - 1N6275

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com