Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT9555WI Datasheet(PDF) 7 Page - Catalyst Semiconductor

No. de pieza CAT9555WI
Descripción Electrónicos  16-bit I2C and SMBus I/O Port with Interrupt
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT9555WI Datasheet(HTML) 7 Page - Catalyst Semiconductor

Back Button CAT9555WI Datasheet HTML 3Page - Catalyst Semiconductor CAT9555WI Datasheet HTML 4Page - Catalyst Semiconductor CAT9555WI Datasheet HTML 5Page - Catalyst Semiconductor CAT9555WI Datasheet HTML 6Page - Catalyst Semiconductor CAT9555WI Datasheet HTML 7Page - Catalyst Semiconductor CAT9555WI Datasheet HTML 8Page - Catalyst Semiconductor CAT9555WI Datasheet HTML 9Page - Catalyst Semiconductor CAT9555WI Datasheet HTML 10Page - Catalyst Semiconductor CAT9555WI Datasheet HTML 11Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
CAT9555
7
Doc. No. MD-9003, Rev. G
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
A0, A1, A2: Device Address Inputs
These inputs are used for extended addressing capabil-
ity. The A0, A1, A2 pins should be hardwired to VCC or
VSS. When hardwired, up to eight CAT9555s may be
addressed on a single bus system. The levels on these
inputs are compared with corresponding bits, A2, A1,
A0, from the slave address byte.
I/O 0.0 to I/O 0.7, I/O 1.0 to I/O 1.7: Input / Output Ports
Any of these pins may be configured as input or output.
The simplified schematic of I/Os is shown in Figure 4.
When an I/O is configured as an input, the Q1 and Q2
output transistors are off creating a high impedance
input with a weak pull-up resistor (typical 100 kohm). If
the I/O pin is configured as an output, the push-pull
output stage is enabled. Care should be taken if an
external voltage is applied to an I/O pin configured as an
output due to the low impedance paths that exist be-
tween the pin and either VCC or VSS.
PIN DESCRIPTION
SCL: Serial Clock
The serial clock input clocks all data transferred into or
out of the device. The SCL line requires a pull-up resistor
if it is driven by an open drain output.
SDA: Serial Data/Address
The bidirectional serial data/address pin is used to
transfer all data into and out of the device. The SDA pin
is an open drain output and can be wire-ORed with other
open drain or open collector outputs. A pull-up resistor
must be connected from SDA line to VCC. The value of
the pull-up resistor, Rp, can be calculated based on
minimum and maximum values from Figure 2 and Figure
3 (see Note).
Figure 2. Minimum Rp as a Function of Supply
Voltage (IOL = 3mA @ VOL max)
Figure 3. Maximum Rp Value versus Bus
Capacitance (Fast Mode I2C Bus / tr max = 300ns)
Note: According to the Fast Mode I2C bus specification, for bus capacitance up to 200pF, the pull up device
can be a resistor. For bus loads between 200pF and 400pF, the pull-up device can be a current source
(Imax = 3mA) or a switched resistor circuit.
2.5
2
1.5
1
0.5
0
2
2.4
2.8
3.2
3.6
4
4.4
4.8
5.2
5.6
VCC (V)
8.00
7.00
6.00
5.00
4.00
3.00
2.00
1.00
0.00
50
100
150
200
250
300
350
400
CBUS (pF)


Número de pieza similar - CAT9555WI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT9555WI ONSEMI-CAT9555WI Datasheet
201Kb / 17P
   16-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9003, Rev. I
CAT9555WI ONSEMI-CAT9555WI Datasheet
389Kb / 18P
   16-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9003, Rev. J
CAT9555WI ONSEMI-CAT9555WI Datasheet
176Kb / 16P
   16-bit I2C and SMBus I/O Port with Interrupt
June, 2011 ??Rev. 11
logo
Catalyst Semiconductor
CAT9555WI-T1 CATALYST-CAT9555WI-T1 Datasheet
212Kb / 17P
   16-bit I2C and SMBus I/O Port with Interrupt
logo
ON Semiconductor
CAT9555WI-T1 ONSEMI-CAT9555WI-T1 Datasheet
201Kb / 17P
   16-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9003, Rev. I
More results

Descripción similar - CAT9555WI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT9555 CATALYST-CAT9555 Datasheet
212Kb / 17P
   16-bit I2C and SMBus I/O Port with Interrupt
logo
NXP Semiconductors
PCA9555 PHILIPS-PCA9555 Datasheet
185Kb / 22P
   16-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
logo
ON Semiconductor
CAT9555 ONSEMI-CAT9555_11 Datasheet
176Kb / 16P
   16-bit I2C and SMBus I/O Port with Interrupt
June, 2011 ??Rev. 11
logo
NXP Semiconductors
PCA9555 NXP-PCA9555_13 Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
logo
Pericom Semiconductor C...
PI4IOE5V9555 PERICOM-PI4IOE5V9555 Datasheet
127Kb / 1P
   16-bit I2C-bus and SMBus I/O port with interrupt
logo
NXP Semiconductors
PCA9555D-T NXP-PCA9555D-T Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
PCA9555 NXP-PCA9555 Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
logo
Catalyst Semiconductor
CAT9554A CATALYST-CAT9554A Datasheet
267Kb / 16P
   8-bit I2C and SMBus I/O Port with Interrupt
logo
NXP Semiconductors
PCA9554 PHILIPS-PCA9554 Datasheet
183Kb / 20P
   8-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
PCA9535 PHILIPS-PCA9535 Datasheet
139Kb / 19P
   16-bit I2C and SMBus, low power I/O port with interrupt
2003 Jun 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com