Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT9555WI Datasheet(PDF) 9 Page - Catalyst Semiconductor

No. de pieza CAT9555WI
Descripción Electrónicos  16-bit I2C and SMBus I/O Port with Interrupt
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT9555WI Datasheet(HTML) 9 Page - Catalyst Semiconductor

Back Button CAT9555WI Datasheet HTML 5Page - Catalyst Semiconductor CAT9555WI Datasheet HTML 6Page - Catalyst Semiconductor CAT9555WI Datasheet HTML 7Page - Catalyst Semiconductor CAT9555WI Datasheet HTML 8Page - Catalyst Semiconductor CAT9555WI Datasheet HTML 9Page - Catalyst Semiconductor CAT9555WI Datasheet HTML 10Page - Catalyst Semiconductor CAT9555WI Datasheet HTML 11Page - Catalyst Semiconductor CAT9555WI Datasheet HTML 12Page - Catalyst Semiconductor CAT9555WI Datasheet HTML 13Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
CAT9555
9
Doc. No. MD-9003, Rev. G
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Figure 5. Start/Stop Timing
FUNCTIONAL DESCRIPTION
The CAT9555 general purpose input/output (GPIO)
peripheral provides up to sixteen I/O ports, controlled
through an I2C compatible serial interface
The CAT9555 supports the I2C Bus data transmission
protocol. This Inter-Integrated Circuit Bus protocol defines
any device that sends data to the bus to be a transmitter
and any device receiving data to be a receiver. The
transfer is controlled by the Master device which
generates the serial clock and all START and STOP
conditions for bus access. The CAT9555 operates as a
Slave device. Both the Master device and Slave device
can operate as either transmitter or receiver, but the
Master device controls which mode is activated.
I2C Bus Protocol
The features of the I2C bus protocol are defined as
follows:
(1) Data transfer may be initiated only when the bus
is not busy.
(2) During a data transfer, the data line must remain
stable whenever the clock line is high. Any
changes in the data line while the clock line is high
will be interpreted as a START or STOP condition
(Figure 5).
START and STOP Conditions
The START Condition precedes all commands to the
device, and is defined as a HIGH to LOW transition of
SDA when SCL is HIGH. The CAT9555 monitors the
SDA and SCL lines and will not respond until this
condition is met.
A LOW to HIGH transition of SDA when SCL is HIGH
determines the STOP condition. All operations must end
with a STOP condition.
Device Addressing
After the bus Master sends a START condition, a slave
address byte is required to enable the CAT9555 for a
read or write operation. The four most significant bits of
the slave address are fixed as binary 0100 (Figure 6).
The CAT9555 uses the next three bits as address bits.
The address bits A2, A1 and A0 are used to select which
device is accessed from maximum eight devices on the
same bus. These bits must compare to their hardwired
input pins. The 8th bit following the 7-bit slave address
is the R/
W bit that specifies whether a read or write
operation is to be performed. When this bit is set to “1”,
a read operation is initiated, and when set to “0”, a write
operation is selected.
Following the START condition and the slave address
byte, the CAT9555 monitors the bus and responds with
an acknowledge (on the SDA line) when its address
matches the transmitted slave address. The CAT9555
then performs a read or a write operation depending on
the state of the R/
W bit.
START
CONDITION
STOP
CONDITION
SDA
SCL
0
1
0
0
A2
A1
A0
R/W
SLAVE ADDRESS
FIXED
PROGRAMMABLE
HARDWARE
SELECTABLE
Figure 6. CAT9555 Slave Address


Número de pieza similar - CAT9555WI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT9555WI ONSEMI-CAT9555WI Datasheet
201Kb / 17P
   16-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9003, Rev. I
CAT9555WI ONSEMI-CAT9555WI Datasheet
389Kb / 18P
   16-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9003, Rev. J
CAT9555WI ONSEMI-CAT9555WI Datasheet
176Kb / 16P
   16-bit I2C and SMBus I/O Port with Interrupt
June, 2011 ??Rev. 11
logo
Catalyst Semiconductor
CAT9555WI-T1 CATALYST-CAT9555WI-T1 Datasheet
212Kb / 17P
   16-bit I2C and SMBus I/O Port with Interrupt
logo
ON Semiconductor
CAT9555WI-T1 ONSEMI-CAT9555WI-T1 Datasheet
201Kb / 17P
   16-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9003, Rev. I
More results

Descripción similar - CAT9555WI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT9555 CATALYST-CAT9555 Datasheet
212Kb / 17P
   16-bit I2C and SMBus I/O Port with Interrupt
logo
NXP Semiconductors
PCA9555 PHILIPS-PCA9555 Datasheet
185Kb / 22P
   16-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
logo
ON Semiconductor
CAT9555 ONSEMI-CAT9555_11 Datasheet
176Kb / 16P
   16-bit I2C and SMBus I/O Port with Interrupt
June, 2011 ??Rev. 11
logo
NXP Semiconductors
PCA9555 NXP-PCA9555_13 Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
logo
Pericom Semiconductor C...
PI4IOE5V9555 PERICOM-PI4IOE5V9555 Datasheet
127Kb / 1P
   16-bit I2C-bus and SMBus I/O port with interrupt
logo
NXP Semiconductors
PCA9555D-T NXP-PCA9555D-T Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
PCA9555 NXP-PCA9555 Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
logo
Catalyst Semiconductor
CAT9554A CATALYST-CAT9554A Datasheet
267Kb / 16P
   8-bit I2C and SMBus I/O Port with Interrupt
logo
NXP Semiconductors
PCA9554 PHILIPS-PCA9554 Datasheet
183Kb / 20P
   8-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
PCA9535 PHILIPS-PCA9535 Datasheet
139Kb / 19P
   16-bit I2C and SMBus, low power I/O port with interrupt
2003 Jun 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com