Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAT42W Datasheet(PDF) 3 Page - Galaxy Semi-Conductor Holdings Limited

No. de pieza BAT42W
Descripción Electrónicos  Schottky Barrier Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BILIN [Galaxy Semi-Conductor Holdings Limited]
Página de inicio  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BAT42W Datasheet(HTML) 3 Page - Galaxy Semi-Conductor Holdings Limited

  BAT42W Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BAT42W Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited BAT42W Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BL Galaxy Electrical
Production specification
Schottky Barrier Diode
BAT42W-BAT43W
Document number: BL/SSSKA007
www.galaxycn.com
Rev.A
3
PACKAGE OUTLINE
Plastic surface mounted package
SOD-123
SOD-123
Dim
Min
Max
A
1.4
1.8
B
2.55
2.85
C
1.15 Typical
D
0.5
0.6
E
0.3
0.4
H
0.02
0.10
J
0.1 Typical
K
3.55
3.85
All Dimensions in mm
SOLDERING FOOTPRINT
K
J
H
E
D
C
A
B
Unit : mm
PACKAGE INFORMATION
Device
Package
Shipping
BAT42W/43W
SOD-123
3000/Tape&Reel


Número de pieza similar - BAT42W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SUNMATE electronic Co.,...
BAT42W SUNMATE-BAT42W Datasheet
113Kb / 2P
   200mA Surface Mount Schottky Barrier Rectifiers
logo
Pan Jit International I...
BAT42W PANJIT-BAT42W Datasheet
61Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Galaxy Semi-Conductor H...
BAT42W BILIN-BAT42W Datasheet
146Kb / 4P
   Schottky Barrier Diode
logo
Guangdong Kexin Industr...
BAT42W KEXIN-BAT42W Datasheet
37Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Micro Commercial Compon...
BAT42W MCC-BAT42W Datasheet
217Kb / 3P
   200mW Schottky Diodes 30 Volts
More results

Descripción similar - BAT42W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com